Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN10803 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # AN10803
Description  Triac dimmable CFL application using the UBA2028
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AN10803 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button AN10803_15 Datasheet HTML 3Page - NXP Semiconductors AN10803_15 Datasheet HTML 4Page - NXP Semiconductors AN10803_15 Datasheet HTML 5Page - NXP Semiconductors AN10803_15 Datasheet HTML 6Page - NXP Semiconductors AN10803_15 Datasheet HTML 7Page - NXP Semiconductors AN10803_15 Datasheet HTML 8Page - NXP Semiconductors AN10803_15 Datasheet HTML 9Page - NXP Semiconductors AN10803_15 Datasheet HTML 10Page - NXP Semiconductors AN10803_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
AN10803
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Application note
Rev. 2 — 27 February 2012
7 of 30
NXP Semiconductors
AN10803
Triac dimmable CFL using UBA2028/UBA2014/UBA2027x
3.
Designing the application
3.1 Block diagram
Figure 6 shows the block diagram of the dimmable CFL with charge pump. The phase cut
mains voltage is supplied to the CFL. The input voltage is rectified and supplied to the
inverter, and also used for detecting the phase cut adjustment of the dimmer. This is done
by measuring the average input voltage and supplying it to the control input of the inverter
control IC. That is, the CSP pin of the UBA2014 or UBA2028 and the DCI pin of the
UBA2027x. The dimmer phase cut detection must be non-linear. That is, the lamp must be
dimmed to 10 % before the bus voltage becomes too low and the inverter switches off due
to low supply voltage.
In practice, the lamp must already be dimmed to 10 % at 120 degrees phase cut and
preferably maintain the lowest dim level to 130 degrees. Beyond that value, the lamp is
off, but the inverter is still switching and providing a charge pump current. Without the
charge pump current, the CFL input is high (ohmic), and the input voltage is no longer a
reliable representation of the dimmer position.
3.2 Resonant tank
Once the gas in the CFL tube is ionized however, its impedance becomes negative. This
means that the more current is flowing through the tube, the more conductive it becomes
The increased current increases the degree of ionization of the gas. Therefore, add some
form of current limiter to the lamp to prevent the current increasing to a level where the
tube is destroyed.
An inductor is placed in series with the tube therefore, the tube is supplied with a current,
rather than with a voltage. A capacitor is placed in parallel to the tube that creates a
resonant circuit or resonant tank in combination with the series inductor to ignite the tube.
Before ignition, the lamp impedance is almost infinite, so the quality factor of the resonant
tank is high. At start-up and before lamp ignition the switching frequency is above the
resonance frequency and goes down in frequency until the tube ignites.
Fig 6.
Block diagram of the charge pump CFL dimmer
019aab963
voltage source charge pump
DIMMER
CFL
mains
FILTER
INVERTER
DIMMER
PHASE CUT
DETECTOR


Similar Part No. - AN10803_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AN10808 NXP-AN10808 Datasheet
99Kb / 17P
   Thermal consideration of NXP FlatPower MEGA Schottky
Rev. 2-12 February 2013
More results

Similar Description - AN10803_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AN10961 PHILIPS-AN10961_15 Datasheet
1Mb / 57P
   Dimmable CFL using the UBA2027X family
Rev. 2-8 June 2012
logo
STMicroelectronics
AN2590 STMICROELECTRONICS-AN2590 Datasheet
833Kb / 17P
   20 W dimmable CFL ballast solution
logo
Fairchild Semiconductor
AN-9745 FAIRCHILD-AN-9745 Datasheet
1Mb / 11P
   Design Guide for TRIAC Dimmable LED Driver Using FL7730
logo
STMicroelectronics
VK05CFL STMICROELECTRONICS-VK05CFL_03 Datasheet
311Kb / 14P
   ELECTRONIC DRIVER FOR CFL APPLICATION
logo
NXP Semiconductors
UM10409 PHILIPS-UM10409 Datasheet
962Kb / 25P
   120 V high power factor CFL reference board using the UBA2014T
Rev. 1-12 October 2010
logo
STMicroelectronics
VK05CFL STMICROELECTRONICS-VK05CFL Datasheet
310Kb / 14P
   ELECTRONIC DRIVER FOR CFL APPLICATION
logo
Diodes Incorporated
AL1692K DIODES-AL1692K Datasheet
977Kb / 14P
   TRIAC DIMMABLE LED DRIVER
Rev. 2 - 2 December 2022
logo
International Rectifier
IRPLCFL8U IRF-IRPLCFL8U Datasheet
609Kb / 27P
   Simplified Three Level Dimming CFL Fluorescent Ballast using the IRS2530D DIM8TM
logo
List of Unclassifed Man...
WS9841 ETC2-WS9841 Datasheet
627Kb / 8P
   High Efficiency TRIAC dimmable LED
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com