Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC7215 Datasheet(PDF) 1 Page - Texas Instruments

Part # LMC7215
Description  Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC7215 Datasheet(HTML) 1 Page - Texas Instruments

  LMC7215_15 Datasheet HTML 1Page - Texas Instruments LMC7215_15 Datasheet HTML 2Page - Texas Instruments LMC7215_15 Datasheet HTML 3Page - Texas Instruments LMC7215_15 Datasheet HTML 4Page - Texas Instruments LMC7215_15 Datasheet HTML 5Page - Texas Instruments LMC7215_15 Datasheet HTML 6Page - Texas Instruments LMC7215_15 Datasheet HTML 7Page - Texas Instruments LMC7215_15 Datasheet HTML 8Page - Texas Instruments LMC7215_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LMC7215, LMC7225
www.ti.com
SNOS882E – SEPTEMBER 1999 – REVISED MARCH 2013
LMC7215/LMC7215-Q1/LMC7225 Micro-Power, Rail-to-Rail CMOS Comparators with Push-
Pull/Open-Drain Outputs
Check for Samples: LMC7215, LMC7225
1
FEATURES
DESCRIPTION
The LMC7215/LMC7215-Q1/LMC7225 are ultra low
2
(Typical Unless Otherwise Noted)
power comparators with a maximum of 1
μA power
Ultra Low Power Consumption 0.7
μA
supply current. They are designed to operate over a
Wide Range of Supply Voltages 2V to 8V
wide range of supply voltages, from 2V to 8V.
Input Common-Mode Range Beyond V+ and V
The
LMC7215/LMC7215-Q1/LMC7225
have
a
Open Collector and Push-Pull Output
greater than rail-to-rail common mode voltage range.
This is a real advantage in single supply applications.
High Output Current Drive: (@ VS = 5V) 45 mA
The LMC7215 features a push-pull output stage. This
Propagation Delay (@ VS = 5V, 10 mV
feature allows operation with absolute minimum
Overdrive) 25
μs
amount of power consumption when driving any load.
Tiny 5-Pin SOT-23 Package
The LMC7225 features an open drain output. By
Latch-up Resistance >300 mA
connecting an external resistor, the output of the
LMC7215-Q1 is an Automotive Grade Product
comparator can be used as a level shifter to any
that is AEC-Q100 Grade 3 Qualified.
desired voltage to as high as 15V.
The LMC7215/LMC7215-Q1/LMC7225 are designed
APPLICATIONS
for systems where low power consumption is the
Laptop Computers
critical parameter.
Mobile Phones
Ensured operation over the full supply voltage range
Metering Systems
of 2.7V to 5V and rail-to-rail performance makes this
comparator ideal for battery-powered applications.
Hand-held Electronics
RC Timers
Alarm and Monitoring Circuits
Window Comparators, Multivibrators
Automotive
Connection Diagrams
Figure 1. 8-Pin SOIC (Top View)
Figure 2. 5-Pin SOT-23 (Top View)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMC7215_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7215IM NSC-LMC7215IM Datasheet
360Kb / 11P
   Micro-Power, Rail-to-Rail CMOS Comparators with Open-Drain/Push-Pull Outputs and TinyPak??Package
LMC7215IM NSC-LMC7215IM Datasheet
775Kb / 11P
   Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs and TinyPak??Package
LMC7215IM5 NSC-LMC7215IM5 Datasheet
360Kb / 11P
   Micro-Power, Rail-to-Rail CMOS Comparators with Open-Drain/Push-Pull Outputs and TinyPak??Package
LMC7215IM5 NSC-LMC7215IM5 Datasheet
775Kb / 11P
   Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs and TinyPak??Package
logo
Texas Instruments
LMC7215IM5-NOPB TI1-LMC7215IM5-NOPB Datasheet
1Mb / 19P
[Old version datasheet]   LMC7215/LMC7215-Q1/LMC7225 Micro-Power, Rail-to-Rail CMOS Comparators with Push- Pull/Open-Drain Outputs
More results

Similar Description - LMC7215_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7215 NSC-LMC7215 Datasheet
360Kb / 11P
   Micro-Power, Rail-to-Rail CMOS Comparators with Open-Drain/Push-Pull Outputs and TinyPak??Package
LMC7215 NSC-LMC7215_06 Datasheet
775Kb / 11P
   Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs and TinyPak??Package
logo
Texas Instruments
LMC7215IM5-NOPB TI1-LMC7215IM5-NOPB Datasheet
1Mb / 19P
[Old version datasheet]   LMC7215/LMC7215-Q1/LMC7225 Micro-Power, Rail-to-Rail CMOS Comparators with Push- Pull/Open-Drain Outputs
logo
Global Mixed-mode Techn...
G1337 GMT-G1337 Datasheet
80Kb / 1P
   Dual Rail-to-Rail CMOS Comparators with Open- Drain Output
logo
Texas Instruments
TLV7211 TI-TLV7211_07 Datasheet
474Kb / 19P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211 TI-TLV7211_10 Datasheet
722Kb / 20P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211 TI-TLV7211 Datasheet
469Kb / 16P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
logo
New Japan Radio
NJU77230 NJRC-NJU77230 Datasheet
1Mb / 25P
   Rail-to-Rail Input,Push-Pull Output Low power CMOS Comparators
Ver.3
logo
Global Mixed-mode Techn...
G1335 GMT-G1335 Datasheet
160Kb / 1P
   Rail-to-Rail CMOS Comparator with Open-Drain Output
logo
New Japan Radio
NJU77240 NJRC-NJU77240 Datasheet
1Mb / 25P
   Excellent EMI Immunity Rail-to-Rail Input, Open-Drain Output Low power CMOS Comparators
Ver.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com