Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP2231 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2231
Description  Single Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP2231 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMP2231 Datasheet HTML 3Page - Texas Instruments LMP2231 Datasheet HTML 4Page - Texas Instruments LMP2231 Datasheet HTML 5Page - Texas Instruments LMP2231 Datasheet HTML 6Page - Texas Instruments LMP2231 Datasheet HTML 7Page - Texas Instruments LMP2231 Datasheet HTML 8Page - Texas Instruments LMP2231 Datasheet HTML 9Page - Texas Instruments LMP2231 Datasheet HTML 10Page - Texas Instruments LMP2231 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
LMP2231
www.ti.com
SNOSB01E – JANUARY 2008 – REVISED MARCH 2013
1.8V DC Electrical Characteristics
(1)
Unless otherwise specified, all limits ensured for TA = 25°C, V
+ = 1.8V, V= 0V, V
CM = VO = V
+/2, and R
L > 1 MΩ. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
VOS
Input Offset Voltage
±10
±230
μV
±325
TCVOS
Input Offset Voltage Drift
LMP2231A
±0.3
±0.4
μV/°C
LMP2231B
±0.3
±2.5
IBIAS
Input Bias Current
0.02
±1.0
pA
±50
IOS
Input Offset Current
5
fA
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 0.8V
76
92
dB
75
PSRR
Power Supply Rejection Ratio
1.6V
≤ V+ ≤ 5.5V
83
120
dB
V= 0V, VCM = 0V
83
CMRR
≥ 76 dB
−0.2
1.0
CMVR
Common Mode Voltage Rang
V
CMRR
≥ 75 dB
0
1.0
VO = 0.3V to 1.5V
103
AVOL
Large Signal Voltage Gain
120
dB
RL = 10 kΩ to V
+/2
103
VO
Output Swing High
RL = 10 kΩ to V
+/2
12
50
mV
VIN(diff) = 100 mV
50
from either
RL = 10 kΩ to V
+/2
50
rail
Output Swing Low
13
VIN(diff) = −100 mV
50
IO
Output Current (4)
Sourcing, VO to V
2.5
5
VIN(diff) = 100 mV
2
mA
Sinking, VO to V
+
2
5
VIN(diff) = −100 mV
1.5
IS
Supply Current
10
14
µA
15
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self-heating where TJ > TA. Absolute Maximum Ratings indicate junction temperature limits beyond
which the device may be permanently degraded, either mechanically or electrically.
(2)
All limits are specified by testing, statistical analysis or design.
(3)
Typical values represent the most likely parametric norm at the time of characterization. Actual typical values may vary over time and
will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped production
material.
(4)
The short circuit test is a momentary open loop test.
1.8V AC Electrical Characteristics
(1)
Unless otherwise is specified, all limits ensured for TA = 25°C, V
+ = 1.8V, V= 0V, V
CM = VO = V
+/2, and R
L > 1 MΩ. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
GBW
Gain-Bandwidth Product
CL = 20 pF, RL = 10 kΩ
127
kHz
SR
Slew Rate
AV = +1, CL = 20 pF Falling Edge
58
V/ms
RL = 10 kΩ
Rising Edge
48
θ m
Phase Margin
CL = 20 pF, RL = 10 kΩ
70
deg
Gm
Gain Margin
CL = 20 pF, RL = 10 kΩ
25
dB
en
Input-Referred Voltage Noise Density
f = 1 kHz
60
nV/
√Hz
Input-Referred Voltage Noise
0.1 Hz to 10 Hz
2.4
μVPP
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self-heating where TJ > TA. Absolute Maximum Ratings indicate junction temperature limits beyond
which the device may be permanently degraded, either mechanically or electrically.
(2)
All limits are specified by testing, statistical analysis or design.
(3)
Typical values represent the most likely parametric norm at the time of characterization. Actual typical values may vary over time and
will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped production
material.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMP2231


Similar Part No. - LMP2231

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP2231 NSC-LMP2231 Datasheet
801Kb / 20P
   Micropower, 1.8V, Precision Operational Amplifier with CMOS Inputs
LMP2231 NSC-LMP2231 Datasheet
802Kb / 20P
   Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
LMP2231AMA NSC-LMP2231AMA Datasheet
801Kb / 20P
   Micropower, 1.8V, Precision Operational Amplifier with CMOS Inputs
LMP2231AMA NSC-LMP2231AMA Datasheet
802Kb / 20P
   Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
LMP2231AMAE NSC-LMP2231AMAE Datasheet
801Kb / 20P
   Micropower, 1.8V, Precision Operational Amplifier with CMOS Inputs
More results

Similar Description - LMP2231

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP2231_0812 NSC-LMP2231_0812 Datasheet
802Kb / 20P
   Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
LMP2234_0812 NSC-LMP2234_0812 Datasheet
856Kb / 20P
   Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
LMP2232_0812 NSC-LMP2232_0812 Datasheet
803Kb / 20P
   Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
logo
Texas Instruments
LMP2232 TI1-LMP2232_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
LMP2234 TI-LMP2234_13 Datasheet
1Mb / 31P
[Old version datasheet]   LMP2234 Quad Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
LMP2234 TI1-LMP2234 Datasheet
1Mb / 31P
[Old version datasheet]   Quad Micropower, 1.6V, Precision, Operational Amplifier
logo
National Semiconductor ...
LMP2231 NSC-LMP2231 Datasheet
801Kb / 20P
   Micropower, 1.8V, Precision Operational Amplifier with CMOS Inputs
LMC6061 NSC-LMC6061 Datasheet
312Kb / 12P
   Precision CMOS Single Micropower Operational Amplifier
LMC6061 NSC-LMC6061_14 Datasheet
1Mb / 21P
   PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6061 TI1-LMC6061 Datasheet
1Mb / 21P
[Old version datasheet]   PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com