Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLD1314EL Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLD1314EL
Description  3 Channel High Side Current Source
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLD1314EL Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLD1314EL Datasheet HTML 1Page - Infineon Technologies AG TLD1314EL Datasheet HTML 2Page - Infineon Technologies AG TLD1314EL Datasheet HTML 3Page - Infineon Technologies AG TLD1314EL Datasheet HTML 4Page - Infineon Technologies AG TLD1314EL Datasheet HTML 5Page - Infineon Technologies AG TLD1314EL Datasheet HTML 6Page - Infineon Technologies AG TLD1314EL Datasheet HTML 7Page - Infineon Technologies AG TLD1314EL Datasheet HTML 8Page - Infineon Technologies AG TLD1314EL Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
PG-SSOP14
Type
Package
Marking
TLD1314EL
PG-SSOP14
TLD1314EL
Data Sheet
3
Rev. 1.1, 2015-03-24
3 Channel High Side Current Source
LITIXTM Basic
TLD1314EL
1Overview
Features
3 Channel device with integrated output stages (current sources),
optimized to drive LEDs
Output current up to 120mA per channel
Low current consumption
PWM-operation supported via VS-pin
Output current adjustable via external low power resistor and
possibility to connect PTC resistor for LED protection during over
temperature conditions
Reverse polarity protection
Overload protection
Undervoltage detection
Open load and short circuit to GND diagnosis
Wide temperature range: -40 °C < Tj < 150 °C
PG-SSOP14 package with exposed heatslug
Green Product (RoHS compliant)
AEC Qualified
Description
The LITIXTM Basic TLD1314EL is a three channel high side driver IC with integrated output stages. It is designed
to control LEDs with a current up to 120 mA. In typical automotive applications the device is capable to drive i.e.
3 red LEDs per chain (total 9 LEDs) with a current up to 60mA, which is limited by thermal cooling aspects. The
output current is controlled practically independent of load and supply voltage changes.
Table 1
Product Summary
Operating voltage
V
S(nom)
5.5 V… 40 V
Maximum voltage
V
S(max)
V
OUTx(max)
40 V
Nominal output (load) current
I
OUTx(nom)
60 mA when using a supply voltage range of 8V
- 18V (e.g. Automotive car battery). Currents up
to
I
OUT(max) possible in applications with low
thermal resistance
R
thJA
Maximum output (load) current
I
OUTx(max)
120 mA; depending on thermal resistance
R
thJA
Output current accuracy at
R
SET = 12 kΩ
k
LT
750 ± 7%


Similar Part No. - TLD1314EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD1314EL INFINEON-TLD1314EL Datasheet
1Mb / 29P
   3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD1314EL INFINEON-TLD1314EL Datasheet
1Mb / 29P
   3 Channel High Side Current Source
Rev. 1.0, 2013-08-08
logo
Marl International Limi...
TLD1314EL MARL-TLD1314EL_15 Datasheet
1Mb / 29P
   Basic LED Driver
More results

Similar Description - TLD1314EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD2311EL INFINEON-TLD2311EL Datasheet
1Mb / 34P
   3 Channel High Side Current Source
Rev. 1.0, 2013-08-08
TLD1312EL INFINEON-TLD1312EL_15 Datasheet
1Mb / 27P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-19
TLD2314EL INFINEON-TLD2314EL Datasheet
1Mb / 31P
   3 Channel High Side Current Source
Rev. 1.0, 2013-08-08
TLD2311EL INFINEON-TLD2311EL_15 Datasheet
1Mb / 34P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-24
TLD1313EL INFINEON-TLD1313EL_15 Datasheet
1Mb / 31P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-24
TLD1314EL INFINEON-TLD1314EL Datasheet
1Mb / 29P
   3 Channel High Side Current Source
Rev. 1.0, 2013-08-08
TLD1311EL INFINEON-TLD1311EL_15 Datasheet
1Mb / 33P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-19
TLD1315EL INFINEON-TLD1315EL_15 Datasheet
1Mb / 34P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-24
TLD2314EL INFINEON-TLD2314EL_15 Datasheet
1Mb / 31P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-24
TLD2326EL INFINEON-TLD2326EL_15 Datasheet
1Mb / 30P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com