Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN11187 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # AN11187
Description  UBA2015/UBA2017 saturating inductor support during ignition
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AN11187 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button AN11187_15 Datasheet HTML 4Page - NXP Semiconductors AN11187_15 Datasheet HTML 5Page - NXP Semiconductors AN11187_15 Datasheet HTML 6Page - NXP Semiconductors AN11187_15 Datasheet HTML 7Page - NXP Semiconductors AN11187_15 Datasheet HTML 8Page - NXP Semiconductors AN11187_15 Datasheet HTML 9Page - NXP Semiconductors AN11187_15 Datasheet HTML 10Page - NXP Semiconductors AN11187_15 Datasheet HTML 11Page - NXP Semiconductors AN11187_15 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AN11187
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Application note
Rev. 1 — 16 August 2012
11 of 12
NXP Semiconductors
AN11187
UBA2015/UBA2017 saturating inductor support during ignition
8.
Legal information
8.1
Definitions
Draft — The document is a draft version only. The content is still under
internal review and subject to formal approval, which may result in
modifications or additions. NXP Semiconductors does not give any
representations or warranties as to the accuracy or completeness of
information included herein and shall have no liability for the consequences of
use of such information.
8.2
Disclaimers
Limited warranty and liability — Information in this document is believed to
be accurate and reliable. However, NXP Semiconductors does not give any
representations or warranties, expressed or implied, as to the accuracy or
completeness of such information and shall have no liability for the
consequences of use of such information. NXP Semiconductors takes no
responsibility for the content in this document if provided by an information
source outside of NXP Semiconductors.
In no event shall NXP Semiconductors be liable for any indirect, incidental,
punitive, special or consequential damages (including - without limitation - lost
profits, lost savings, business interruption, costs related to the removal or
replacement of any products or rework charges) whether or not such
damages are based on tort (including negligence), warranty, breach of
contract or any other legal theory.
Notwithstanding any damages that customer might incur for any reason
whatsoever, NXP Semiconductors’ aggregate and cumulative liability towards
customer for the products described herein shall be limited in accordance
with the Terms and conditions of commercial sale of NXP Semiconductors.
Right to make changes — NXP Semiconductors reserves the right to make
changes to information published in this document, including without
limitation specifications and product descriptions, at any time and without
notice. This document supersedes and replaces all information supplied prior
to the publication hereof.
Suitability for use — NXP Semiconductors products are not designed,
authorized or warranted to be suitable for use in life support, life-critical or
safety-critical systems or equipment, nor in applications where failure or
malfunction of an NXP Semiconductors product can reasonably be expected
to result in personal injury, death or severe property or environmental
damage. NXP Semiconductors and its suppliers accept no liability for
inclusion and/or use of NXP Semiconductors products in such equipment or
applications and therefore such inclusion and/or use is at the customer’s own
risk.
Applications — Applications that are described herein for any of these
products are for illustrative purposes only. NXP Semiconductors makes no
representation or warranty that such applications will be suitable for the
specified use without further testing or modification.
Customers are responsible for the design and operation of their applications
and products using NXP Semiconductors products, and NXP Semiconductors
accepts no liability for any assistance with applications or customer product
design. It is customer’s sole responsibility to determine whether the NXP
Semiconductors product is suitable and fit for the customer’s applications and
products planned, as well as for the planned application and use of
customer’s third party customer(s). Customers should provide appropriate
design and operating safeguards to minimize the risks associated with their
applications and products.
NXP Semiconductors does not accept any liability related to any default,
damage, costs or problem which is based on any weakness or default in the
customer’s applications or products, or the application or use by customer’s
third party customer(s). Customer is responsible for doing all necessary
testing for the customer’s applications and products using NXP
Semiconductors products in order to avoid a default of the applications and
the products or of the application or use by customer’s third party
customer(s). NXP does not accept any liability in this respect.
Export control — This document as well as the item(s) described herein
may be subject to export control regulations. Export might require a prior
authorization from competent authorities.
Evaluation products — This product is provided on an “as is” and “with all
faults” basis for evaluation purposes only. NXP Semiconductors, its affiliates
and their suppliers expressly disclaim all warranties, whether express, implied
or statutory, including but not limited to the implied warranties of
non-infringement, merchantability and fitness for a particular purpose. The
entire risk as to the quality, or arising out of the use or performance, of this
product remains with customer.
In no event shall NXP Semiconductors, its affiliates or their suppliers be liable
to customer for any special, indirect, consequential, punitive or incidental
damages (including without limitation damages for loss of business, business
interruption, loss of use, loss of data or information, and the like) arising out
the use of or inability to use the product, whether or not based on tort
(including negligence), strict liability, breach of contract, breach of warranty or
any other theory, even if advised of the possibility of such damages.
Notwithstanding any damages that customer might incur for any reason
whatsoever (including without limitation, all damages referenced above and
all direct or general damages), the entire liability of NXP Semiconductors, its
affiliates and their suppliers and customer’s exclusive remedy for all of the
foregoing shall be limited to actual damages incurred by customer based on
reasonable reliance up to the greater of the amount actually paid by customer
for the product or five dollars (US$5.00). The foregoing limitations, exclusions
and disclaimers shall apply to the maximum extent permitted by applicable
law, even if any remedy fails of its essential purpose.
Translations — A non-English (translated) version of a document is for
reference only. The English version shall prevail in case of any discrepancy
between the translated and English versions.
8.3
Trademarks
Notice: All referenced brands, product names, service names and trademarks
are the property of their respective owners.


Similar Part No. - AN11187_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AN11101 NXP-AN11101 Datasheet
632Kb / 20P
   BGU7007 GPS front end evaluation board
Rev. 1-7 September 2011
AN11102 PHILIPS-AN11102 Datasheet
474Kb / 12P
   BFU725F/N1 2.4 GHz LNA evaluation board
Rev. 1-28 July 2011
logo
STANLEY ELECTRIC CO.,LT...
AN1111C STANLEY-AN1111C Datasheet
185Kb / 10P
   Surface Mount IRED
AN1111C STANLEY-AN1111C Datasheet
286Kb / 17P
   Surface Mount IRED/1608 ( t = 0.7 mm) Type
AN1111R STANLEY-AN1111R Datasheet
186Kb / 10P
   Surface Mount IRED/Reverse Mount Type
More results

Similar Description - AN11187_15

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DFSG SCHURTER-DFSG_17 Datasheet
379Kb / 4P
   Saturating Choke
DFSG SCHURTER-DFSG_V01 Datasheet
362Kb / 3P
   Saturating Choke
04.01.2022
DLFL SCHURTER-DLFL_17 Datasheet
252Kb / 3P
   Linear/Saturating Choke
DFSG SCHURTER-DFSG Datasheet
482Kb / 3P
   Saturating Choke
DFSG SCHURTER-DFSG_18 Datasheet
361Kb / 3P
   Saturating Choke
logo
Schaffner International...
RI-111-PC SCHAFFNER-RI-111-PC Datasheet
903Kb / 4P
   Saturating Chokes
logo
Schurter Inc.
DLFL SCHURTER-DLFL Datasheet
420Kb / 2P
   Linear/Saturating Choke
DLFL SCHURTER-DLFL_V01 Datasheet
264Kb / 3P
   Linear/Saturating Choke
DLFP SCHURTER-DLFP_V01 Datasheet
295Kb / 3P
   Linear/Saturating Choke
14.09.2021
DLFP SCHURTER-DLFP Datasheet
499Kb / 3P
   Linear/Saturating Choke
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com