Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLD2314EL Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLD2314EL
Description  3 Channel High Side Current Source
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLD2314EL Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLD2314EL_15 Datasheet HTML 3Page - Infineon Technologies AG TLD2314EL_15 Datasheet HTML 4Page - Infineon Technologies AG TLD2314EL_15 Datasheet HTML 5Page - Infineon Technologies AG TLD2314EL_15 Datasheet HTML 6Page - Infineon Technologies AG TLD2314EL_15 Datasheet HTML 7Page - Infineon Technologies AG TLD2314EL_15 Datasheet HTML 8Page - Infineon Technologies AG TLD2314EL_15 Datasheet HTML 9Page - Infineon Technologies AG TLD2314EL_15 Datasheet HTML 10Page - Infineon Technologies AG TLD2314EL_15 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
TLD2314EL
Pin Configuration
Data Sheet
7
Rev. 1.1, 2015-03-24
3.2
Pin Definitions and Functions
Pin
Symbol
Input/
Output
Function
1, 2
VS
Supply Voltage; battery supply, connect a decoupling capacitor (100 nF -
1 µF) to GND
3DEN
I
Diagnosis enable pin
4NC
Pin not connected
5
IN_SET3
I/O
Input / SET pin 3; Connect a low power resistor to adjust the output current
6
IN_SET2
I/O
Input / SET pin 2; Connect a low power resistor to adjust the output current
7
IN_SET1
I/O
Input / SET pin 1; Connect a low power resistor to adjust the output current
8NC
Pin not connected
9GND
1) Ground
1) Connect all GND-pins together.
10
ST
I/O
Status pin
11
OUT1
O
Output 1
12
OUT2
O
Output 2
13
OUT3
O
Output 3
14
NC
Pin not connected
Exposed
Pad
GND
1) Exposed Pad; connect to GND in application


Similar Part No. - TLD2314EL_15

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
TLD2314EL MARL-TLD2314EL_15 Datasheet
1Mb / 31P
   Basic LED Driver
More results

Similar Description - TLD2314EL_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD2311EL INFINEON-TLD2311EL Datasheet
1Mb / 34P
   3 Channel High Side Current Source
Rev. 1.0, 2013-08-08
TLD1312EL INFINEON-TLD1312EL_15 Datasheet
1Mb / 27P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-19
TLD2314EL INFINEON-TLD2314EL Datasheet
1Mb / 31P
   3 Channel High Side Current Source
Rev. 1.0, 2013-08-08
TLD1314EL INFINEON-TLD1314EL_15 Datasheet
1Mb / 29P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-24
TLD2311EL INFINEON-TLD2311EL_15 Datasheet
1Mb / 34P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-24
TLD1313EL INFINEON-TLD1313EL_15 Datasheet
1Mb / 31P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-24
TLD1314EL INFINEON-TLD1314EL Datasheet
1Mb / 29P
   3 Channel High Side Current Source
Rev. 1.0, 2013-08-08
TLD1311EL INFINEON-TLD1311EL_15 Datasheet
1Mb / 33P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-19
TLD1315EL INFINEON-TLD1315EL_15 Datasheet
1Mb / 34P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-24
TLD2326EL INFINEON-TLD2326EL_15 Datasheet
1Mb / 30P
   3 Channel High Side Current Source
Rev. 1.1, 2015-03-24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com