Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4205G Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4205G
Description  1-A DC Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4205G Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4205G_15 Datasheet HTML 4Page - Infineon Technologies AG TLE4205G_15 Datasheet HTML 5Page - Infineon Technologies AG TLE4205G_15 Datasheet HTML 6Page - Infineon Technologies AG TLE4205G_15 Datasheet HTML 7Page - Infineon Technologies AG TLE4205G_15 Datasheet HTML 8Page - Infineon Technologies AG TLE4205G_15 Datasheet HTML 9Page - Infineon Technologies AG TLE4205G_15 Datasheet HTML 10Page - Infineon Technologies AG TLE4205G_15 Datasheet HTML 11Page - Infineon Technologies AG TLE4205G_15 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TLE4205G
Data Sheet
8
2015-01-19
Open-loop gain
G
VO
50
80
dB
f = 500 Hz
Inputs
Input zero voltage
V
IO
–7.5
7.5
mV
R
S = 10 kΩ;
Input-voltage drift
ΔV
IOT
–20
30
μV/K
Input zero current
I
IO
–75
75
mA
Input current
I
I
– 300
300
nA
Input-current drift
ΔI
IT
––
5nA/K
Input common-mode
range, positive
V
IC
––
V
S – 2
V
Input common-mode
range, negative
V
IC
– 0.5
V
Power-supply
rejection ratio
PSSR
––
200
μV/V
R
S = 10 kΩ;
Common-mode
rejection ratio
CMRR
70
80
dB
Characteristics (cont’d)
6V <
V
S < 18 V; – 40 °C < Tj < 150 °C
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.


Similar Part No. - TLE4205G_15

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4205G SIEMENS-TLE4205G Datasheet
133Kb / 13P
   1-A DC Motor Driver
logo
Infineon Technologies A...
TLE4205G INFINEON-TLE4205G Datasheet
120Kb / 13P
   1-A DC Motor Driver
2004-02-25
More results

Similar Description - TLE4205G_15

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4205 SIEMENS-TLE4205 Datasheet
133Kb / 13P
   1-A DC Motor Driver
logo
Infineon Technologies A...
TLE4205 INFINEON-TLE4205 Datasheet
120Kb / 13P
   1-A DC Motor Driver
2004-02-25
TLE4206G INFINEON-TLE4206G_15 Datasheet
605Kb / 15P
   1-A DC Motor Driver for Servo Driver Applications
V1.2 2008-02-04
logo
Siemens Semiconductor G...
TLE4206 SIEMENS-TLE4206 Datasheet
142Kb / 14P
   1-A DC Motor Driver for Servo Driver Applications
logo
Infineon Technologies A...
TLE4206-2G INFINEON-TLE4206-2G Datasheet
621Kb / 16P
   1-A DC Motor Driver for Servo Driver Applications
V1.2 2008-02-04
TLE4206-2G INFINEON-TLE4206-2G_17 Datasheet
494Kb / 16P
   1-A DC Motor Driver for Servo Driver Applications
V1.3, 2017-05-19
logo
Fairchild Semiconductor
FAN8010MP FAIRCHILD-FAN8010MP Datasheet
392Kb / 12P
   1 Channel DC Motor Driver
logo
Siemens Semiconductor G...
TLE4202B SIEMENS-TLE4202B Datasheet
106Kb / 14P
   2-A DC Motor Driver
TLE5203 SIEMENS-TLE5203 Datasheet
161Kb / 18P
   3-A DC Motor Driver
TLE4203 SIEMENS-TLE4203 Datasheet
100Kb / 12P
   4-A DC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com