Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK7Y13-40B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BUK7Y13-40B
Description  N-channel TrenchMOS standard level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7Y13-40B Datasheet(HTML) 2 Page - NXP Semiconductors

  BUK7Y13-40B_15 Datasheet HTML 1Page - NXP Semiconductors BUK7Y13-40B_15 Datasheet HTML 2Page - NXP Semiconductors BUK7Y13-40B_15 Datasheet HTML 3Page - NXP Semiconductors BUK7Y13-40B_15 Datasheet HTML 4Page - NXP Semiconductors BUK7Y13-40B_15 Datasheet HTML 5Page - NXP Semiconductors BUK7Y13-40B_15 Datasheet HTML 6Page - NXP Semiconductors BUK7Y13-40B_15 Datasheet HTML 7Page - NXP Semiconductors BUK7Y13-40B_15 Datasheet HTML 8Page - NXP Semiconductors BUK7Y13-40B_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
BUK7Y13-40B_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 26 May 2008
2 of 12
NXP Semiconductors
BUK7Y13-40B
N-channel TrenchMOS standard level FET
2.
Pinning information
3.
Ordering information
4.
Limiting values
[1]
Single-pulse avalanche rating limited by maximum junction temperature of 175
°C.
[2]
Repetitive avalanche rating limited by an average junction temperature of 170
°C.
[3]
Refer to application note AN10273 for further information.
Table 2.
Pinning
Pin
Symbol
Description
Simplified outline
Graphic symbol
1, 2, 3
S
source
SOT669 (LFPAK)
4
G
gate
mb
D
mounting base;
connected to drain
mb
1234
S
D
G
mbb076
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BUK7Y13-40B
LFPAK
plastic single-ended surface-mounted package (LFPAK); 4 leads
SOT669
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C-
40
V
VDGR
drain-gate voltage
RGS =20kΩ
-40
V
VGS
gate-source voltage
20
20
V
ID
drain current
Tmb =25 °C; VGS = 10 V; see Figure 1 and 4
-58
A
Tmb = 175 °C; VGS = 10 V; see Figure 1
-41
A
IDM
peak drain current
Tmb =25 °C; tp ≤ 10 μs; pulsed; see Figure 4
-
234
A
Ptot
total power dissipation
Tmb =25 °C; see Figure 2
-85
W
Tstg
storage temperature
-55
175
°C
Tj
junction temperature
-55
175
°C
Avalanche ruggedness
EDS(AL)S non-repetitive
drain-source avalanche
energy
ID =58A; Vsup ≤ 40 V; RGS =50 Ω;
VGS =10 V; Tj(init) =25 °C; unclamped
-85
mJ
EDS(AL)R repetitive drain-source
avalanche energy
see Figure 3
[1][2]
[3]
--J
Source-drain diode
IS
source current
Tmb =25 °C-
58
A
ISM
peak source current
tp ≤ 10 μs; pulsed; Tmb =25 °C
-
234
A


Similar Part No. - BUK7Y13-40B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7Y13-40B NXP-BUK7Y13-40B_08 Datasheet
198Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-26 May 2008
More results

Similar Description - BUK7Y13-40B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com