Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3201 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV3201
Description  40-ns, microPOWER, Push-Pull Output Comparators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3201 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV3201_15 Datasheet HTML 6Page - Texas Instruments TLV3201_15 Datasheet HTML 7Page - Texas Instruments TLV3201_15 Datasheet HTML 8Page - Texas Instruments TLV3201_15 Datasheet HTML 9Page - Texas Instruments TLV3201_15 Datasheet HTML 10Page - Texas Instruments TLV3201_15 Datasheet HTML 11Page - Texas Instruments TLV3201_15 Datasheet HTML 12Page - Texas Instruments TLV3201_15 Datasheet HTML 13Page - Texas Instruments TLV3201_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Core
-In
+In
Clamp
1 kW
1 kW
−5
−4
−3
−2
−1
0
1
2
3
4
5
0
20
40
60
80
100
120
140
160
180
200
Time (ns)
Output Voltage
Input Voltage
G000
TLV3201
TLV3202
SBOS561A – MARCH 2012 – REVISED JUNE 2012
www.ti.com
APPLICATION INFORMATION
The TLV3201 and TLV3202 are single- and dual-supply (respectively), push-pull comparators featuring 40 ns of
propagation delay on only 40 µA of supply current. This combination of fast response time and minimal power
consumption make the TLV3201 and TLV3202 excellent comparators for portable, battery-powered applications
as well as fast-switching threshold detection such as pulse-width modulation (PWM) output monitors and zero-
cross detection.
COMPARATOR INPUTS
The TLV3201 and TLV3202 are rail-to-rail input comparators, with an input common-mode range that exceeds
the supply rails by 200 mV for both positive and negative supplies. The devices are specified from 2.7 V to 5.5 V,
with room temperature operation from 2.5 V to 5.5 V. The TLV3201 and TLV3202 are designed to prevent phase
inversion when the input pins exceed the supply voltage. Figure 25 shows the TLV320x response when input
voltages exceed the supply, resulting in no phase inversion.
Figure 25. No Phase Inversion: Comparator Response to Input Voltage (Prop Delay Included)
The electrostatic discharge (ESD) protection input structure of two back-to-back diodes and 1-k
Ω series resistors
are used to limit the differential input voltage applied to the precision input of the comparator by clamping input
voltages that exceed VCC beyond the specified operating conditions. If potential overvoltage conditions that
exceed absolute maximum ratings are present, the addition of external bypass diodes and resistors is
recommended, as shown in Figure 26. Large differential voltages greater than the supply voltage should be
avoided to prevent damage to the input stage.
Figure 26. TLV3201 equivalent input structure
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TLV3201 TLV3202


Similar Part No. - TLV3201_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3201 TI1-TLV3201_12 Datasheet
1Mb / 26P
[Old version datasheet]   40-ns, microPOWER, Push-Pull Output Comparators
TLV3201 TI1-TLV3201_14 Datasheet
1Mb / 31P
[Old version datasheet]   40-ns, microPOWER, Push-Pull Output Comparators
More results

Similar Description - TLV3201_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3201 TI1-TLV3201_12 Datasheet
1Mb / 26P
[Old version datasheet]   40-ns, microPOWER, Push-Pull Output Comparators
TLV3201 TI1-TLV3201_14 Datasheet
1Mb / 31P
[Old version datasheet]   40-ns, microPOWER, Push-Pull Output Comparators
TLV3201-Q1 TI1-TLV3201-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   40-ns, Micropower, Push-Pull Output Automotive Comparators
logo
Microchip Technology
PIC16F648A-I MICROCHIP-PIC16F648A-I Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
08/29/06
MCP6541 MICROCHIP-MCP6541_11 Datasheet
803Kb / 46P
   Push-Pull Output Sub-Microamp Comparators
2011
MCP6541 MICROCHIP-MCP6541_06 Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
2006
MCP6541 MICROCHIP-MCP6541 Datasheet
512Kb / 28P
   Push-Pull Output Sub-Microamp Comparators
07/28/03
logo
Texas Instruments
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3491A-EP TI1-TLV3491A-EP_14 Datasheet
526Kb / 15P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com