Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3502-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV3502-Q1
Description  TLV3502-Q1, 4.5-ns Rail-to-Rail High-Speed Comparator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3502-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV3502-Q1_15 Datasheet HTML 5Page - Texas Instruments TLV3502-Q1_15 Datasheet HTML 6Page - Texas Instruments TLV3502-Q1_15 Datasheet HTML 7Page - Texas Instruments TLV3502-Q1_15 Datasheet HTML 8Page - Texas Instruments TLV3502-Q1_15 Datasheet HTML 9Page - Texas Instruments TLV3502-Q1_15 Datasheet HTML 10Page - Texas Instruments TLV3502-Q1_15 Datasheet HTML 11Page - Texas Instruments TLV3502-Q1_15 Datasheet HTML 12Page - Texas Instruments TLV3502-Q1_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
V
IN
V
ref
V
OUT
V
S
0.1 µF
2.2 µF
R
+IN A
±IN A
+
±
A
V+
+IN B
±IN B
+
±
B
V+
OUT A
OUT B
TLV3502-Q1
www.ti.com
SBOS507A – FEBRUARY 2010 – REVISED DECEMBER 2014
7 Detailed Description
7.1 Overview
The TLV3502-Q1 push-pull output comparator features a fast 4.5-ns propagation delay and operation from
2.7 V to 5.5 V. Beyond-the-rails input common-mode range makes it an ideal choice for low-voltage
applications. The rail-to-rail output directly drives either CMOS or TTL logic.
7.2 Functional Block Diagram
7.3 Feature Description
The TLV3502-Q1 device feature fast 4.5-ns propagation delay with a push-pull output. The device operates from
2.7 V to 5.5 V. It has beyond-the-rails input common-mode range and rail-to-rail output directly drives either
CMOS or TTL logic.
7.3.1 Input Over-Voltage Protection
Device inputs are protected by ESD diodes that will conduct if the input voltages exceed the power supplies by
more than approximately 300 mV. Momentary voltages greater than 300 mV beyond the power supply can be
tolerated if the input current is limited to 10 mA. This limiting is easily accomplished with a small input resistor in
series with the comparator, as shown in Figure 15.
Figure 15. Input Current Protection for Voltages Exceeding the Supply Voltage
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TLV3502-Q1


Similar Part No. - TLV3502-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
[Old version datasheet]   Rail-to-Rail High-Speed Comparator
More results

Similar Description - TLV3502-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1 Datasheet
575Kb / 17P
[Old version datasheet]   4.5-ns RAIL-TO-RAIL HIGH-SPEED COMPARATOR
TLV3501A-Q1 TI1-TLV3501A-Q1 Datasheet
653Kb / 18P
[Old version datasheet]   4.5-ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
logo
ON Semiconductor
NCS2250 ONSEMI-NCS2250_V01 Datasheet
418Kb / 13P
   Comparator, High Speed, 50 ns, Low Voltage, Rail-to-Rail
June, 2022 ??Rev. 6
NCS2250 ONSEMI-NCS2250 Datasheet
255Kb / 12P
   Comparator, High Speed 50 ns, Low Voltage Rail-to-Rail
June, 2018 ??Rev. 5
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
[Old version datasheet]   Rail-to-Rail High-Speed Comparator
logo
STMicroelectronics
TS3011 STMICROELECTRONICS-TS3011 Datasheet
239Kb / 14P
   Rail-to-rail high-speed comparator
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 17P
   Rail-to-rail 1.8V high-speed comparator
TS3021_0710 STMICROELECTRONICS-TS3021_0710 Datasheet
901Kb / 16P
   Rail-to-rail 1.8V high-speed comparator
logo
Nisshinbo Micro Devices...
NJU7725X NISSHINBO-NJU7725X Datasheet
2Mb / 31P
   High-Speed, Rail-to-Rail Input, CMOS Comparator
June 30, 2022 Ver.0.3
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021_V01 Datasheet
610Kb / 16P
   Rail-to-rail 1.8 V high-speed comparator
Rev 9 - October 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com