Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9C07-65BIT Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BUK9C07-65BIT
Description  N-channel TrenchPLUS logic level FET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9C07-65BIT Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BUK9C07-65BIT_15 Datasheet HTML 4Page - NXP Semiconductors BUK9C07-65BIT_15 Datasheet HTML 5Page - NXP Semiconductors BUK9C07-65BIT_15 Datasheet HTML 6Page - NXP Semiconductors BUK9C07-65BIT_15 Datasheet HTML 7Page - NXP Semiconductors BUK9C07-65BIT_15 Datasheet HTML 8Page - NXP Semiconductors BUK9C07-65BIT_15 Datasheet HTML 9Page - NXP Semiconductors BUK9C07-65BIT_15 Datasheet HTML 10Page - NXP Semiconductors BUK9C07-65BIT_15 Datasheet HTML 11Page - NXP Semiconductors BUK9C07-65BIT_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
BUK9C07-65BIT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 15 July 2010
8 of 16
NXP Semiconductors
BUK9C07-65BIT
N-channel TrenchPLUS logic level FET
Source-drain diode
VSD
source-drain voltage
IS =25A; VGS =0V; Tj =25 °C;
see Figure 18
-
0.85
1.2
V
trr
reverse recovery time
IS =10A; dIS/dt = -100 A/µs;
VGS =-10 V; VDS =30V
-
60.1
-
ns
Qr
recovered charge
-
0.161
-
nC
Table 6.
Characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 6.
Drain-source on-state resistance as a function
of gate-source voltage
Fig 7.
Forward transconductance as a function of
drain current; typical values
Fig 8.
Transfer characteristics; drain current as a
function of gate-source voltage
Fig 9.
Output characteristics: drain current as a
function of drain-source voltage; typical values.
003a a d781
0
5
10
15
20
25
30
12345
VGS (V)
RDSon
(m
Ω )
003a a d782
0
100
200
300
400
500
0
20
406080
ID (A)
gfs
(S )
003aae488
0
20
40
60
80
100
01
23
4
VGS (V)
ID
(A)
Tj = 150 C
25 C
003aae491
0
60
120
180
240
300
024
68
10
VDS (V)
ID
(A)
VGS (V) =2.5 V
10.0
4.0
3.0
3.5
4.5
5.0


Similar Part No. - BUK9C07-65BIT_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK9C07-65BIT NEXPERIA-BUK9C07-65BIT Datasheet
474Kb / 17P
   N-channel TrenchPLUS logic level FET
More results

Similar Description - BUK9C07-65BIT_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9907-55ATE NXP-BUK9907-55ATE Datasheet
258Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 02-16 February 2009
BUK9C10-55BIT PHILIPS-BUK9C10-55BIT_15 Datasheet
338Kb / 14P
   N-channel TrenchPLUS logic level FET
25 August 2014
logo
Nexperia B.V. All right...
BUK9907-55ATE NEXPERIA-BUK9907-55ATE Datasheet
372Kb / 16P
   N-channel TrenchPLUS logic level FET
Rev. 02 - 16 February 2009
logo
NXP Semiconductors
BUK9107-55ATE NXP-BUK9107-55ATE Datasheet
256Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 02-16 February 2009
BUK9907-40ATC NXP-BUK9907-40ATC Datasheet
268Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 02-16 February 2009
logo
Nexperia B.V. All right...
BUK9C10-65BIT NEXPERIA-BUK9C10-65BIT Datasheet
987Kb / 15P
   N-channel TrenchPLUS logic level FET
BUK9107-55ATE NEXPERIA-BUK9107-55ATE Datasheet
370Kb / 16P
   N-channel TrenchPLUS logic level FET
Rev. 02 - 16 February 2009
logo
NXP Semiconductors
BUK9107-40ATC NXP-BUK9107-40ATC Datasheet
255Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 04-16 February 2009
BUK9907-40ATC PHILIPS-BUK9907-40ATC_15 Datasheet
268Kb / 15P
   N-channel TrenchPLUS logic level FET
Rev. 02-16 February 2009
logo
Nexperia B.V. All right...
BUK9C10-55BIT NEXPERIA-BUK9C10-55BIT Datasheet
744Kb / 14P
   N-channel TrenchPLUS logic level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com