Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN_UBA2024T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # AN_UBA2024T
Description  CFL applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AN_UBA2024T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button AN_UBA2024T_15 Datasheet HTML 4Page - NXP Semiconductors AN_UBA2024T_15 Datasheet HTML 5Page - NXP Semiconductors AN_UBA2024T_15 Datasheet HTML 6Page - NXP Semiconductors AN_UBA2024T_15 Datasheet HTML 7Page - NXP Semiconductors AN_UBA2024T_15 Datasheet HTML 8Page - NXP Semiconductors AN_UBA2024T_15 Datasheet HTML 9Page - NXP Semiconductors AN_UBA2024T_15 Datasheet HTML 10Page - NXP Semiconductors AN_UBA2024T_15 Datasheet HTML 11Page - NXP Semiconductors AN_UBA2024T_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
CFL applications with the UBA2024T
APPLICATION NOTE
Philips Semiconductors
8
fout can be chosen freely up to 60kHz (the maximum nominal output frequency for the UBA2024, corresponding with
a start-up frequency of 150kHz, see datasheet for start-up sequence description). However, usually fout is chosen
between 25kHz and 30kHz or between 40kHz and 50kHz. This is because below 25kHz there may be audible noise,
operation in the 30kHz to 40kHz band may result in interference with infra-red remote control and above 50kHz the
third harmonic is in the range where conducted noise requirements for most countries have to be met. Since
inductors and capacitors decrease in size and cost with increase in frequency, the 40 to 50kHz range is preferred.
Throughout this application note we will presume the lamp frequency will be in this range.
fout is set by ROSC and COSC according to the following formula:
OSC
OSC
OSC
out
C
R
k
1
f
=
Practical values for ROSC range from 50k
Ω to 400kΩ. Note that the low values of ROSC will cause a larger VDD
output current, thus increasing the total package dissipation. Practical values for COSC range from 100pF to 1nF.
Advised value for COSC is 180pF for 40..50kHz and 270pF for 25..30kHz. The oscillator constant kOSC is shown in
figure 4.
Figure 4: Typical kosc dependency of Rosc and Cosc for UBA2024T.


Similar Part No. - AN_UBA2024T_15

ManufacturerPart #DatasheetDescription
logo
Suzhou Maswell Communic...
AN.UWB.INT4.433.10000.SMA MASWELL-AN.UWB.INT4.433.10000.SMA Datasheet
1Mb / 9P
   Maswell 5G Ultra Wideband Plate Antenna Directional Metaverse 1.0
More results

Similar Description - AN_UBA2024T_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2025 NXP-UBA2025 Datasheet
352Kb / 17P
   CFL power IC
Rev. 01-16 October 2009
logo
STMicroelectronics
L6567 STMICROELECTRONICS-L6567 Datasheet
115Kb / 15P
   HIGH VOLTAGE DRIVER FOR CFL
January 2000
VK05CFL STMICROELECTRONICS-VK05CFL_03 Datasheet
311Kb / 14P
   ELECTRONIC DRIVER FOR CFL APPLICATION
VK05CFL STMICROELECTRONICS-VK05CFL Datasheet
310Kb / 14P
   ELECTRONIC DRIVER FOR CFL APPLICATION
logo
NXP Semiconductors
AN10803 PHILIPS-AN10803_15 Datasheet
1Mb / 30P
   Triac dimmable CFL application using the UBA2028
Rev. 2-27 February 2012
logo
STMicroelectronics
AN2590 STMICROELECTRONICS-AN2590 Datasheet
833Kb / 17P
   20 W dimmable CFL ballast solution
logo
NXP Semiconductors
AN10961 PHILIPS-AN10961_15 Datasheet
1Mb / 57P
   Dimmable CFL using the UBA2027X family
Rev. 2-8 June 2012
UBA2211 NXP-UBA2211 Datasheet
175Kb / 19P
   Half-bridge power IC family for CFL lamps
Rev. 2-3 January 2011
UBA2024 PHILIPS-UBA2024_10 Datasheet
448Kb / 17P
   Half-bridge power IC for CFL lamps
Rev. 6.2-1 November 2010
logo
JILIN SINO-MICROELECTRO...
DB805D JSMC-DB805D Datasheet
216Kb / 5P
   Compact fluorescent lamp (CFL) 220 V mains
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com