Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLS208D1EJV33 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLS208D1EJV33
Description  Linear Voltage Post Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS208D1EJV33 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLS208D1EJV33 Datasheet HTML 7Page - Infineon Technologies AG TLS208D1EJV33 Datasheet HTML 8Page - Infineon Technologies AG TLS208D1EJV33 Datasheet HTML 9Page - Infineon Technologies AG TLS208D1EJV33 Datasheet HTML 10Page - Infineon Technologies AG TLS208D1EJV33 Datasheet HTML 11Page - Infineon Technologies AG TLS208D1EJV33 Datasheet HTML 12Page - Infineon Technologies AG TLS208D1EJV33 Datasheet HTML 13Page - Infineon Technologies AG TLS208D1EJV33 Datasheet HTML 14Page - Infineon Technologies AG TLS208D1EJV33 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
TLS208D1
Voltage Regulator
Data Sheet
11
Rev. 1.0, 2015-02-26
Dropout Voltage 5)
V
dr
1.19
1.35
V
V
Q ≥ 1.8 V ; IQ = 700 mA
P_5.2.17
Dropout Voltage 5)
V
dr
0.65
0.96
V
V
Q ≥ 1.8 V ; IQ = 400 mA
6)
P_5.2.18
Dropout Voltage 5)
V
dr
1.59
1.85
V
V
Q ≥ 1.2 V ; IQ = 700 mA
P_5.2.19
Power Supply Ripple
Rejection 2)
PSRR
–62
dB
f
f = 10 kHz ; IQ = 200 mA ;
T
j =25°C ; Vin = VQ +1.5 V
and
V
in ≥ 3.2 V ; ∆VI =1 Vpp ;
C
Q = 1 µF(Ceramic Capacitor)
P_5.2.20
Protection Features
Output Current Limitation
I
Q
801
1150
1350
mA
0 V ≤
V
Q ≤ 0.9 * VQ,nom
P_5.2.21
Overtemperature Shutdown
Threshold 2)
T
j,sd
151
175
200
°C
T
j increasing
P_5.2.22
Overtemperature Shutdown
Hysteresis 2)
T
j,sd,Hyst
–15
°C
T
j decreasing
P_5.2.23
Adjust Pin Characteristic (TLS208D1EJV)
Adjust Pin Pull Up Current 7)
I
ADJ
––500
nA
P_5.2.24
1) Referring to the device tolerance only, the tolerance of the resistor divider can cause additional deviation. Parameter is
tested with ADJ-Pin directly connected to the output Q.
2) This parameter is not subject to production test, specified by design
3) The input voltage condition is intended to ensure that the device is out of the drop condition.
4) Tested with ADJ-Pin directly connected to the output Q.
5) Dropout voltage is defined as the difference between input and output voltage when the output voltage decreases 100 mV
from output voltage measured at
V
I = VQ,nom + Vdr,max + 100 mV.
6) The dropout voltage might be limited to the minimum input voltage as defined in P_4.2.1 on Page 8
7) ADJ pin pull up current flows out of the ADJ pin.
Table 4
Electrical Characteristics
V
I = VQ,nom + 1 V and VI > 2.7 V; Tj = -40 °C to +150 °C; all voltages
with respect to ground (unless otherwise specified) (cont’d)
Parameter
Symbol
Values
Unit
Note / Test Condition
Number
Min.
Typ.
Max.


Similar Part No. - TLS208D1EJV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS208D1EJV33 INFINEON-TLS208D1EJV33 Datasheet
1Mb / 29P
   Linear Voltage Post Regulator
Rev. 1.0, 2015-02-26
More results

Similar Description - TLS208D1EJV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS205B0 INFINEON-TLS205B0 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS208D1 INFINEON-TLS208D1 Datasheet
1Mb / 29P
   Linear Voltage Post Regulator
Rev. 1.0, 2015-02-26
TLS205B0 INFINEON-TLS205B0_15 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS203B0 INFINEON-TLS203B0 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
TLS203B0 INFINEON-TLS203B0_15 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
TLS205B0EJV50 INFINEON-TLS205B0EJV50_15 Datasheet
2Mb / 25P
   Linear Voltage Post Regulator
Rev. 1.1, 2015-01-15
TLS202B1MBV33 INFINEON-TLS202B1MBV33 Datasheet
892Kb / 18P
   Fixed Linear Voltage Post Regulator
Rev. 1.0, 2015-06-23
TLS202B1V50 INFINEON-TLS202B1V50 Datasheet
563Kb / 19P
   Fixed Linear Voltage Post Regulator
Rev. 1.0 2017-05-31
TLS202A1 INFINEON-TLS202A1 Datasheet
922Kb / 18P
   Adjustable Linear Voltage Post Regulator
Rev. 1.0, 2015-06-22
TLS202A1MBV INFINEON-TLS202A1MBV Datasheet
928Kb / 18P
   Adjustable Linear Voltage Post Regulator
Rev. 1.0, 2015-06-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com