Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLS208D1LDV33 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLS208D1LDV33
Description  Linear Voltage Post Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS208D1LDV33 Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLS208D1LDV33 Datasheet HTML 1Page - Infineon Technologies AG TLS208D1LDV33 Datasheet HTML 2Page - Infineon Technologies AG TLS208D1LDV33 Datasheet HTML 3Page - Infineon Technologies AG TLS208D1LDV33 Datasheet HTML 4Page - Infineon Technologies AG TLS208D1LDV33 Datasheet HTML 5Page - Infineon Technologies AG TLS208D1LDV33 Datasheet HTML 6Page - Infineon Technologies AG TLS208D1LDV33 Datasheet HTML 7Page - Infineon Technologies AG TLS208D1LDV33 Datasheet HTML 8Page - Infineon Technologies AG TLS208D1LDV33 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Type
Package
Marking
TLS208D1EJV
PG-DSO-8 (Exposed Pad)
208D1V
TLS208D1EJV33
PG-DSO-8 (Exposed Pad)
208D1V33
TLS208D1LDV
PG-TSON10
208DV
TLS208D1LDV33
PG-TSON10
208DV33
PG-DSO-8 (Exposed Pad)
PG-TSON10
Data Sheet
3
Rev. 1.0, 2015-02-26
Linear Voltage Post Regulator
TLS208D1
1Overview
Features
3.3 V Fixed and Adjustable Output Voltage from 0.8 V to 5.25 V
Output Voltage Accuracy of
± 2%
Static Output Currents up to 800 mA
Enable Functionality
Undervoltage Reset with Power-On Reset Delay
Adjustable Reset Threshold
Extended Input Voltage Operating Range of 2.7 V to 18 V
Low Dropout Voltage: typ. 400mV at 400mA
Very Low Current Consumption: typ. 90 µA
Very High PSRR: typ. 62dB at 10kHz
Output Current Limitation
Overtemperature Shutdown
Wide Temperature Range From -40 °C up to 150 °C
Suitable for Use in Automotive Electronics as Post Regulator
Green Product (RoHS compliant)
AEC Qualified
Description
The TLS208D1 is a monolithic integrated linear voltage post regulator. The IC regulates an input voltage
V
I in the
range of 2.7 V ≤
V
I ≤ 18 V to an adjustable output voltage of 0.8 V to 5.25 V or to a fixed output voltage with a
precision of
±2 %. The TLS208D1 is especially designed for applications with a permanent connection to
preregulators like DCDC converters. The device is available in the small surface mounted PG-DSO-8 (Exposed
Pad) package. In addition to the enable functionality, the feature set includes a reset with an adjustable reset
threshold. This threshold can be modified by an external resistor divider. The device is designed for the harsh
environment of automotive applications. Therefore it is protected against overload, short circuit and
overtemperature conditions by the implemented output current limitation and the overtemperature shutdown
circuit. The TLS208D1 can be also used in all other applications requiring a stabilized voltage of 0.8 V to 5.25 V.
The input capacitor
C
I is recommended for compensating line influences. The output capacitor CQ is necessary
for the stability of the regulating circuit. Stability is guaranteed at values specified in “Functional Range” on
Page 8 within the whole operating temperature range.


Similar Part No. - TLS208D1LDV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS208D1LDV33 INFINEON-TLS208D1LDV33 Datasheet
1Mb / 29P
   Linear Voltage Post Regulator
Rev. 1.0, 2015-02-26
More results

Similar Description - TLS208D1LDV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS205B0 INFINEON-TLS205B0 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS208D1 INFINEON-TLS208D1 Datasheet
1Mb / 29P
   Linear Voltage Post Regulator
Rev. 1.0, 2015-02-26
TLS205B0 INFINEON-TLS205B0_15 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS203B0 INFINEON-TLS203B0 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
TLS203B0 INFINEON-TLS203B0_15 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
TLS205B0EJV50 INFINEON-TLS205B0EJV50_15 Datasheet
2Mb / 25P
   Linear Voltage Post Regulator
Rev. 1.1, 2015-01-15
TLS202B1MBV33 INFINEON-TLS202B1MBV33 Datasheet
892Kb / 18P
   Fixed Linear Voltage Post Regulator
Rev. 1.0, 2015-06-23
TLS202B1V50 INFINEON-TLS202B1V50 Datasheet
563Kb / 19P
   Fixed Linear Voltage Post Regulator
Rev. 1.0 2017-05-31
TLS202A1 INFINEON-TLS202A1 Datasheet
922Kb / 18P
   Adjustable Linear Voltage Post Regulator
Rev. 1.0, 2015-06-22
TLS202A1MBV INFINEON-TLS202A1MBV Datasheet
928Kb / 18P
   Adjustable Linear Voltage Post Regulator
Rev. 1.0, 2015-06-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com