Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59960IRZ-T7 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL59960IRZ-T7
Description  960MegaQ™: An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59960IRZ-T7 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL59960IRZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL59960IRZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL59960IRZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL59960IRZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL59960IRZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL59960IRZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL59960IRZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL59960IRZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL59960IRZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ISL59960
5
FN8358.0
December 18, 2012
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage between VDD and GND . . . . . . . . . . . . . . . . . . . . . . . . 5.75V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Maximum Voltage on any Pin . . . . . . . . . . . . . . . . GND - 0.3V to VDD + 0.3V
ESD Rating
Human Body Model (tested per JESD22-A114) . . . . . . . . . . . . . . 8,000V
Machine Model (Tested per JESD22-A115). . . . . . . . . . . . . . . . . . . . 600V
CDM Model (Tested per JESD22-C101) . . . . . . . . . . . . . . . . . . . . . 2,000V
Latch Up (Tested per JESD78; Class II, Level A) . . . . . . . . . . . . . . . . 100mA
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
20 Ld QFN Package (Notes 4, 5) . . . . . . . .
40
3.7
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Die Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications VDD = VDD1 = VDD2 = +5V, source video amplitude before any cable loss = 1VP-P, cable type = Cat 5,
cable length = 0 feet,
RL = 150Ω (75Ω series + 75Ω load to ground), TA = +25°C, exposed die plate = 0V, unless otherwise specified. Max Cat 5 cable
length = 4000 feet.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT
SUPPLY
VDD
VDD Operating Range
4.5
5.0
5.5
V
IS1
VDD1 Supply Current
No input, no load
45
60
mA
IS2
VDD2 Supply Current
No input, no load
25
45
mA
PSRRDC
Power Supply Rejection Ratio
60
dB
AC PERFORMANCE
BW
-3dB Bandwidth
Cable length = 0 feet
13
MHz
DG
Differential Gain
Cable length = 3200 feet,
20IRE Sub Carrier on 100% ramp
.75
%
DP
Differential Phase
Cable length = 3200 feet,
20IRE Sub Carrier on 100% ramp
.5
°
DC PERFORMANCE
VBL
Output Blanking/Backporch Level
Measured at VIDEO OUT pin
0.82
0.95
1.07
V
INPUT CHARACTERISTICS
VINDIFF_MIN
Minimum Correctable Peak-to-Peak
Signal Swing
Measured at the source-end of
cable, before cable losses
0.7
VP-P
VINDIFF_MAX
Maximum Correctable Peak-to-Peak
Signal Swing
Measured at the source-end of
cable, before cable losses
1.4
VP-P
VCM-MIN
Min Common Mode Input Voltage
1
V
VCM-MAX
Max Common Mode Input Voltage
4
V
SNR
Signal-to-Noise Ratio,
NTC-7 Weighted Filter
EQ = 0 feet
-68
dB rms
EQ = 1,000 feet
-67
dB rms
EQ = 2,000 feet
-66
dB rms
EQ = 3,000 feet
-65
dB rms
EQ = 4,000 feet
-61
dB rms
CMRR
Common-mode Rejection Ratio at
fIN = 100kHz
0 feet cable
-50
dB
1600 feet cable
-41
dB
IClamp
Input Clamp Current
25
µA


Similar Part No. - ISL59960IRZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59960IRZ-T7 INTERSIL-ISL59960IRZ-T7 Datasheet
759Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Renesas Technology Corp
ISL59960IRZ-T7 RENESAS-ISL59960IRZ-T7 Datasheet
1,023Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Intersil Corporation
ISL59960IRZ-T7A INTERSIL-ISL59960IRZ-T7A Datasheet
759Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Renesas Technology Corp
ISL59960IRZ-T7A RENESAS-ISL59960IRZ-T7A Datasheet
1,023Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
More results

Similar Description - ISL59960IRZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59960 INTERSIL-ISL59960 Datasheet
759Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Renesas Technology Corp
ISL59960 RENESAS-ISL59960 Datasheet
1,023Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Intersil Corporation
ISL59601IRZ INTERSIL-ISL59601IRZ Datasheet
2Mb / 28P
   MegaQ™: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
September 5, 2012
ISL59601 INTERSIL-ISL59601 Datasheet
4Mb / 27P
   MegaQ: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Renesas Technology Corp
ISL59601 RENESAS-ISL59601 Datasheet
3Mb / 28P
   MegaQ?? An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Cypress Semiconductor
CYV270M0104EQ CYPRESS-CYV270M0104EQ Datasheet
244Kb / 9P
   Adaptive Video Cable Equalizer
CYV270M0101EQ_0710 CYPRESS-CYV270M0101EQ_0710 Datasheet
244Kb / 10P
   Adaptive Video Cable Equalizer
logo
Pericom Semiconductor C...
PI7VD9008ABH PERICOM-PI7VD9008ABH Datasheet
1Mb / 73P
   Adaptive EQ 8-channel 960H Video Decoder
PI7VD9004ABH PERICOM-PI7VD9004ABH Datasheet
1Mb / 53P
   Adaptive EQ 4-channel 960H Video Decoder
logo
Cypress Semiconductor
CYV270M0101EQ CYPRESS-CYV270M0101EQ Datasheet
331Kb / 10P
   Adaptive Video Cable Equalizer (SOIC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com