Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IK6207TQ-ER Datasheet(PDF) 4 Page - IK Semicon Co., Ltd

Part # IK6207TQ-ER
Description  7-step individual dimming control for each grid
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IK6207TQ-ER Datasheet(HTML) 4 Page - IK Semicon Co., Ltd

  IK6207TQ-ER Datasheet HTML 1Page - IK Semicon Co., Ltd IK6207TQ-ER Datasheet HTML 2Page - IK Semicon Co., Ltd IK6207TQ-ER Datasheet HTML 3Page - IK Semicon Co., Ltd IK6207TQ-ER Datasheet HTML 4Page - IK Semicon Co., Ltd IK6207TQ-ER Datasheet HTML 5Page - IK Semicon Co., Ltd IK6207TQ-ER Datasheet HTML 6Page - IK Semicon Co., Ltd IK6207TQ-ER Datasheet HTML 7Page - IK Semicon Co., Ltd IK6207TQ-ER Datasheet HTML 8Page - IK Semicon Co., Ltd IK6207TQ-ER Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
IK6207TQ-ER
4
NOV. 2012, V00
el 1.5
P2[2:1]
I/O
An 8-bit open-Drain or push-pull I/O port.
1
40,41
P3[4:0]
A 5-bit open-drain or push-pull I/O port.
- Optional Pull-up Control Enable (Only P3[1:0])
ial Data
terrupt 3 (Positive/Negative Edge)
43,44,45,
47,48
LED_VDD
-
LED Power Supply
15,29
GND
-
Ground Pin
30,36
PUCR
I
A resistor is connected to this pin to determine the output
currents and oscillation frequency.
37
DI/O
I/O
Data Input /Output Pin
This pin inputs serial data at the rising edge of the shift clock
( starting from the bit )
Data Output Pin
– N channel Open Drain
This pin outputs serial data at the falling edge of the shift
clock
38
CLK
I
Clock Input Pin
This pin reads serial data at the rising edge and output data
at the falling edge.
39
STB
I
Serial Interface Strobe Pin
The data input after the STB has fallen is processed as a
command. When this pin is HIGH,CLK is ignores.
14
SG1 to SG10
O
Segment output Pins ( P-Channel, Open Drain )
16-25
SG11/GR6 to
SG13/GR5
O
Segment / Grid Output Pins
26 - 28
GR1 to GR4
O
Grid Output Pins
31 - 35


Similar Part No. - IK6207TQ-ER

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK6208 IKSEMICON-IK6208 Datasheet
823Kb / 19P
   2 Channel PWM
IK62083 IKSEMICON-IK62083 Datasheet
450Kb / 8P
   8CH Darlington Sink Driver
IK62083 IKSEMICON-IK62083 Datasheet
336Kb / 9P
   8CH Darlington Sink Driver
IK62083DW IKSEMICON-IK62083DW Datasheet
450Kb / 8P
   8CH Darlington Sink Driver
IK62083DW IKSEMICON-IK62083DW Datasheet
336Kb / 9P
   8CH Darlington Sink Driver
More results

Similar Description - IK6207TQ-ER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3463 TI1-LM3463 Datasheet
1Mb / 33P
[Old version datasheet]   Dynamic Headroom Controller with Thermal Control Interface and Individual Channel Dimming Control
LM3463 TI1-LM3463_12 Datasheet
1Mb / 40P
[Old version datasheet]   LM3463 Dynamic Headroom Controller with Thermal Control Interface and Individual Channel Dimming Control
logo
Mallory performance clu...
7720 MALLORY-7720 Datasheet
595Kb / 8P
   MSD Power Grid 7 Ignition Control
PN7720 MALLORY-PN7720 Datasheet
595Kb / 8P
   MSD Power Grid 7 Ignition Control
logo
Lowpower Semiconductor ...
LP3351 POWER-LP3351 Datasheet
325Kb / 7P
   PWM Dimming Control for LED Driver
logo
Megawin Technology Co.,...
MG20U201ASC1 MEGAWIN-MG20U201ASC1 Datasheet
247Kb / 10P
   PWM dimming control
logo
Axiomtek Co., Ltd.
P1153-841 AXIOMTEK-P1153-841 Datasheet
345Kb / 2P
   Supports dimming control
P1158-831 AXIOMTEK-P1158-831 Datasheet
362Kb / 2P
   Supports dimming control
P1158-834 AXIOMTEK-P1158-834 Datasheet
328Kb / 2P
   Supports dimming control
P1158-822 AXIOMTEK-P1158-822 Datasheet
334Kb / 2P
   Supports dimming control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com