Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IK6207TQ-ER Datasheet(PDF) 1 Page - IK Semicon Co., Ltd

Part # IK6207TQ-ER
Description  7-step individual dimming control for each grid
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IK6207TQ-ER Datasheet(HTML) 1 Page - IK Semicon Co., Ltd

  IK6207TQ-ER Datasheet HTML 1Page - IK Semicon Co., Ltd IK6207TQ-ER Datasheet HTML 2Page - IK Semicon Co., Ltd IK6207TQ-ER Datasheet HTML 3Page - IK Semicon Co., Ltd IK6207TQ-ER Datasheet HTML 4Page - IK Semicon Co., Ltd IK6207TQ-ER Datasheet HTML 5Page - IK Semicon Co., Ltd IK6207TQ-ER Datasheet HTML 6Page - IK Semicon Co., Ltd IK6207TQ-ER Datasheet HTML 7Page - IK Semicon Co., Ltd IK6207TQ-ER Datasheet HTML 8Page - IK Semicon Co., Ltd IK6207TQ-ER Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TECHNICAL DATA
1
NOV. 2012, V00
UI Platform
Description
IK6207TQ-ER has a C8052 devices. It is fully integrated mixed-signal system-on-a-chip MCUs.
The IK6207TQ-ER utilizes CORERIVER ' TouchCore 380 microcontroller core.
The IK6207TQ-ER are cathode-grid LED display drives with output size - 4 digits x13 segments
or 7 digits x 10 segments .
Features
• Operation voltage for digital part: 3.0V ~ 3.6V
• Operation voltage for output LEDs: 5.0V
• Operation Frequency : Max.48MHz
• 7-step individual dimming control for each grid
• LCD OSC: built in (with external resistor) 500kHz @ R=12.1kΩ
• Pulse segment current: 10mA @ VDD = 3.3V
• 11- channel Touch Sensing
-
Capacitive Type Touch & Digital Sensing
-
16-bit level Resolution
• CPU
-
8 bit Turbo 8052 Architecture
• Memory
-
16kB Flash ( Including 1kB User EEPROM )
-
512B Internal Aux RAM
-
256B Internal RAM
• 12 Bit Analog to Digital Converter
• Digital Peripherals
-
Up to 18 Port I/O
-
3 general purpose 16 bit counter/timers
-
UART
-
SPI
-
I2C
-
Interrupt
• Power Save Modes
• Operation Temperature : -40 ~ 85°C
Application
• Home Appliance : Washing machine, Refregerator, Bidet, Air Conditioner
IK6207TQ-ER
TQFP-48
Device
Operating
Temperature
Range
Package
IK6207TQ-ER
TA = -40 to 85 C
TQFP-48


Similar Part No. - IK6207TQ-ER

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK6208 IKSEMICON-IK6208 Datasheet
823Kb / 19P
   2 Channel PWM
IK62083 IKSEMICON-IK62083 Datasheet
450Kb / 8P
   8CH Darlington Sink Driver
IK62083 IKSEMICON-IK62083 Datasheet
336Kb / 9P
   8CH Darlington Sink Driver
IK62083DW IKSEMICON-IK62083DW Datasheet
450Kb / 8P
   8CH Darlington Sink Driver
IK62083DW IKSEMICON-IK62083DW Datasheet
336Kb / 9P
   8CH Darlington Sink Driver
More results

Similar Description - IK6207TQ-ER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3463 TI1-LM3463 Datasheet
1Mb / 33P
[Old version datasheet]   Dynamic Headroom Controller with Thermal Control Interface and Individual Channel Dimming Control
LM3463 TI1-LM3463_12 Datasheet
1Mb / 40P
[Old version datasheet]   LM3463 Dynamic Headroom Controller with Thermal Control Interface and Individual Channel Dimming Control
logo
Mallory performance clu...
7720 MALLORY-7720 Datasheet
595Kb / 8P
   MSD Power Grid 7 Ignition Control
PN7720 MALLORY-PN7720 Datasheet
595Kb / 8P
   MSD Power Grid 7 Ignition Control
logo
Lowpower Semiconductor ...
LP3351 POWER-LP3351 Datasheet
325Kb / 7P
   PWM Dimming Control for LED Driver
logo
Megawin Technology Co.,...
MG20U201ASC1 MEGAWIN-MG20U201ASC1 Datasheet
247Kb / 10P
   PWM dimming control
logo
Axiomtek Co., Ltd.
P1153-841 AXIOMTEK-P1153-841 Datasheet
345Kb / 2P
   Supports dimming control
P1158-831 AXIOMTEK-P1158-831 Datasheet
362Kb / 2P
   Supports dimming control
P1158-834 AXIOMTEK-P1158-834 Datasheet
328Kb / 2P
   Supports dimming control
P1158-822 AXIOMTEK-P1158-822 Datasheet
334Kb / 2P
   Supports dimming control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com