Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISLA214P20IRZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISLA214P20IRZ
Description  14-Bit, 250MSPS/200MSPS/130MSPS ADC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA214P20IRZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISLA214P20IRZ Datasheet HTML 1Page - Intersil Corporation ISLA214P20IRZ Datasheet HTML 2Page - Intersil Corporation ISLA214P20IRZ Datasheet HTML 3Page - Intersil Corporation ISLA214P20IRZ Datasheet HTML 4Page - Intersil Corporation ISLA214P20IRZ Datasheet HTML 5Page - Intersil Corporation ISLA214P20IRZ Datasheet HTML 6Page - Intersil Corporation ISLA214P20IRZ Datasheet HTML 7Page - Intersil Corporation ISLA214P20IRZ Datasheet HTML 8Page - Intersil Corporation ISLA214P20IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
ISLA214P
5
FN7572.2
December 5, 2012
Pin Descriptions - 72 Ld QFN, CMOS Mode
PIN NUMBER
CMOS PIN NAME
CMOS PIN FUNCTION
DDR MODE COMMENTS
1, 2, 17, 28, 30, 33, 35,
37, 39, 41, 43, 47, 49,
51, 53, 55, 57, 59, 63
DNC
Do Not Connect
6, 13, 19, 20, 21, 70, 71,
72
AVDD
1.8V Analog Supply
5, 7, 12, 14
AVSS
Analog Ground
27, 32, 62
OVDD
1.8V Output Supply
26, 45, 61, 65
OVSS
Output Ground
3
NAPSLP
Tri-Level Power Control (Nap, Sleep modes)
4
VCM
Common Mode Output
8, 9
VINN
Analog Input Negative
10, 11
VINP
Analog Input Positive
15
CLKDIV
Tri-Level Clock Divider Control
16
IPTAT
Temperature Monitor (Output current proportional to absolute
temperature)
18
RESETN
Power On Reset (Active Low)
22, 23
CLKP, CLKN
Clock Input True, Complement
24, 25
CLKDIVRSTP, CLKDIVRSTN Synchronous Clock Divider Reset True, Complement
29
D13
CMOS Bit 13 (MSB) Output
NC in DDR Mode
31
D12
CMOS Bit 12 Output
DDR Logical Bits 12, 13
34
D11
CMOS Bit 11 Output
NC in DDR Mode
36
D10
CMOS Bit 10 Output
DDR Logical Bits 10, 11
38
D9
CMOS Bit 9 Output
NC in DDR Mode
40
D8
CMOS Bit 8 Output
DDR Logical Bits 8, 9
42
D7
CMOS Bit 7 Output
NC in DDR Mode
44
D6
CMOS Bit 6 Output
DDR Logical Bits 6, 7
46
RLVDS
LVDS Bias Resistor (connect to OVSS with 1% 10k
Ω)
48
CLKOUT
CMOS Clock Output
50
D5
CMOS Bit 5 Output
NC in DDR Mode
52
D4
CMOS Bit 4 Output
DDR Logical Bits 4, 5
54
D3
CMOS Bit 3 Output
NC in DDR Mode
56
D2
CMOS Bit 2 Output
DDR Logical Bits 2, 3
58
D1
CMOS Bit 1 Output
NC in DDR Mode
60
D0
CMOS Bit 0 (LSB) Output
DDR Logical Bits 0, 1
64
OR
CMOS Over Range
DDR Over Range
66
SDO
SPI Serial Data Output
67
CSB
SPI Chip Select (active low)
68
SCLK
SPI Clock
69
SDIO
SPI Serial Data Input/Output
Exposed Paddle
AVSS
Analog Ground


Similar Part No. - ISLA214P20IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISLA214P20IRZ RENESAS-ISLA214P20IRZ Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
More results

Similar Description - ISLA214P20IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISLA214P RENESAS-ISLA214P Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA224P RENESAS-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA224P INTERSIL-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA212P RENESAS-ISLA212P Datasheet
1Mb / 36P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P RENESAS-ISLA216P Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA216P_1104 INTERSIL-ISLA216P_1104 Datasheet
1Mb / 33P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P INTERSIL-ISLA216P Datasheet
1Mb / 32P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA212P INTERSIL-ISLA212P Datasheet
1Mb / 35P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P13IRZ INTERSIL-ISLA216P13IRZ Datasheet
1,010Kb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
December 10, 2012
ISLA222P INTERSIL-ISLA222P Datasheet
943Kb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com