Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISLA216S13IR1Z Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISLA216S13IR1Z
Description  16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA216S13IR1Z Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISLA216S13IR1Z Datasheet HTML 2Page - Intersil Corporation ISLA216S13IR1Z Datasheet HTML 3Page - Intersil Corporation ISLA216S13IR1Z Datasheet HTML 4Page - Intersil Corporation ISLA216S13IR1Z Datasheet HTML 5Page - Intersil Corporation ISLA216S13IR1Z Datasheet HTML 6Page - Intersil Corporation ISLA216S13IR1Z Datasheet HTML 7Page - Intersil Corporation ISLA216S13IR1Z Datasheet HTML 8Page - Intersil Corporation ISLA216S13IR1Z Datasheet HTML 9Page - Intersil Corporation ISLA216S13IR1Z Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
ISLA216S
6
FN7996.1
April 19, 2013
Power Supply Rejection
Ratio (Note 7)
PSRR
30MHz 200mVP-P
38
38
38
dB
1MHz 200mVP-P
44
44
44
dB
Total Power Dissipation
Normal Mode
PD
887
954
815
880
706
770
mW
Nap Mode
PD
323
367
300
342
267
310
mW
Sleep Mode
PD
CSB at logic high
6
14
6
14
6
14
mW
Nap Mode Wakeup
Time
Sample Clock
Running
55
5
µs
Sleep Mode Wakeup
Time
Sample Clock
Running
11
1
ms
AC SPECIFICATIONS (Note 8)
Differential Nonlinearity
DNL
-0.99
±0.24
-0.99
±0.17
-0.99
±0.14
LSB
Integral Nonlinearity
INL
±16.0
±12.0
±9.0
LSB
Minimum Conversion
Rate (Note 9)
fS MIN
100
100
100
MSPS
Maximum Conversion
Rate
fS MAX
250
200
130
MSPS
Signal-to-Noise Ratio
(Note 10)
SNR
fIN = 30MHz
75.8
77.2
78.0
dBFS
fIN = 105MHz
72.3
75.5
74.3
76.6
75.0
76.8
dBFS
fIN = 190MHz
74.6
75.2
74.8
dBFS
fIN = 363MHz
72.4
72.5
71.2
dBFS
fIN = 495MHz
70.8
70.6
69.6
dBFS
fIN = 605MHz
69.3
69.2
67.3
dBFS
Signal-to-Noise and
Distortion (Note 10)
SINAD
fIN = 30MHz
75.5
77.1
77.7
dBFS
fIN = 105MHz
71.1
74.9
73.6
76.3
74.2
76.3
dBFS
fIN = 190MHz
73.9
74.1
73.8
dBFS
fIN = 363MHz
69.8
69.0
66.0
dBFS
fIN = 495MHz
66.5
66.3
65.9
dBFS
fIN = 605MHz
64.9
64.1
58.4
dBFS
Effective Number of Bits
(Note 10)
ENOB
fIN = 30MHz
12.20
12.45
12.59
Bits
fIN = 105MHz
11.51 12.14
11.93 12.36
12.03 12.36
Bits
fIN = 190MHz
11.95
12.03
11.91
Bits
fIN = 363MHz
11.27
11.19
10.66
Bits
fIN = 495MHz
10.76
10.72
10.61
Bits
fIN = 605MHz
10.52
10.43
9.52
Bits
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V, OVDD = 1.8V,
TA = -40°C to +85°C (typical specifications at +25°C), AIN = -2dBFS, fSAMPLE = Maximum Conversion Rate (per speed grade). Boldface limits apply
over the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
CONDITIONS
ISLA216S25
ISLA216S20
ISLA216S13
UNITS
MIN
(Note 6) TYP
MAX
(Note 6)
MIN
(Note 6) TYP
MAX
(Note 6)
MIN
(Note 6) TYP
MAX
(Note 6)


Similar Part No. - ISLA216S13IR1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA216S13IR1Z INTERSIL-ISLA216S13IR1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA216S13IR1Z RENESAS-ISLA216S13IR1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
More results

Similar Description - ISLA216S13IR1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISLA216S RENESAS-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA216S INTERSIL-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
ISLA224S INTERSIL-ISLA224S_12 Datasheet
1Mb / 39P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA224S INTERSIL-ISLA224S Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA222S25IR1Z INTERSIL-ISLA222S25IR1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
July 6, 2015
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA222S INTERSIL-ISLA222S Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA222S RENESAS-ISLA222S Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S25IR1Z INTERSIL-ISLA224S25IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
logo
Renesas Technology Corp
ISLA214S50 RENESAS-ISLA214S50 Datasheet
1Mb / 41P
   14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com