Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4666 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM4666
Description  Filterless High Efficiency Stereo 1.2W Switching
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4666 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM4666_15 Datasheet HTML 2Page - Texas Instruments LM4666_15 Datasheet HTML 3Page - Texas Instruments LM4666_15 Datasheet HTML 4Page - Texas Instruments LM4666_15 Datasheet HTML 5Page - Texas Instruments LM4666_15 Datasheet HTML 6Page - Texas Instruments LM4666_15 Datasheet HTML 7Page - Texas Instruments LM4666_15 Datasheet HTML 8Page - Texas Instruments LM4666_15 Datasheet HTML 9Page - Texas Instruments LM4666_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LM4666, LM4666SDBD
SNAS189A – MAY 2004 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics
(1)
THD+N vs Frequency
THD+N vs Frequency
VDD = 5V, RL = 15µH + 8Ω + 15µH
VDD = 3V, RL = 15µH + 8Ω + 15µH
POUT = 100mW/Channel, 30kHz BW
POUT = 100mW/Channel, 30kHz BW
Figure 3.
Figure 4.
THD+N vs Frequency
THD+N vs Output Power/Channel
VDD = 3V, RL = 15µH + 4Ω + 15µH
VDD = 5V, RL = 15µH + 8Ω + 15µH
POUT = 100mW/Channel, 30kHz BW
f = 1kHz, 22kHz BW
Figure 5.
Figure 6.
THD+N vs Output Power/Channel
THD+N vs Output Power/Channel
VDD = 3V, RL = 15µH + 4Ω + 15µH
VDD = 3V, RL = 15µH + 8Ω + 15µH
f = 1kHz, 22kHz BW
f = 1kHz, 22kHz BW
Figure 7.
Figure 8.
(1)
The performance graphs were taken using the Audio Precision AUX–0025 Switching Amplifier Measurement Filter in series with the LC
filter on the demo board.
6
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4666 LM4666SDBD


Similar Part No. - LM4666_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4666 TI1-LM4666_14 Datasheet
1Mb / 20P
[Old version datasheet]   Filterless High Efficiency Stereo 1.2W Switching Audio Amplifier
More results

Similar Description - LM4666_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4666 TI1-LM4666_14 Datasheet
1Mb / 20P
[Old version datasheet]   Filterless High Efficiency Stereo 1.2W Switching Audio Amplifier
logo
National Semiconductor ...
LM4666 NSC-LM4666 Datasheet
642Kb / 15P
   Filterless High Efficiency Stereo 1.2W Switching Audio Amplifier
logo
Analog Devices
SSM2302 AD-SSM2302 Datasheet
474Kb / 20P
   Filterless High Efficiency Class-D Stereo Audio Amplifier
REV. 0
SSM2302 AD-SSM2302_15 Datasheet
474Kb / 20P
   Filterless High Efficiency Class-D Stereo Audio Amplifier
logo
National Semiconductor ...
LM4671 NSC-LM4671_07 Datasheet
594Kb / 20P
   Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4671 NSC-LM4671_08 Datasheet
588Kb / 18P
   Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4667 NSC-LM4667 Datasheet
757Kb / 16P
   Filterless High Efficiency 1.3W Switching Audio Amplifier
LM4665 NSC-LM4665 Datasheet
1,018Kb / 18P
   Filterless High Efficiency 1W Switching Audio Amplifier
LM4670 NSC-LM4670 Datasheet
1Mb / 18P
   Filterless High Efficiency 3W Switching Audio Amplifier
LM4664 NSC-LM4664 Datasheet
550Kb / 14P
   Filterless High Efficiency 1.1W Switching Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com