Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4673 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM4673
Description  Filterless, 2.65W, Mono, Class D Audio Power
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4673 Datasheet(HTML) 1 Page - Texas Instruments

  LM4673_15 Datasheet HTML 1Page - Texas Instruments LM4673_15 Datasheet HTML 2Page - Texas Instruments LM4673_15 Datasheet HTML 3Page - Texas Instruments LM4673_15 Datasheet HTML 4Page - Texas Instruments LM4673_15 Datasheet HTML 5Page - Texas Instruments LM4673_15 Datasheet HTML 6Page - Texas Instruments LM4673_15 Datasheet HTML 7Page - Texas Instruments LM4673_15 Datasheet HTML 8Page - Texas Instruments LM4673_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LM4673, LM4673SDBD, LM4673TMBD
www.ti.com
SNAS317D – DECEMBER 2005 – REVISED MAY 2013
LM4673
Filterless, 2.65W, Mono, Class D Audio Power
Amplifier
Check for Samples: LM4673, LM4673SDBD, LM4673TMBD
1
FEATURES
DESCRIPTION
The LM4673 is a single supply, high efficiency,
2
Mono Class D Operation
2.65W, mono, Class D audio amplifier. A low noise,
No Output Filter Required for Inductive Loads
filterless PWM architecture eliminates the output filter,
Externally Configurable Gain
reducing external component count, board area
consumption, system cost, and simplifying design.
Very Fast Turn On Time: 17
μs (typ)
Minimum External Components
The LM4673 is designed to meet the demands of
mobile phones and other portable communication
"Click and Pop" Suppression Circuitry
devices. Operating on a single 5V supply, it is
Micro-Power Shutdown Mode
capable of driving a 4
Ω speaker load at a continuous
Available in Space-Saving 0.4mm Pitch
average output of 2.1W with less than 1% THD+N. Its
DSBGA and WSON Packages
flexible power supply requirements allow operation
from 2.4V to 5.5V.
APPLICATIONS
The LM4673 has high efficiency with speaker loads
compared to a typical Class AB amplifier. With a 3.6V
Mobile Phones
supply driving an 8
Ω speaker, the IC's efficiency for a
PDAs
100mW power level is 80%, reaching 88% at 400mW
Portable Electronic Devices
output power.
The LM4673 features a low-power consumption
KEY SPECIFICATIONS
shutdown mode. Shutdown may be enabled by
Efficiency at 3.6V, 400mW into 8
Ω Speaker
driving the Shutdown pin to a logic low (GND).
88% (typ)
The gain of the LM4673 is externally configurable
Efficiency at 3.6V, 100mW into 8
Ω Speaker
which allows independent gain control from multiple
80% (typ)
sources by summing the signals. Output short circuit
and thermal overload protection prevent the device
Efficiency at 5V, 1W into 8
Ω Speaker 86% (typ)
from damage during fault conditions.
Quiescent Current, 3.6V Supply 2.1mA (typ)
Total Shutdown Power Supply Current
0.01µA (typ)
Single Supply Range 2.4V to 5.5V
PSRR, f = 217Hz 78dB
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4673_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4673 TI1-LM4673_14 Datasheet
4Mb / 29P
[Old version datasheet]   Filterless, 2.65W, Mono, Class D Audio Power Amplifier
More results

Similar Description - LM4673_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4673 NSC-LM4673 Datasheet
889Kb / 18P
   Filterless, 2.65W, Mono, Class D Audio Power Amplifier
LM4673 NSC-LM4673_07 Datasheet
8Mb / 24P
   Filterless, 2.65W, Mono, Class D Audio Power Amplifier
logo
Texas Instruments
LM4673 TI1-LM4673_14 Datasheet
4Mb / 29P
[Old version datasheet]   Filterless, 2.65W, Mono, Class D Audio Power Amplifier
LM4673 TI1-LM4673 Datasheet
4Mb / 28P
[Old version datasheet]   LM4673 Filterless, 2.65W, Mono, Class D Audio Power Amplifier
LM4675 TI-LM4675_15 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4675SDBD TI-LM4675SDBD Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4675 TI1-LM4675_14 Datasheet
1Mb / 24P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
National Semiconductor ...
LM4675 NSC-LM4675 Datasheet
925Kb / 19P
   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
   Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
   FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com