Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4674A Datasheet(PDF) 11 Page - Texas Instruments

Part # LM4674A
Description  Filterless 2.5W Stereo Class D Audio Power Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4674A Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM4674A_15 Datasheet HTML 7Page - Texas Instruments LM4674A_15 Datasheet HTML 8Page - Texas Instruments LM4674A_15 Datasheet HTML 9Page - Texas Instruments LM4674A_15 Datasheet HTML 10Page - Texas Instruments LM4674A_15 Datasheet HTML 11Page - Texas Instruments LM4674A_15 Datasheet HTML 12Page - Texas Instruments LM4674A_15 Datasheet HTML 13Page - Texas Instruments LM4674A_15 Datasheet HTML 14Page - Texas Instruments LM4674A_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
LM4674A
www.ti.com
SNAS366A – SEPTEMBER 2006 – REVISED MAY 2013
APPLICATION INFORMATION
GENERAL AMPLIFIER FUNCTION
The LM4674A stereo Class D audio power amplifier features a filterless modulation scheme that reduces
external component count, conserving board space and reducing system cost. The outputs of the device
transition from VDD to GND with a 300kHz switching frequency. With no signal applied, the outputs (OUT_A and
OUT_B) switch with a 50% duty cycle, in phase, causing the two outputs to cancel. This cancellation results in no
net voltage across the speaker, thus there is no current to the load in the idle state.
With the input signal applied, the duty cycle (pulse width) of the LM4674A outputs changes. For increasing output
voltage, the duty cycle of OUT_A increases, while the duty cycle of OUT_B decreases. For decreasing output
voltages, the converse occurs. The difference between the two pulse widths yields the differential output voltage.
DIFFERENTIAL AMPLIFIER EXPLANATION
As logic supplies continue to shrink, system designers are increasingly turning to differential analog signal
handling to preserve signal to noise ratios with restricted voltage signs. The LM4674A features two fully
differential amplifiers. A differential amplifier amplifies the difference between the two input signals. Traditional
audio power amplifiers have typically offered only single-ended inputs resulting in a 6dB reduction of SNR
relative to differential inputs. The LM4674A also offers the possibility of DC input coupling which eliminates the
input coupling capacitors. A major benefit of the fully differential amplifier is the improved common mode
rejection ratio (CMRR) over single ended input amplifiers. The increased CMRR of the differential amplifier
reduces sensitivity to ground offset related noise injection, especially important in noisy systems.
POWER DISSIPATION AND EFFICIENCY
The major benefit of a Class D amplifier is increased efficiency versus a Class AB. The efficiency of the
LM4674A is attributed to the region of operation of the transistors in the output stage. The Class D output stage
acts as current steering switches, consuming negligible amounts of power compared to their Class AB
counterparts. Most of the power loss associated with the output stage is due to the IR loss of the MOSFET on-
resistance, along with switching losses due to gate charge.
SHUTDOWN FUNCTION
The LM4674A features independent left and right channel shutdown controls, allowing each channel to be
disabled independently. /SDR controls the right channel, while /SDL controls the left channel. Driving either low
disables the corresponding channel, reducing supply current to 0.03µA.
It is best to switch between ground and VDD for minimum current consumption while in shutdown. The LM4674A
may be disabled with shutdown voltages in between GND and VDD, the idle current will be greater than the
typical 0.03µA value. Increased THD+N may also be observed when a voltage of less than VDD is applied to
/SD_ for logic levels between GND and VDD Bypass /SD_ with a 0.1μF capacitor.
The LM4674A shutdown inputs have internal pulldown resistors. The purpose of these resistors is to eliminate
any unwanted state changes when /SD_ is floating. To minimize shutdown current, /SD_ should be driven to
GND or left floating. If /SD_ is not driven to GND or floating, an increase in shutdown supply current will be
noticed.
SINGLE-ENDED AUDIO AMPLIFIER CONFIGURATION
The LM4674A is compatible with single-ended sources. When configured for single-ended inputs, input
capacitors must be used to block and DC component at the input of the device. Figure 25 shows the typical
single-ended applications circuit.
AUDIO AMPLIFIER POWER SUPPLY BYPASSING/FILTERING
Proper power supply bypassing is critical for low noise performance and high PSRR. Place the supply bypass
capacitor as close to the device as possible. Typical applications employ a voltage regulator with 10µF and 0.1µF
bypass capacitors that increase supply stability. These capacitors do not eliminate the need for bypassing of the
LM4674A supply pins. A 1µF capacitor is recommended.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM4674A


Similar Part No. - LM4674A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4674A TI1-LM4674A_14 Datasheet
837Kb / 20P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
More results

Similar Description - LM4674A_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4674 NSC-LM4674 Datasheet
844Kb / 18P
   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Diodes Incorporated
PAM8003 DIODES-PAM8003 Datasheet
542Kb / 12P
   FILTERLESS 2.5W CLASS-D STEREO AUDIO AMPLIFIER
logo
Texas Instruments
LM4674A TI1-LM4674A_14 Datasheet
837Kb / 20P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
National Semiconductor ...
LM4674A NSC-LM4674A Datasheet
838Kb / 18P
   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Texas Instruments
LM4674 TI1-LM4674_14 Datasheet
1Mb / 27P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674 TI1-LM4674 Datasheet
1Mb / 27P
[Old version datasheet]   LM4674 Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Diodes Incorporated
PAM8302A DIODES-PAM8302A Datasheet
595Kb / 13P
   2.5W FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Texas Instruments
LM48411 TI1-LM48411 Datasheet
875Kb / 22P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier
logo
Power Analog Micoelectr...
PAM8302L PAM-PAM8302L Datasheet
285Kb / 13P
   2.5W Filterless Class-D Mono Audio Amplifier
logo
Anpec Electronics Corop...
APA2603B ANPEC-APA2603B Datasheet
500Kb / 24P
   2.5W Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com