Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4875 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM4875
Description  750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4875 Datasheet(HTML) 5 Page - Texas Instruments

  LM4875 Datasheet HTML 1Page - Texas Instruments LM4875 Datasheet HTML 2Page - Texas Instruments LM4875 Datasheet HTML 3Page - Texas Instruments LM4875 Datasheet HTML 4Page - Texas Instruments LM4875 Datasheet HTML 5Page - Texas Instruments LM4875 Datasheet HTML 6Page - Texas Instruments LM4875 Datasheet HTML 7Page - Texas Instruments LM4875 Datasheet HTML 8Page - Texas Instruments LM4875 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LM4875
www.ti.com
SNAS042C – JANUARY 2002 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Power Dissipation vs Load Resistance
Power Dissipation vs Output Power
Figure 8.
Figure 9.
Power Derating Curve
Clipping Voltage vs RL
Figure 10.
Figure 11.
Frequency Response vs
Noise Floor
Input Capacitor Size
Figure 12.
Figure 13.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4875


Similar Part No. - LM4875

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4875 NSC-LM4875 Datasheet
673Kb / 13P
   750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
LM4875 NSC-LM4875 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4875M NSC-LM4875M Datasheet
673Kb / 13P
   750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
LM4875MM NSC-LM4875MM Datasheet
673Kb / 13P
   750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
More results

Similar Description - LM4875

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4875 NSC-LM4875 Datasheet
673Kb / 13P
   750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
LM4865 NSC-LM4865 Datasheet
340Kb / 9P
   750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
logo
Texas Instruments
LM4865MX TI1-LM4865MX Datasheet
1Mb / 25P
[Old version datasheet]   LM4865 750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
National Semiconductor ...
LM4682 NSC-LM4682 Datasheet
1Mb / 21P
   10 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and DC Volume Control
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
logo
Power Analog Micoelectr...
PAM8007 PAM-PAM8007 Datasheet
968Kb / 16P
   Filterless 3W Class-D Stereo Audio Amplifier with DC Volume Control and Headphone Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com