Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4881 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM4881
Description  Dual 200 mW Headphone Amplifier with Shutdown Mode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4881 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM4881_15 Datasheet HTML 3Page - Texas Instruments LM4881_15 Datasheet HTML 4Page - Texas Instruments LM4881_15 Datasheet HTML 5Page - Texas Instruments LM4881_15 Datasheet HTML 6Page - Texas Instruments LM4881_15 Datasheet HTML 7Page - Texas Instruments LM4881_15 Datasheet HTML 8Page - Texas Instruments LM4881_15 Datasheet HTML 9Page - Texas Instruments LM4881_15 Datasheet HTML 10Page - Texas Instruments LM4881_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LM4881
www.ti.com
SNAS001D – SEPTEMBER 1997 – REVISED MAY 2013
Typical Performance Characteristics (continued)
Output Power vs Supply Voltage
Output Power vs Supply Voltage
Figure 16.
Figure 17.
Output Power vs Supply Voltage
Power Dissipation vs Output Power
Figure 18.
Figure 19.
Output Power vs Load Resistance
Output Power vs Load Resistance
Figure 20.
Figure 21.
Copyright © 1997–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM4881


Similar Part No. - LM4881_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4881M NSC-LM4881M Datasheet
413Kb / 11P
   Dual 200 mW Headphone Amplifier with Shutdown Mode
LM4881MM NSC-LM4881MM Datasheet
413Kb / 11P
   Dual 200 mW Headphone Amplifier with Shutdown Mode
LM4881N NSC-LM4881N Datasheet
413Kb / 11P
   Dual 200 mW Headphone Amplifier with Shutdown Mode
More results

Similar Description - LM4881_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4881 NSC-LM4881 Datasheet
413Kb / 11P
   Dual 200 mW Headphone Amplifier with Shutdown Mode
logo
Anachip Corp
AP4809 ANACHIP-AP4809 Datasheet
234Kb / 9P
   Stereo Headphone Amplifier With Shutdown Mode
logo
National Semiconductor ...
LM4809 NSC-LM4809 Datasheet
903Kb / 18P
   Dual 105mW Headphone Amplifier with Active-Low Shutdown Mode
logo
Texas Instruments
LM4809 TI1-LM4809_14 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
logo
National Semiconductor ...
LM4810 NSC-LM4810 Datasheet
928Kb / 18P
   Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
logo
Texas Instruments
LM4810 TI-LM4810_15 Datasheet
1Mb / 25P
[Old version datasheet]   Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
LM4809LQX TI1-LM4809LQX Datasheet
1Mb / 30P
[Old version datasheet]   Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
LM4809 TI-LM4809_15 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
logo
Lyontek Inc.
LY8601 LYONTEK-LY8601 Datasheet
195Kb / 5P
   Dual 0.1W Headphone Amplifier with Active-high shutdown mode
logo
Texas Instruments
LM4880 TI-LM4880 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mW Audio Power Amplifier with Shutdown Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com