Electronic Components Datasheet Search |
|
LM4890 Datasheet(PDF) 6 Page - Texas Instruments |
|
LM4890 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 36 page LM4890 SNAS138L – SEPTEMBER 2001 – REVISED MAY 2013 www.ti.com Electrical Characteristics VDD = 3V (1)(2)(3) (continued) The following specifications apply for the circuit shown in Figure 7 unless otherwise specified. Limits apply for TA = 25°C. LM4890 Units Parameter Test Conditions (Limits) Typical(4) Limit(5) (6) VOS Output Offset Voltage 7 50 mV (max) ROUT-GND Resistor Output to Gnd(7) 9.7 k Ω (max) 8.5 7.0 k Ω (min) TWU Wake-up time 120 180 ms (max) Po Output Power (8 Ω) THD = 1% (max); f = 1kHz 0.31 0.28 W TSD Thermal Shutdown Temperature 150 °C(min) 170 190 °C(max) THD+N Total Harmonic Distortion + Noise Po = 0.15Wrms; f = 1kHz 0.1 % PSRR Power Supply Rejection Ratio(8) Vripple = 200mV sine p-p 56 (f = 217Hz) 45 dB(min) Input terminated with 10 ohms to 62 (f = 1kHz) ground (7) ROUT is measured from each of the output pins to ground. This value represents the parallel combination of the 10k ohm output resistors and the two 20k ohm resistors. (8) PSRR is a function of system gain. Specifications apply to the circuit in Figure 7 where AV = 2. Higher system gains will reduce PSRR value by the amount of gain increase. A system gain of 10 represents a gain increase of 14dB. PSRR will be reduced by 14dB and applies to all operating voltages. Electrical Characteristics VDD = 2.6V (1) (2) (3) The following specifications apply for for the circuit shown in Figure 7 unless otherwise specified. Limits apply for TA = 25°C. LM4890 Units Parameter Test Conditions (Limits) Typical(4) Limit(5) (6) IDD Quiescent Power Supply Current VIN = 0V, Io = 0A, No Load 2.6 mA (max) ISD Shutdown Current VSHUTDOWN = 0V 0.1 µA (max) P0 Output Power (8 Ω) THD = 1% (max); f = 1 kHz 0.2 W Output Power (4 Ω) THD = 1% (max); f = 1 kHz 0.22 W THD+N Total Harmonic Distortion + Noise Po = 0.1Wrms; f = 1kHz 0.08 % PSRR Power Supply Rejection Ratio(7) Vripple = 200mV sine p-p 44 (f = 217Hz) dB Input Terminated with 10 ohms to 44 (f = 1kHz) ground (1) All voltages are measured with respect to the ground pin, unless otherwise specified. (2) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication of device performance. (3) For DSBGA only, shutdown current is measured in a Normal Room Environment. Exposure to direct sunlight will increase ISD by a maximum of 2µA. (4) Typicals are measured at 25°C and represent the parametric norm. (5) Limits are specified to TI's AOQL (Average Outgoing Quality Level). (6) Datasheet min/max specification limits are specified by design, test, or statistical analysis. (7) PSRR is a function of system gain. Specifications apply to the circuit in Figure 7 where AV = 2. Higher system gains will reduce PSRR value by the amount of gain increase. A system gain of 10 represents a gain increase of 14dB. PSRR will be reduced by 14dB and applies to all operating voltages. 6 Submit Documentation Feedback Copyright © 2001–2013, Texas Instruments Incorporated Product Folder Links: LM4890 |
Similar Part No. - LM4890_15 |
|
Similar Description - LM4890_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |