Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-9380VW-2RG Datasheet(PDF) 3 Page - Optoway Technology Inc

Part # SPS-9380VW-2RG
Description  3 Gb/s Dual Optical SM Digital Diagnostic Receiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-9380VW-2RG Datasheet(HTML) 3 Page - Optoway Technology Inc

  SPS-9380VW-2RG_15 Datasheet HTML 1Page - Optoway Technology Inc SPS-9380VW-2RG_15 Datasheet HTML 2Page - Optoway Technology Inc SPS-9380VW-2RG_15 Datasheet HTML 3Page - Optoway Technology Inc SPS-9380VW-2RG_15 Datasheet HTML 4Page - Optoway Technology Inc SPS-9380VW-2RG_15 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Optoway
SPS-9380VW-2RG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
3/1/2009 V1.0
3
CONNECTION DIAGRAM
PIN
Name
Function
Notes
1
Vee
Signal Ground
2
RX2-
Negative Differential Output (2)
3
RX2+
Positive Differential Output (2)
4
Vee
Signal Ground
5
SCL
Serial I
2C Clock
6
SDA
Serial I
2C Data
7
Vee
Signal Ground
8
NC
No Connection
9
NC
No Connection
10
NC
No Connection
11
Vee
Signal Ground
12
RX1-
Negative Differential Output (1)
13
RX1+
Positive Differential Output (1)
14
Vee
Signal Ground
15
Vcc RX1
Power Supply (1)
+3.3V±5%
16
Vcc RX2
Power Supply (2)
+3.3V±5%
17
Vee
Signal Ground
18
NC
No Connection
19
NC
No Connection
20
NC
No Connection


Similar Part No. - SPS-9380VW-2RG_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9380VW-2RG_2015 OPTOWAY-SPS-9380VW-2RG_2015 Datasheet
133Kb / 5P
   3 Gb/s Dual Optical SM Digital Diagnostic Receiver
More results

Similar Description - SPS-9380VW-2RG_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9110VW-2RG_2015 OPTOWAY-SPS-9110VW-2RG_2015 Datasheet
133Kb / 5P
   3 Gb/s Dual Optical SM Digital Diagnostic Receiver
SPS-9380VW-2RG_2015 OPTOWAY-SPS-9380VW-2RG_2015 Datasheet
133Kb / 5P
   3 Gb/s Dual Optical SM Digital Diagnostic Receiver
SPS-9110VW-2RG OPTOWAY-SPS-9110VW-2RG_15 Datasheet
133Kb / 5P
   3 Gb/s Dual Optical SM Digital Diagnostic Receiver
SPS-9110VW-1RG_2015 OPTOWAY-SPS-9110VW-1RG_2015 Datasheet
137Kb / 5P
   3 Gb/s Single Optical SM Digital Diagnostic Receiver
SPS-9380VW-1RG OPTOWAY-SPS-9380VW-1RG_15 Datasheet
138Kb / 5P
   3 Gb/s Single Optical SM Digital Diagnostic Receiver
SPS-7110VW-2RG_2015 OPTOWAY-SPS-7110VW-2RG_2015 Datasheet
135Kb / 5P
   1.5 Gb/s Dual Optical SM Digital Diagnostic Receiver
SPS-9380VW-1RG_2015 OPTOWAY-SPS-9380VW-1RG_2015 Datasheet
138Kb / 5P
   3 Gb/s Single Optical SM Digital Diagnostic Receiver
SPS-9110VW-1RG OPTOWAY-SPS-9110VW-1RG_15 Datasheet
137Kb / 5P
   3 Gb/s Single Optical SM Digital Diagnostic Receiver
SPS-7110VW-2RG OPTOWAY-SPS-7110VW-2RG_15 Datasheet
135Kb / 5P
   1.5 Gb/s Dual Optical SM Digital Diagnostic Receiver
SPS-9310VW-CXX1RG_2015 OPTOWAY-SPS-9310VW-CXX1RG_2015 Datasheet
151Kb / 6P
   3 Gb/s Medium Power Optical SM Digital Diagnostic Transmitter/Receiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com