Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48511 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM48511
Description  LM48511 3-W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier With Spread Spectrum
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM48511 Datasheet(HTML) 5 Page - Texas Instruments

  LM48511_15 Datasheet HTML 1Page - Texas Instruments LM48511_15 Datasheet HTML 2Page - Texas Instruments LM48511_15 Datasheet HTML 3Page - Texas Instruments LM48511_15 Datasheet HTML 4Page - Texas Instruments LM48511_15 Datasheet HTML 5Page - Texas Instruments LM48511_15 Datasheet HTML 6Page - Texas Instruments LM48511_15 Datasheet HTML 7Page - Texas Instruments LM48511_15 Datasheet HTML 8Page - Texas Instruments LM48511_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ÌLM48511
www.ti.com
SNAS416H – JULY 2007 – REVISED AUGUST 2015
6.5 Electrical Characteristics VDD = 5 V
The following specifications apply for VDD = 5 V, PV1 = 7.8 V (continuos mode), AV = 2 V/V, R3 = 25.5 kΩ, RLS = 4.87 kΩ,
RL = 8 Ω, f = 1 kHz, SS/FF = GND, unless otherwise specified. Limits apply for TA = 25°C.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
Fixed Frequency Mode (FF)
13.5
mA
Quiescent Power Supply
IDD
VIN = 0, RLOAD = ∞
Current
Spread Spectrum Mode (SS)
14.5
22
mA
ISD
Shutdown Current(3)
VSD_BOOST = VSD_AMP = SS = FB_SEL = GND
0.11
1
μA
VIH
Logic Voltage Input High
1.4
V
VIL
Logic Voltage Input Low
0.4
V
TWU
Wake-up Time
CSS = 0.1 μF
49
ms
VOS
Output Offset Voltage
See (4)
0.01
3
mV
RL = 8 Ω
FF
3
f = 1 kHz, BW = 22 kHz
W
SS
2.6
3
THD+N = 1%
RL = 8 Ω
FF
3.8
f = 1 kHz, BW = 22 kHz
W
SS
3.8
THD+N = 10%
PO
Output Power
RL = 4 Ω
FF
5.4
f = 1 kHz, BW = 22 kHz
W
SS
5.4
THD+N = 1%
RL = 4 Ω
FF
6.7
f = 1 kHz, BW = 22 kHz
W
SS
6.7
THD+N = 10%
FF
0.03%
PO = 2 W, f = 1 kHz,
RL = 8 Ω
SS
0.03%
Total Harmonic
THD+N
Distortion + Noise
FF
0.04%
PO = 3 W, f = 1 kHz,
RL = 4 Ω
SS
0.05%
f = 20 Hz to 20 kHz
FF
32
Inputs to AC GND, No
µVRMS
SS
32
weighting
εOS
Output Noise
f = 20 Hz to 20 kHz
FF
22
Inputs to AC GND, A
µVRMS
SS
22
weighted
VRIPPLE = 200 mVP-P
FF
88
Sine,
dB
SS
87
fRIPPLE = = 217 Hz
Power Supply Rejection
VRIPPLE = 200 mVP-P
FF
88
PSRR
Ratio
Sine,
dB
SS
85
(Input Referred)
fRIPPLE = = 1 kHz
VRIPPLE = 200 mVP-P
FF
77
Sine,
dB
SS
76
fRIPPLE = = 10 kHz
Common-Mode
VRIPPLE = 1 VP-P, fRIPPLE = 217 Hz
CMRR
Rejection Ratio
73
dB
(Input Referred)
η
Efficiency
f = 1 kHz, RL = 8 Ω, PO = 1 W
80%
Feedback Pin Reference
VFB
1.23
V
Voltage(5)
(1)
RL is a resistive load in series with two inductors to simulate an actual speaker load for RL = 8Ω, the load is 15μH+8Ω+15μH. For
RL = 4 Ω, the load is 15 μH + 4 Ω + 15 μH.
(2)
Typical values represent most likely parametric norms at TA = +25ºC, and at the Recommended Operation Conditions at the time of
product characterization and are not specified.
(3)
Shutdown current is measured with components R1 and R2 removed.
(4)
Offset voltage is determined by: (IDD (with load) — IDD (no load)) x RL.
(5)
Feedback pin reference voltage is measured with the Audio Amplifier disconnected from the Boost converter (the Boost converter is
unloaded).
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ÌLM48511


Similar Part No. - LM48511_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48511SQ NSC-LM48511SQ Datasheet
440Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM48511SQ NSC-LM48511SQ Datasheet
442Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Texas Instruments
LM48511SQ TI1-LM48511SQ Datasheet
997Kb / 28P
[Old version datasheet]   Mono, Class D Audio Power Amplifier
LM48511SQ/NOPB TI1-LM48511SQ/NOPB Datasheet
997Kb / 28P
[Old version datasheet]   Mono, Class D Audio Power Amplifier
LM48511SQBD TI-LM48511SQBD Datasheet
144Kb / 2P
[Old version datasheet]   The LM48511 Integrates a Boost Converter with a High Efficiency
More results

Similar Description - LM48511_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4675 TI-LM4675_15 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
National Semiconductor ...
LM48511 NSC-LM48511_08 Datasheet
442Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Texas Instruments
LM4675SDBD TI-LM4675SDBD Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4675 TI1-LM4675_14 Datasheet
1Mb / 24P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
National Semiconductor ...
LM48511 NSC-LM48511 Datasheet
440Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4675 NSC-LM4675 Datasheet
925Kb / 19P
   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Texas Instruments
LM4675 TI1-LM4675 Datasheet
1Mb / 23P
[Old version datasheet]   LM4675 Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Eutech Microelectronics...
EUA2032 EUTECH-EUA2032 Datasheet
155Kb / 1P
   Low EMI, Ultra-Low Distortion, 2.5-W Mono Filterless Class-D Audio Power Amplifier
EUA2011 EUTECH-EUA2011 Datasheet
570Kb / 16P
   3-W Mono Filterless Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8303C DIODES-PAM8303C Datasheet
775Kb / 17P
   ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com