Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM49350 Datasheet(PDF) 32 Page - Texas Instruments

Part # LM49350
Description  LM49350 Boomer짰 Audio Power Amplifier Series High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier & an Ultra Low EMI Class D Loudspeaker Amplifier with Dual I2S/PCM Digital Audio Interfaces
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49350 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM49350_15 Datasheet HTML 28Page - Texas Instruments LM49350_15 Datasheet HTML 29Page - Texas Instruments LM49350_15 Datasheet HTML 30Page - Texas Instruments LM49350_15 Datasheet HTML 31Page - Texas Instruments LM49350_15 Datasheet HTML 32Page - Texas Instruments LM49350_15 Datasheet HTML 33Page - Texas Instruments LM49350_15 Datasheet HTML 34Page - Texas Instruments LM49350_15 Datasheet HTML 35Page - Texas Instruments LM49350_15 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 108 page
background image
LM49350, LM49350RLEVAL
SNAS359D – SEPTEMBER 2008 – REVISED JUNE 2012
www.ti.com
PMC Clocks Register
This register is used to control the LM49350's Basic Power Management Setup:
Table 3. PMC_SETUP (0x01h)
Bits
Field
Description
1:0
PMC_CLK_SEL
This selects the source of the PMC input clock.
PMC_CLK_SEL
PMC Input Clock Source
00
MCLK (Default divide is 40)
01
Internal 300kHz Oscillator
10
DAC SOURCE CLOCK
11
ADC SOURCE CLOCK
PMC Clock Divide Register
This register is used to control the LM49350's Power Management Circuits Clocks:
Table 4. PMC_SETUP (0x02h) (Default data value is 0x50h)
Bits
Field
Description
7:0
PMC_CLK_DIV
This programs the half cycle divider that precedes the PMC. The PMC should run from a
300kHz clock. The default of this divider is 0x50h (divide by 40) to get a
≈300kHz PMC clock
from a 12MHz or 12.288MHz MCLK.
Program this divider with the division you want, multiplied by 2, and subtract 1.
PMC_CLK_DIV
Divide by
00000000
1
00000001
1
00000010
1.5
00000011
2
00000100
2.5
00000101
3
11111101
126
11111110
127.5
11111111
128
LM49350 Clock Network
Refer to Figure 54
The audio DAC and ADC operate at a clock frequency of 2*OSR*fS where OSR is the oversampling ratio and fS
is the sampling frequency of the DAC or ADC. The DAC can operate at four different OSR settings (128, 125, 64,
32). The ADC can operate at three different OSR settings (128, 125, 64). For example, if the stereo DAC or ADC
is set at OSR = 128, a 12.288MHz clock is required for 48kHz data. If a 12.288MHz clock is not available, then
one of the LM49350's dual PLLs can be used to generate the desired clock frequency. Otherwise, if a
12.288MHz is available, then the PLL can be bypassed to reduce power consumption. The DAC clock divider (S
divider) or ADC clock divider (T divider) can also be used to generate the correct clock. If an 18.432 MHz clock is
available, the S or T divider could be set to 1.5 in order to generate a 12.288MHz clock from 18.432MHz without
using a PLL.
The DAC path clock (DAC_SOURCE_CLK) and ADC path clock (ADC_SOURCE_CLK) can be driven directly by
the MCLK input, the PORT1_CLK input, the PORT2_CLK input, PLL1's output, or PLL2's output.
For instances where a PLL must be used, the PLL input clock can come from three sources. The clock input to
PLL1 or PLL2 can come from the MCLK input, the PORT1_CLK input, or the PORT2_CLK input.
32
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated
Product Folder Links: LM49350 LM49350RLEVAL


Similar Part No. - LM49350_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49350RL NSC-LM49350RL Datasheet
3Mb / 104P
   High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier
LM49350RLX NSC-LM49350RLX Datasheet
3Mb / 104P
   High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier
More results

Similar Description - LM49350_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49350 NSC-LM49350 Datasheet
3Mb / 104P
   High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier
logo
Texas Instruments
LM49370RLX-NOPB TI1-LM49370RLX-NOPB Datasheet
2Mb / 89P
[Old version datasheet]   Boomer짰 Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers
logo
Nuvoton Technology Corp...
NAU88L21 NUVOTON-NAU88L21 Datasheet
1Mb / 69P
   Ultra-Low Power Audio CODEC Ground-Referenced Headphone Amplifier
logo
Texas Instruments
LM49370 TI1-LM49370_14 Datasheet
2Mb / 90P
[Old version datasheet]   Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
logo
National Semiconductor ...
LM49370 NSC-LM49370 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
logo
Texas Instruments
LM4917 TI1-LM4917 Datasheet
3Mb / 25P
[Old version datasheet]   Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier
logo
National Semiconductor ...
LM49450 NSC-LM49450 Datasheet
1Mb / 38P
   I2S Input, 2.5W/Channel, Low EMI, Stereo, Class D Audio Sub-System with Ground Referenced Headphone Amplifier, 3D Enhancement, and Headphone Sense
logo
Realtek Semiconductor C...
ALC5623-GR REALTEK-ALC5623-GR_08 Datasheet
1Mb / 75P
   I2S AUDIO CODEC HEADPHONE AMPLIFIER
ALC5623 REALTEK-ALC5623 Datasheet
1Mb / 74P
   I2S AUDIO CODEC HEADPHONE AMPLIFIER
logo
National Semiconductor ...
LM49370 NSC-LM49370_08 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com