Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM49350 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM49350
Description  LM49350 Boomer짰 Audio Power Amplifier Series High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier & an Ultra Low EMI Class D Loudspeaker Amplifier with Dual I2S/PCM Digital Audio Interfaces
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM49350 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM49350_15 Datasheet HTML 8Page - Texas Instruments LM49350_15 Datasheet HTML 9Page - Texas Instruments LM49350_15 Datasheet HTML 10Page - Texas Instruments LM49350_15 Datasheet HTML 11Page - Texas Instruments LM49350_15 Datasheet HTML 12Page - Texas Instruments LM49350_15 Datasheet HTML 13Page - Texas Instruments LM49350_15 Datasheet HTML 14Page - Texas Instruments LM49350_15 Datasheet HTML 15Page - Texas Instruments LM49350_15 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 108 page
background image
LM49350, LM49350RLEVAL
SNAS359D – SEPTEMBER 2008 – REVISED JUNE 2012
www.ti.com
ELECTRICAL CHARACTERISTICS: A_VDD = LS_VDD = 3.3V; D_VDD = I/O_VDD =
1.8V
(1)(2) (continued)
The following specifications apply for RL(LS) = 8Ω, RL(HP) = 32Ω, f = 1kHz, unless otherwise specified. Limits apply for TA =
25°C.
LM49350
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)
AUX Gain = 0dB
0.5
6
mV (max)
From Differential Mono Input
VOS
Output Offset Voltage
DAC Gain = 0dB, From DAC Input
1
6
mV (max)
fMCLK = 12.288MHz, PLL off
TWU
Turn-On Time
PMC Clock = 300kHz
28
ms
AUXILIARY OUTPUTS
AUX_LINE_OUT
0.004
%
RL = 5kΩ, VOUT = 1VRMS
THD+N
Total Harmonic Distortion + Noise
Earpiece mode, f = 1kHz
0.08
%
RL = 32Ω BTL, POUT = 20mW
Earpiece mode, f = 1kHz
POUT
Output Power
58
45
mW (min)
RL = 32Ω BTL, THD+N = 1%
VRIPPLE = 200mVP-P, fRIPPLE = 217Hz
Mono Input terminated, CREF = 1μF
100
dB
AUX_LINE_OUT
PSRR
Power Supply Rejection Ratio
VRIPPLE = 200mVP-P, fRIPPLE = 217Hz
Mono Input terminated, CREF = 1μF
94
62
dB (min)
Earpiece mode
Gain = 0dB, VREF = VOUT (1%THD+N)
SNR
Signal-to-Noise Ratio
100
dB
A-weighted, Mono Input Terminated
Gain = 0dB, VREF = VOUT (1%THD+N)
OUT
Output Noise
13
μV
A-weighted, Mono Input Terminated
Gain = 0dB, From Mono Input
7
mV
AUX_LINE_OUT
VOS
Output Offset Voltage
Gain = 0dB, From Mono Input
3
15
mV (max)
Earpiece mode
TWU
Turn-On Time
PMC Clock = 300kHz
28
ms
STEREO ADC
Differential Line Input
ADC Total Harmonic Distortion +
THD+NADC
VIN = 200mVRMS, f = 1kHz
0.03
%
Noise
Gain = 0dB
HPF On, fS = 48kHz
300
Hz
Lower -3dB Point
PBADC
ADC Passband
HPF On, Upper -3dB Point
0.41*fS
kHz
RADC
ADC Ripple
ADC Compensated
0.1
dB
Reference = VOUT (0dBFS )
Gain = 6dB,
90
dB
A-weighted From MIC, fS = 8kHz
SNRADC
ADC Signal-to-Noise Ratio
Reference = VOUT (0dBFS )
Gain = 0dB,
94
dB
A-weighted From Stereo Input,
fS = 48kHz
ADCLEVEL
ADC Full Scale Input Level
1
VRMS
STEREO DAC
I2S Input
DAC Total Harmonic Distortion +
THD+NDAC
VIN = 500mFFSRMS, f = 1kHz
0.05
%
Noise
Gain = 0dB
DACLEVEL
DAC Full Scale Output Level
1
VRMS
RDAC
DAC Ripple
0.1
dB
PBDAC
DAC Passband
Upper –3dB Point
0.45*fS
kHz
SNRDAC
DAC Signal-to-Noise Ratio
fS = 48kHz, A-weighted
96
dB
12
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated
Product Folder Links: LM49350 LM49350RLEVAL


Similar Part No. - LM49350_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49350RL NSC-LM49350RL Datasheet
3Mb / 104P
   High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier
LM49350RLX NSC-LM49350RLX Datasheet
3Mb / 104P
   High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier
More results

Similar Description - LM49350_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49350 NSC-LM49350 Datasheet
3Mb / 104P
   High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier
logo
Texas Instruments
LM49370RLX-NOPB TI1-LM49370RLX-NOPB Datasheet
2Mb / 89P
[Old version datasheet]   Boomer짰 Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers
logo
Nuvoton Technology Corp...
NAU88L21 NUVOTON-NAU88L21 Datasheet
1Mb / 69P
   Ultra-Low Power Audio CODEC Ground-Referenced Headphone Amplifier
logo
Texas Instruments
LM49370 TI1-LM49370_14 Datasheet
2Mb / 90P
[Old version datasheet]   Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
logo
National Semiconductor ...
LM49370 NSC-LM49370 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
logo
Texas Instruments
LM4917 TI1-LM4917 Datasheet
3Mb / 25P
[Old version datasheet]   Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier
logo
National Semiconductor ...
LM49450 NSC-LM49450 Datasheet
1Mb / 38P
   I2S Input, 2.5W/Channel, Low EMI, Stereo, Class D Audio Sub-System with Ground Referenced Headphone Amplifier, 3D Enhancement, and Headphone Sense
logo
Realtek Semiconductor C...
ALC5623-GR REALTEK-ALC5623-GR_08 Datasheet
1Mb / 75P
   I2S AUDIO CODEC HEADPHONE AMPLIFIER
ALC5623 REALTEK-ALC5623 Datasheet
1Mb / 74P
   I2S AUDIO CODEC HEADPHONE AMPLIFIER
logo
National Semiconductor ...
LM49370 NSC-LM49370_08 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com