Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9Y30-75B Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BUK9Y30-75B
Description  N-channel TrenchMOS logic level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9Y30-75B Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BUK9Y30-75B_15 Datasheet HTML 3Page - NXP Semiconductors BUK9Y30-75B_15 Datasheet HTML 4Page - NXP Semiconductors BUK9Y30-75B_15 Datasheet HTML 5Page - NXP Semiconductors BUK9Y30-75B_15 Datasheet HTML 6Page - NXP Semiconductors BUK9Y30-75B_15 Datasheet HTML 7Page - NXP Semiconductors BUK9Y30-75B_15 Datasheet HTML 8Page - NXP Semiconductors BUK9Y30-75B_15 Datasheet HTML 9Page - NXP Semiconductors BUK9Y30-75B_15 Datasheet HTML 10Page - NXP Semiconductors BUK9Y30-75B_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
BUK9Y30-75B_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 10 April 2008
7 of 13
NXP Semiconductors
BUK9Y30-75B
N-channel TrenchMOS logic level FET
Fig 8.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Fig 9.
Output characteristics: drain current as a
function of drain-source voltage; typical values
Fig 10. Forward transconductance as a function of
drain current; typical values
Fig 11. Gate-source threshold voltage as a function of
junction temperature
VGS (V)
05
4
23
1
03no09
20
40
60
ID
(A)
0
Tj = 175 °C
Tj = 25 °C
VDS (V)
010
8
46
2
03no11
50
25
75
100
ID
(A)
0
VGS (V) = 10
5.0
4.2
4.0
3.8
3.6
3.4
3.2
3.0
2.8
2.6
7.0
V
DS =25V
T
j =25 °C; t p = 300 s
ID (A)
040
30
10
20
03no08
30
40
50
gfs
(S)
20
−60
180
120
060
03ng52
1.0
1.5
0.5
2.0
2.5
VGS(th)
(V)
0
Tj (°C)
min
typ
max
T
j =25 °C;VDS =25V
I
D =1 mA;VDS = VGS


Similar Part No. - BUK9Y30-75B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9Y30-75B PHILIPS-BUK9Y30-75B Datasheet
103Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-14 July 2004
BUK9Y30-75B NXP-BUK9Y30-75B Datasheet
198Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 04-10 April 2008
logo
Nexperia B.V. All right...
BUK9Y30-75B NEXPERIA-BUK9Y30-75B Datasheet
670Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 04 - 10 April 2008
More results

Similar Description - BUK9Y30-75B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com