Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9Y11-30B Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BUK9Y11-30B
Description  N-channel TrenchMOS logic level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9Y11-30B Datasheet(HTML) 3 Page - NXP Semiconductors

  BUK9Y11-30B_15 Datasheet HTML 1Page - NXP Semiconductors BUK9Y11-30B_15 Datasheet HTML 2Page - NXP Semiconductors BUK9Y11-30B_15 Datasheet HTML 3Page - NXP Semiconductors BUK9Y11-30B_15 Datasheet HTML 4Page - NXP Semiconductors BUK9Y11-30B_15 Datasheet HTML 5Page - NXP Semiconductors BUK9Y11-30B_15 Datasheet HTML 6Page - NXP Semiconductors BUK9Y11-30B_15 Datasheet HTML 7Page - NXP Semiconductors BUK9Y11-30B_15 Datasheet HTML 8Page - NXP Semiconductors BUK9Y11-30B_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BUK9Y11-30B_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 30 August 2007
3 of 12
NXP Semiconductors
BUK9Y11-30B
N-channel TrenchMOS logic level FET
VGS 5V
Fig 1.
Normalized total power dissipation as a
function of mounting base temperature
Fig 2.
Continuous drain current as a function of
mounting base temperature
Tmb =25 °C; IDM is single pulse.
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage
Tmb (°C)
0
200
150
50
100
003aab844
40
80
120
Pder
(%)
0
003aaa846
0
20
40
60
0
50
100
150
200
Tmb (°C)
ID
(A)
P
der
P
tot
P
tot 25
°C
()
------------------------
100 %
×
=
003aaa847
10
-1
1
10
10
2
10
3
10
-1
1
10
10
2
VDS (V)
ID
(A)
Limit RDSon = VDS / ID
DC
t
p = 10 µs
100
µs
1 ms
10 ms
100 ms


Similar Part No. - BUK9Y11-30B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9Y11-30B NXP-BUK9Y11-30B Datasheet
88Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-30 August 2007
logo
Nexperia B.V. All right...
BUK9Y11-30B NEXPERIA-BUK9Y11-30B Datasheet
642Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01 - 30 August 2007
More results

Similar Description - BUK9Y11-30B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com