Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9110TV14I Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9110TV14I
Description  Single Digitally-Controlled Potentiometer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9110TV14I Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X9110TV14I Datasheet HTML 2Page - Intersil Corporation X9110TV14I Datasheet HTML 3Page - Intersil Corporation X9110TV14I Datasheet HTML 4Page - Intersil Corporation X9110TV14I Datasheet HTML 5Page - Intersil Corporation X9110TV14I Datasheet HTML 6Page - Intersil Corporation X9110TV14I Datasheet HTML 7Page - Intersil Corporation X9110TV14I Datasheet HTML 8Page - Intersil Corporation X9110TV14I Datasheet HTML 9Page - Intersil Corporation X9110TV14I Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
FN8158.3
February 13, 2008
TABLE 4. IDENTIFICATION BYTE FORMAT
TABLE 5. INSTRUCTION BYTE FORMAT
Device Instructions
Identification Byte (ID and A)
The first byte sent to the X9110 from the host, following a CS
going HIGH to LOW, is called the Identification Byte. The
most significant four bits of the slave address are a device
type identifier. The ID[3:0] bits is the device ID for the X9110;
this is fixed as 0101[B] (refer to Table 4).
The A0 bit in the ID byte is the internal slave address. The
physical device address is defined by the state of the A0 input
pin. The slave address is externally specified by the user. The
X9110 compares the serial data stream with the address input
state; a successful compare of the address bit is required for
the X9110 to successfully continue the command sequence.
Only the device whose slave address matches the incoming
device address sent by the master executes the instruction.
The A0 input can be actively driven by CMOS input signals or
tied to VCC or VSS. The R/W bit is used to set the device to
either read or write mode.
Instruction Byte and Register Selection
The next byte sent to the X9110 contains the instruction and
register pointer information. The three most significant bits
are used provide the instruction opcode (I[2:0]). The RB and
RA bits point to one of the four registers. The format is
shown in Table 5.
Five of the seven instructions are four bytes in length. These
instructions are:
• Read Wiper Counter Register – read the current wiper
position of the selected pot
• Write Wiper Counter Register – change current wiper
position of the selected pot
• Read Data Register – read the contents of the selected
data register
• Write Data Register – write a new value to the selected
data register
• Read Status – This command returns the contents of the
WIP bit which indicates if the internal write cycle is in
progress
The basic sequence of the four byte instructions is illustrated
in Figure 3. These four-byte instructions exchange data
between the WCR and one of the Data Registers. A transfer
from a Data Register to a WCR is essentially a write to a
static RAM, with the static RAM controlling the wiper
position. The response of the wiper to this action will be
delayed by tWRL. A transfer from the WCR (current wiper
position), to a Data Register is a write to nonvolatile memory
and takes a minimum of tWR to complete. The transfer can
occur between the potentiometer and one of its associated
registers. The Read Status Register instruction is the only
unique format (see Figure 4).
Two instructions require a two-byte sequence to complete
(See Figure 2). These instructions transfer data between the
host and the X9110; either between the host and one of the
Data Registers or directly between the host and the Wiper
Counter Register. These instructions are:
• XFR Data Register to Wiper Counter Register – This
transfers the contents of one specified Data Register to
the associated Wiper Counter Register
• XFR Wiper Counter Register to Data Register – This
transfers the contents of the specified Wiper Counter
Register to the specified associated Data Register
See Instruction format for more details.
ID3
ID2
ID1
ID0
0
0
A0
R/W
01
01
(MSB)
(LSB)
DEVICE TYPE
IDENTIFIER
INTERNAL SLAVE
ADDRESS
READ OR
WRITE BIT
I2
I1
I0
0
RB
RA
0
0
(MSB)
(LSB)
INSTRUCTION
OPCODE
REGISTER
SELECTION
RB
RA
REGISTER
0
0
1
1
0
1
0
1
DR0
DR1
DR2
DR3
X9110


Similar Part No. - X9110TV14I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9110TV14I XICOR-X9110TV14I Datasheet
133Kb / 21P
   Single Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9110TV14I INTERSIL-X9110TV14I Datasheet
369Kb / 18P
   Single Digitally-Controlled (XDCP) Potentiometer
X9110TV14I INTERSIL-X9110TV14I Datasheet
312Kb / 18P
   Dual Supply/Low Power/1024-Tap/SPI Bus
logo
Xicor Inc.
X9110TV14I-2.7 XICOR-X9110TV14I-2.7 Datasheet
133Kb / 21P
   Single Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9110TV14I-2.7 INTERSIL-X9110TV14I-2.7 Datasheet
369Kb / 18P
   Single Digitally-Controlled (XDCP) Potentiometer
More results

Similar Description - X9110TV14I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com