Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9015UM8IZ-2.7 Datasheet(PDF) 10 Page - Intersil Corporation

Part # X9015UM8IZ-2.7
Description  Single Digitally Controlled
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9015UM8IZ-2.7 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X9015UM8IZ-2.7 Datasheet HTML 4Page - Intersil Corporation X9015UM8IZ-2.7 Datasheet HTML 5Page - Intersil Corporation X9015UM8IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X9015UM8IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X9015UM8IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X9015UM8IZ-2.7 Datasheet HTML 9Page - Intersil Corporation X9015UM8IZ-2.7 Datasheet HTML 10Page - Intersil Corporation X9015UM8IZ-2.7 Datasheet HTML 11Page - Intersil Corporation X9015UM8IZ-2.7 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FN8157.6
August 14, 2015
.
About Intersil
Intersil Corporation is a leading provider of innovative power management and precision analog solutions. The company's products
address some of the largest markets within the industrial and infrastructure, mobile computing and high-end consumer markets.
For the most updated datasheet, application notes, related documentation and related parts, please see the respective product
information page found at www.intersil.com.
You may report errors or suggestions for improving this datasheet by visiting www.intersil.com/ask.
Reliability reports are also available from our website at www.intersil.com/support
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to the web to make
sure that you have the latest revision.
DATE
REVISION
CHANGE
August 14, 2015
FN8157.6
Updated Ordering Information on page 2.
Added Revision History and About Intersil sections.
Updated POD M8.118 to most current revision with changes as follows:
Corrected lead width dimension in side view 1 from "0.25 - 0.036" to "0.25 - 0.36"
Updated to new intersil format by adding land pattern and moving dimensions
from table onto drawing.
Updated POD M8.15 to most current revision with changes as follows:
Changed Note 1 "1982" to "1994"
Changed in Typical Recommended Land Pattern the following:
2.41(0.095) to 2.20(0.087)
0.76 (0.030) to 0.60(0.023)
0.200 to 5.20(0.205)
X9015


Similar Part No. - X9015UM8IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9015UM8IZ-2.7 INTERSIL-X9015UM8IZ-2.7 Datasheet
308Kb / 11P
   Low Noise, Low Power Volatile
X9015UM8IZ-2.7 INTERSIL-X9015UM8IZ-2.7 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
logo
Renesas Technology Corp
X9015UM8IZ-2.7 RENESAS-X9015UM8IZ-2.7 Datasheet
573Kb / 12P
   Low Noise, Low Power, Volatile Single Digitally Controlled (XDCP?? Potentiometer
More results

Similar Description - X9015UM8IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com