Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9116WM8Z-2.7 Datasheet(PDF) 9 Page - Intersil Corporation

Part # X9116WM8Z-2.7
Description  Digitally Controlled Potentiometer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9116WM8Z-2.7 Datasheet(HTML) 9 Page - Intersil Corporation

  X9116WM8Z-2.7 Datasheet HTML 1Page - Intersil Corporation X9116WM8Z-2.7 Datasheet HTML 2Page - Intersil Corporation X9116WM8Z-2.7 Datasheet HTML 3Page - Intersil Corporation X9116WM8Z-2.7 Datasheet HTML 4Page - Intersil Corporation X9116WM8Z-2.7 Datasheet HTML 5Page - Intersil Corporation X9116WM8Z-2.7 Datasheet HTML 6Page - Intersil Corporation X9116WM8Z-2.7 Datasheet HTML 7Page - Intersil Corporation X9116WM8Z-2.7 Datasheet HTML 8Page - Intersil Corporation X9116WM8Z-2.7 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
FN8160.3
February 3, 2011
X9116
Package Outline Drawing
M8.118
8 LEAD MINI SMALL OUTLINE PLASTIC PACKAGE
Rev 3, 3/10
DETAIL "X"
SIDE VIEW 2
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
PIN# 1 ID
0.25 - 0.036
DETAIL "X"
0.10 ± 0.05
(4.40)
(3.00)
(5.80)
H
C
1.10 MAX
0.09 - 0.20
3°±3°
GAUGE
PLANE
0.25
0.95 REF
0.55 ± 0.15
B
0.08
C A-B D
3.0±0.05
12
8
0.85±010
SEATING PLANE
A
0.65 BSC
3.0±0.05
4.9±0.15
(0.40)
(1.40)
(0.65)
D
5
5
SIDE VIEW 1
Dimensioning and tolerancing conform to JEDEC MO-187-AA
Plastic interlead protrusions of 0.15mm max per side are not
Dimensions in ( ) are for reference only.
Dimensions are measured at Datum Plane "H".
Plastic or metal protrusions of 0.15mm max per side are not
Dimensions are in millimeters.
3.
4.
5.
6.
NOTES:
1.
2.
and AMSEY14.5m-1994.
included.
included.
0.10 C
M


Similar Part No. - X9116WM8Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9116WM8Z-2.7 INTERSIL-X9116WM8Z-2.7 Datasheet
247Kb / 9P
   Low Noise, Low Power, Low Cost
X9116WM8Z-2.7 INTERSIL-X9116WM8Z-2.7 Datasheet
199Kb / 9P
   Digitally Controlled Potentiometer
X9116WM8Z-2.7 INTERSIL-X9116WM8Z-2.7 Datasheet
364Kb / 9P
   Digitally Controlled Potentiometer
logo
Renesas Technology Corp
X9116WM8Z-2.7 RENESAS-X9116WM8Z-2.7 Datasheet
473Kb / 9P
   Low Noise, Low Power, Low Cost Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9116WM8Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
   Digitally Controlled Potentiometer
X9315WMZ INTERSIL-X9315WMZ Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com