Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9221AYS Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9221AYS
Description  Dual Digitally Controlled Potentiometer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9221AYS Datasheet(HTML) 1 Page - Intersil Corporation

  X9221AYS Datasheet HTML 1Page - Intersil Corporation X9221AYS Datasheet HTML 2Page - Intersil Corporation X9221AYS Datasheet HTML 3Page - Intersil Corporation X9221AYS Datasheet HTML 4Page - Intersil Corporation X9221AYS Datasheet HTML 5Page - Intersil Corporation X9221AYS Datasheet HTML 6Page - Intersil Corporation X9221AYS Datasheet HTML 7Page - Intersil Corporation X9221AYS Datasheet HTML 8Page - Intersil Corporation X9221AYS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
®
X9221A
64 Taps, 2-Wire Serial Bus
Dual Digitally Controlled Potentiometer
(XDCP™)
FEATURES
• Two XDCPs in one package
• 2-wire serial interface
• Register oriented format, 8 registers total
—Directly write wiper position
—Read wiper position
—Store as many as four positions per pot
• Instruction format
—Quick transfer of register contents to resistor
array
• Direct write cell
—Endurance–100,000 writes per bit per register
• Resistor array values
—2k
Ω, 10kΩ, 50kΩ
• Resolution: 64 taps each pot
• 20 Ld plastic DIP and 20 Ld SOIC packages
• Pb-free plus anneal available (RoHS compliant)
DESCRIPTION
The X9221A integrates two digitally controlled potenti-
ometers (XDCP) on a monolithic CMOS integrated
microcircuit.
The digitally controlled potentiometer is implemented
using 63 resistive elements in a series array. Between
each element are tap points connected to the wiper
terminal through switches. The position of the wiper on
the array is controlled by the user through the 2-wire
bus interface. Each potentiometer has associated with
it a volatile Wiper Counter Register (WCR) and 2 non-
volatile Data Registers (DR0:DR1) that can be directly
written to and read by the user. The contents of the
WCR controls the position of the wiper on the resistor
array through the switches. Power up recalls the con-
tents of DR0 to the WCR.
The XDCP can be used as a three-terminal potentiom-
eter or as a two-terminal variable resistor in a wide
variety of applications including control, parameter
adjustments, and signal processing.
BLOCK DIAGRAM
R1
R0
R3
R2
VH0/RH0
VL0/RL0
VW0/RW0
Wiper
Counter
Register
(WCR)
Register
Array
Pot 1
Wiper
Counter
Register
(WCR)
R1
R0
R3
R2
8
Data
SCL
SDA
A0
A1
A2
A3
Interface
and
Control
Circuitry
VCC
VSS
Pot 0
VH1/RH1
VL1/RL1
VW1/RW1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005-2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
Data Sheet
FN8163.2
August 30, 2006


Similar Part No. - X9221AYS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9221AYS INTERSIL-X9221AYS Datasheet
259Kb / 15P
   64 Taps, 2-Wire Serial Bus
X9221AYS INTERSIL-X9221AYS Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
logo
Renesas Technology Corp
X9221AYS RENESAS-X9221AYS Datasheet
638Kb / 15P
   64 Taps, 2-Wire Serial Bus Dual Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9221AYSI INTERSIL-X9221AYSI Datasheet
259Kb / 15P
   64 Taps, 2-Wire Serial Bus
X9221AYSI INTERSIL-X9221AYSI Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
More results

Similar Description - X9221AYS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9410 INTERSIL-X9410_06 Datasheet
397Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Xicor Inc.
X9410 XICOR-X9410 Datasheet
123Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Intersil Corporation
X9221A INTERSIL-X9221A_06 Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
ISL22424 INTERSIL-ISL22424 Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com