Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9110TV14IZ-2.7 Datasheet(PDF) 10 Page - Intersil Corporation

Part # X9110TV14IZ-2.7
Description  Single Digitally-Controlled Potentiometer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9110TV14IZ-2.7 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X9110TV14IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X9110TV14IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X9110TV14IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X9110TV14IZ-2.7 Datasheet HTML 9Page - Intersil Corporation X9110TV14IZ-2.7 Datasheet HTML 10Page - Intersil Corporation X9110TV14IZ-2.7 Datasheet HTML 11Page - Intersil Corporation X9110TV14IZ-2.7 Datasheet HTML 12Page - Intersil Corporation X9110TV14IZ-2.7 Datasheet HTML 13Page - Intersil Corporation X9110TV14IZ-2.7 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
FN8158.3
February 13, 2008
Absolute Maximum Ratings
Thermal Information
Voltage on SCK any Address Input
with Respect to VSS. . . . . . . . . . . . . . . . . . . . . . . . . . . . -1V to +7V
Voltage on V+ (referenced to VSS) (Note 8) . . . . . . . . . . . . . . . .10V
Voltage on V- (referenced to VSS) (Note 8) . . . . . . . . . . . . . . . . -10V
(V+) - (V-) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12V
Any Voltage on RH/RL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .V+
Any Voltage on RL/RH . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V-
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
Thermal Resistance (Typical, Note 4)
θJA (°C/W)
14 Lead TSSOP . . . . . . . . . . . . . . . . . . . . . . . . . . . .
90
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . -65°C to +135°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature Range
Commercial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Supply Voltage (VCC) Limits (Note 8)
X9110. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V ± 10%
X9110-2.7. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
4.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Analog Specifications Over recommended industrial (2.7V) operation conditions unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 13)
TYP
MAX
(Note 13)
UNITS
RTOTAL
End to End Resistance
100
k
Ω
End to End Resistance Tolerance
±20
%
Power Rating
+25°C, each potentiometer
50
mW
IW
Wiper Current
±3
mA
RW
Wiper Resistance
Wiper Current = ±3mA, VCC = 3V
150
500
Ω
RW
Wiper Resistance
IW = ±3mA, VCC = 5V
100
Ω
Vv+
Voltage on V+ Pin
X9110 (Note 8)
+4.5
+5.5
V
X9110-2.7 (Note 8)
+2.7
+5.5
V
Vv-
Voltage on V- Pin
X9110 (Note 8)
-5.5
-4.5
V
X9110-2.7 (Note 8)
-5.5
-2.7
V
VTERM
Voltage on any RH or RL Pin
VSS = 0V
V-
V+
V
Noise
Ref: 1V
-120
dBV
Resolution
0.1
%
Absolute Linearity (Note 5)
Rw(n)(actual) – Rw(n)(expected), where n = 8 to 1006
±1
MI (Note 7)
Rw(n)(actual) – Rw(n)(expected) (Note 9)
±1.5
MI (Note 7)
Relative Linearity (Note 6)
Rw(m + 1) – [Rw(m) + MI], where m = 8 to 1006
±0.5
MI (Note 7)
Rw(m + 1) – [Rw(m) + MI] (Note 9)
±1
MI (Note 7)
Temperature Coefficient of RTOTAL
±300
ppm/°C
Ratiometric Temp. Coefficient
20
ppm/°C
CH/CL/CW Potentiometer Capacitancies
See macro model
10/10/25
pF
NOTES:
5. Absolute linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used as a
potentiometer.
6. Relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a potentiometer. It is a
measure of the error in step size.
7. MI = RTOT/1023 or (RH – RL)/1023, single pot
8. VCC, V+, V- must reach their final values within 1ms of each other.
9. n = 0, 1, 2, …,1023; m = 0, 1, 2, …, 1022.
X9110


Similar Part No. - X9110TV14IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9110TV14IZ-2.7 INTERSIL-X9110TV14IZ-2.7 Datasheet
369Kb / 18P
   Single Digitally-Controlled (XDCP) Potentiometer
X9110TV14IZ-2.7 INTERSIL-X9110TV14IZ-2.7 Datasheet
312Kb / 18P
   Dual Supply/Low Power/1024-Tap/SPI Bus
logo
Renesas Technology Corp
X9110TV14IZ-2.7 RENESAS-X9110TV14IZ-2.7 Datasheet
774Kb / 18P
   Dual Supply/Low Power/1024-Tap/SPI Bus, Single Digitally-Controlled (XDCP?? Potentiometer
More results

Similar Description - X9110TV14IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com