Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9119TV14Z-2.7 Datasheet(PDF) 10 Page - Intersil Corporation

Part # X9119TV14Z-2.7
Description  Single Digitally-Controlled Potentiometer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9119TV14Z-2.7 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X9119TV14Z-2.7 Datasheet HTML 6Page - Intersil Corporation X9119TV14Z-2.7 Datasheet HTML 7Page - Intersil Corporation X9119TV14Z-2.7 Datasheet HTML 8Page - Intersil Corporation X9119TV14Z-2.7 Datasheet HTML 9Page - Intersil Corporation X9119TV14Z-2.7 Datasheet HTML 10Page - Intersil Corporation X9119TV14Z-2.7 Datasheet HTML 11Page - Intersil Corporation X9119TV14Z-2.7 Datasheet HTML 12Page - Intersil Corporation X9119TV14Z-2.7 Datasheet HTML 13Page - Intersil Corporation X9119TV14Z-2.7 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
FN8162.4
July 9, 2008
NOTES:
1. Absolute linearity is utilized to determine actual wiper voltage vs expected voltage as determined by wiper position when used as a potentiometer.
2. Relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a
potentiometer. It is a measure of the error in step size.
3. MI = RTOT/1023 or (RH – RL)/1023, single pot
4. n = 0, 1, 2, …,1023; m =0, 1, 2, …, 1022.
5. ESD Rating on RH, RL, RW pins is 1.5kV (HBM, 1.0µA leakage maximum), ESD rating on all other pins is 2.0kV.
Absolute Maximum Ratings
Voltage on SCL, SDA, or any address input
with respect to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1V to +7V
ΔV = | (VH–VL) |. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5V
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
Operating Conditions
Commercial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40° to +85°C
Supply Voltage (VCC) Limits (Note 4)
X9119 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V ±10%
X9119-2.7. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
Thermal Information
Temperature under bias. . . . . . . . . . . . . . . . . . . . . . -65°C to +135°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Lead temperature (soldering, 10s). . . . . . . . . . . . . . . . . . . . . . 300
°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
Analog Specifications
(Over recommended operation conditions unless otherwise stated.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNITS
End-to-End Resistance
RTOTAL
100
k
Ω
End-to-End Resistance Tolerance
±20
%
Power Rating
+25°C, each pot
50
mW
Wiper Current
IW
±3
mA
Wiper Resistance
RW
Wiper Current =
± 50µA,
VCC = 5V
40
110
Ω
Wiper Current =
± 50µA,
VCC = 3V
150
300
Ω
Voltage on any RH or RL Pin
VTERM
VSS = 0V
VSS
5V
Noise
Ref: 1V
-120
dBV
Resolution
0.1
%
Absolute Linearity (Note 1)
Rw(n)(actual) – Rw(n)(expected), where n = 8
to 1006
±1
MI
(Note 3)
Rw(n)(actual) – Rw(n)(expected) (Note 4)
±1.5
±2.0
MI
(Note 3)
Relative Linearity (Note 2)
Rw(m + 1) – [Rw(m) + MI], where m = 8 to
1006
±0.5
MI
(Note 3)
Rw(m + 1) – [Rw(m) + MI] (Note 4)
±0.5
±1.0
MI
(Note 3)
Temperature Coefficient of RTOTAL
±300
ppm/°C
Ratiometric Temp. Coefficient
20
ppm/°C
Potentiometer Capacitancies
CH/CL/CW
See Macro model
10/10/25
pF
X9119


Similar Part No. - X9119TV14Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9119TV14Z-2.7 INTERSIL-X9119TV14Z-2.7 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Renesas Technology Corp
X9119TV14Z-2.7 RENESAS-X9119TV14Z-2.7 Datasheet
771Kb / 18P
   1024 Tap, Low Power, 2-Wire Interface, Digitally Controlled (XDCP?? Potentiometer
More results

Similar Description - X9119TV14Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com