Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9251US24Z Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9251US24Z
Description  Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled Potentiometer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9251US24Z Datasheet(HTML) 4 Page - Intersil Corporation

  X9251US24Z Datasheet HTML 1Page - Intersil Corporation X9251US24Z Datasheet HTML 2Page - Intersil Corporation X9251US24Z Datasheet HTML 3Page - Intersil Corporation X9251US24Z Datasheet HTML 4Page - Intersil Corporation X9251US24Z Datasheet HTML 5Page - Intersil Corporation X9251US24Z Datasheet HTML 6Page - Intersil Corporation X9251US24Z Datasheet HTML 7Page - Intersil Corporation X9251US24Z Datasheet HTML 8Page - Intersil Corporation X9251US24Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
X9251
4
FN8166.6
December 3, 2014
Submit Document Feedback
Functional Pin Descriptions
Bus Interface Pins
SERIAL OUTPUT (SO)
SO is a serial data output pin. During a read cycle, data is shifted
out on this pin. Data is clocked out by the falling edge of the
serial clock.
SERIAL INPUT (SI)
SI is the serial data input pin. All opcodes, byte addresses and
data to be written to the device registers are input on this pin.
Data is latched by the rising edge of the serial clock.
SERIAL CLOCK (SCK)
The SCK input is used to clock data into and out of the X9251.
HOLD (HOLD)
HOLD is used in conjunction with the CS pin to select the device.
Once the part is selected and a serial sequence is underway,
HOLD may be used to pause the serial communication with the
controller without resetting the serial sequence. To pause, HOLD
must be brought LOW while SCK is LOW. To resume
communication, HOLD is brought HIGH, again while SCK is LOW.
If the pause feature is not used, HOLD should be held HIGH at all
times.
DEVICE ADDRESS (A1 AND A0)
The address inputs are used to set the two least significant bits of
the slave address. A match in the slave address serial data
stream must be made with the address input in order to initiate
communication with the X9251. Device pins A1 and A0 must be
tied to a logic level which specifies the internal address of the
device, see Figures 3, 4, 5, 6 and 7.
CHIP SELECT (CS)
When CS is HIGH, the X9251 is deselected and the SO pin is at
high impedance, and (unless an internal write cycle is underway)
the device is in the standby state. CS LOW enables the X9251,
placing it in the active power mode. It should be noted that after
a power-up, a HIGH to LOW transition on CS is required prior to
the start of any operation.
Potentiometer Pins
RH, RL
The RH and RL pins are equivalent to the terminal connections on
a mechanical potentiometer. Since there are 4 potentiometers,
there are 4 sets of RH and RL such that RH0 and RL0 are the
terminals of DCP0 and so on.
RW
The wiper pins are equivalent to the wiper terminal of a
mechanical potentiometer. Since there are 4 potentiometers,
there are 4 sets of RW such that RW0 is the terminals of DCP0
and so on.
Supply Pins
SYSTEM SUPPLY VOLTAGE (VCC) AND SUPPLY
GROUND (VSS)
The VCC pin is the system supply voltage. The VSS pin is the
system ground.
Other Pins
NO CONNECT
No connect pins should be left floating. These pins are used for
Intersil manufacturing and testing purposes.
HARDWARE WRITE PROTECT INPUT (WP)
The WP pin, when LOW, prevents nonvolatile writes to the Data
Registers.
Principles of Operation
The X9251 is an integrated circuit incorporating four DCPs and
their associated registers and counters, and a serial interface
providing direct communication between a host and the
potentiometers.
DCP Description
Each DCP is implemented with a combination of resistor
elements and CMOS switches. The physical ends of each DCP are
equivalent to the fixed terminals of a mechanical potentiometer
(RH and RL pins). The RW pin is an intermediate node, equivalent
to the wiper terminal of a mechanical potentiometer.
The position of the wiper terminal within the DCP is controlled by
an 8-bit volatile Wiper Counter Register (WCR).


Similar Part No. - X9251US24Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9251US24Z INTERSIL-X9251US24Z Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9251US24Z INTERSIL-X9251US24Z Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
logo
Renesas Technology Corp
X9251US24Z RENESAS-X9251US24Z Datasheet
849Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled (XDCP??Potentiometer
logo
Intersil Corporation
X9251US24Z-2.7 INTERSIL-X9251US24Z-2.7 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
logo
Renesas Technology Corp
X9251US24Z-2.7 RENESAS-X9251US24Z-2.7 Datasheet
849Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled (XDCP??Potentiometer
More results

Similar Description - X9251US24Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9251 RENESAS-X9251 Datasheet
849Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled (XDCP??Potentiometer
X9271 RENESAS-X9271 Datasheet
791Kb / 19P
   Single Supply/Low Power/256-Tap/SPI Bus Single, Digitally Controlled (XDCP?? Potentiometer
X9111 RENESAS-X9111 Datasheet
805Kb / 19P
   Single Supply/Low Power/1024-Tap/SPI Bus/Single Digitally-Controlled (XDCP?? Potentiometer
X9110 RENESAS-X9110 Datasheet
774Kb / 18P
   Dual Supply/Low Power/1024-Tap/SPI Bus, Single Digitally-Controlled (XDCP?? Potentiometer
X9401 RENESAS-X9401 Datasheet
827Kb / 20P
   Low Noise/Low Power/SPI Bus Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23345 INTERSIL-ISL23345 Datasheet
881Kb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23445 INTERSIL-ISL23445 Datasheet
923Kb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
X9261 INTERSIL-X9261 Datasheet
393Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus
X9251 INTERSIL-X9251 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9271 INTERSIL-X9271 Datasheet
373Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com