Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9251US24Z Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9251US24Z
Description  Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled Potentiometer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9251US24Z Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X9251US24Z Datasheet HTML 2Page - Intersil Corporation X9251US24Z Datasheet HTML 3Page - Intersil Corporation X9251US24Z Datasheet HTML 4Page - Intersil Corporation X9251US24Z Datasheet HTML 5Page - Intersil Corporation X9251US24Z Datasheet HTML 6Page - Intersil Corporation X9251US24Z Datasheet HTML 7Page - Intersil Corporation X9251US24Z Datasheet HTML 8Page - Intersil Corporation X9251US24Z Datasheet HTML 9Page - Intersil Corporation X9251US24Z Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
X9251
6
FN8166.6
December 3, 2014
Submit Document Feedback
Serial Interface
The X9251 supports the SPI interface hardware conventions. The
device is accessed via the SI input with data clocked in, on the
rising SCK. CS must be LOW and the HOLD and WP pins must be
HIGH during the entire operation.
The SO and SI pins can be connected together, since they have
three-state outputs. This can help to reduce system pin count.
Identification Byte
The first byte sent to the X9251 from the host, following a CS
going HIGH to LOW, is called the Identification Byte. The most
significant four bits of the Identification Byte are a Device Type
Identifier, ID[3:0]. For the X9251, this is fixed as 0101 (refer to
Table 3).
The least significant four bits of the Identification Byte are the
Slave Address bits, AD[3:0]. For the X9251, A3 is 0, A2 is 0, A1 is
the logic value at the input pin A1, and A0 is the logic value at the
input pin A0. Only the device which Slave Address matches the
incoming bits sent by the master executes the instruction. The A1
and A0 inputs can be actively driven by CMOS input signals or
tied to VCC or VSS.
Instruction Byte
The next byte sent to the X9251 contains the instruction and
register pointer information. The four most significant bits are
used to provide the instruction opcode (I[3:0]). The RB and RA
bits point to one of the four Data Registers of each associated
XDCP. The least two significant bits point to one of four Wiper
Counter Registers or DCPs. The format is shown below in Table 4.
TABLE 3. IDENTIFICATION BYTE FORMAT
DEVICE TYPE IDENTIFIER
SLAVE ADDRESS
ID3
ID2
ID1
ID0
A3
A2
A1
A0
0
1010
0
Pin A1
Logic Value
Pin A0
Logic Value
(MSB)
(LSB)
TABLE 4. INSTRUCTION BYTE FORMAT
INSTRUCTION OPCODE
REGISTER SELECTION
DCP SELECTION
(WCR SELECTION)
I3
I2
I1
I0
RB
RA
P1
P0
(MSB)
(LSB)
Data Register Selection
REGISTER
RB
RA
DR#0
0
0
DR#1
0
1
DR#2
1
0
DR#3
1
1
#: 0, 1, 2, or 3
TABLE 5. INSTRUCTION SET
INSTRUCTION
INSTRUCTION SET
OPERATION
I3
I2
I1
I0
RB
RA
P1
P0
Read Wiper Counter Register
1
0
0
1
0
0
1/0
1/0
Read the contents of the Wiper Counter Register
pointed to by P1, P0
Write Wiper Counter Register
1
0
1
0
0
0
1/0
1/0
Write new value to the Wiper Counter Register
pointed to by P1, P0
Read Data Register
1
0
1
1
1/0
1/0
1/0
1/0
Read the contents of the Data Register pointed to by
P1, P0 and RB, RA
Write Data Register
1
1
0
0
1/0
1/0
1/0
1/0
Write new value to the Data Register pointed to by P1,
P0 and RB, RA
XFR Data Register to
Wiper Counter Register
1
1
0
1
1/0
1/0
1/0
1/0
Transfer the contents of the Data Register pointed to by
P1, P0 and RB, RA to its associated Wiper Counter
Register


Similar Part No. - X9251US24Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9251US24Z INTERSIL-X9251US24Z Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9251US24Z INTERSIL-X9251US24Z Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
logo
Renesas Technology Corp
X9251US24Z RENESAS-X9251US24Z Datasheet
849Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled (XDCP??Potentiometer
logo
Intersil Corporation
X9251US24Z-2.7 INTERSIL-X9251US24Z-2.7 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
logo
Renesas Technology Corp
X9251US24Z-2.7 RENESAS-X9251US24Z-2.7 Datasheet
849Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled (XDCP??Potentiometer
More results

Similar Description - X9251US24Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9251 RENESAS-X9251 Datasheet
849Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled (XDCP??Potentiometer
X9271 RENESAS-X9271 Datasheet
791Kb / 19P
   Single Supply/Low Power/256-Tap/SPI Bus Single, Digitally Controlled (XDCP?? Potentiometer
X9111 RENESAS-X9111 Datasheet
805Kb / 19P
   Single Supply/Low Power/1024-Tap/SPI Bus/Single Digitally-Controlled (XDCP?? Potentiometer
X9110 RENESAS-X9110 Datasheet
774Kb / 18P
   Dual Supply/Low Power/1024-Tap/SPI Bus, Single Digitally-Controlled (XDCP?? Potentiometer
X9401 RENESAS-X9401 Datasheet
827Kb / 20P
   Low Noise/Low Power/SPI Bus Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23345 INTERSIL-ISL23345 Datasheet
881Kb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23445 INTERSIL-ISL23445 Datasheet
923Kb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
X9261 INTERSIL-X9261 Datasheet
393Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus
X9251 INTERSIL-X9251 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9271 INTERSIL-X9271 Datasheet
373Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com