Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9252YV24IZ-2.7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9252YV24IZ-2.7
Description  Quad Digitally-Controlled Potentiometer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9252YV24IZ-2.7 Datasheet(HTML) 4 Page - Intersil Corporation

  X9252YV24IZ-2.7 Datasheet HTML 1Page - Intersil Corporation X9252YV24IZ-2.7 Datasheet HTML 2Page - Intersil Corporation X9252YV24IZ-2.7 Datasheet HTML 3Page - Intersil Corporation X9252YV24IZ-2.7 Datasheet HTML 4Page - Intersil Corporation X9252YV24IZ-2.7 Datasheet HTML 5Page - Intersil Corporation X9252YV24IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X9252YV24IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X9252YV24IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X9252YV24IZ-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
FN8167.3
July 24, 2014
Submit Document Feedback
Absolute Maximum Ratings
Recommended Operating Conditions
Junction Temperature Under Bias . . . . . . . . . . . . . .-65
C to +135C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65
C to +150C
Voltage at any Digital Interface Pin with Respect to VSS,
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1V to +7V
Voltage at any DCP Pin with Respect to VSS . . . . . . . . . -1V to VCC
Lead Temperature (Soldering, 10s) . . . . . . . . . . . . . . . . . . . . . 300
C
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Supply Voltage (VCC) (Note 6) Limits . . . . . . . . . . . . . . 2.7V to 5.5V
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
Analog Specifications Across recommended operating conditions unless otherwise stated. Boldface limits apply across the operating
temperature range, -40°C to +85°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 12)
TYP
(Note 6)
MAX
(Note 12)UNIT
RTOTAL
End-to-End Resistance
Y, W versions respectively
2.8, 10
k
End-to-End Resistance Tolerance
-20
+20
%
Power Rating
+25°C, each DCP
50
mW
RTOTAL
Matching
DCP to DCP Resistance Matching
0.75
2.0
%
IW
Wiper Current (Note 7)
See “Test Circuit” on page 8
-3.0
+3.0
mA
RW
Wiper Resistance
Wiper current =
50
150
VTERM
Voltage on any DCP Pin
VSS
VCC
V
Noise (Note 7)
Ref: 1kHz
-120
dBV
Resolution
0.4
%
Absolute Linearity (Note 3)V(RH0) = V(RH1) = V(RH2) = V(RH3) = VCC
V(RL0) = V(RL1) = V(RL2) = V(RL3) = VSS
-1
+1
MI
(Note 5)
Relative linearity (Note 4)
-0.3
+0.3
MI
(Note 5)
Temperature coefficient of resistance
(Note 7)
300
ppm/
C
Ratiometric Temperature (Note 7)
Coefficient
-20
+20
ppm/°C
CH/CL/CW
Potentiometer Capacitance (Note 7)
See “Equivalent Circuit” on page 8
10/10/25
pF
IOL
Leakage on DCP Pins
Voltage at pin from VSS to VCC
0.1
10
µA
VCC
RTOTAL
DC Electrical Specifications Across the recommended operating conditions unless otherwise specified. Boldface limits apply across the
operating temperature range, -40°C to +85°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 12)
MAX
(Note 12)
UNITS
ICC1
VCC Supply Current (Volatile Write/Read) fSCL = 400kHz; SDA = open; (for 2-wire, active, read
and volatile write states only)
3
mA
ICC2
VCC Supply Current (Active)
fSCL = 200kHz;
(for U/D interface, increment, decrement)
3
mA
ICC3
VCC Supply Current (Nonvolatile Write)
fSCL = 400kHz; SDA = Open;
(for 2-wire, active, nonvolatile write state only)
5
mA
ISB
VCC Current (Standby)
VCC = +5.5V; VIN = VSS or VCC; SDA = VCC;
(for 2-Wire, standby state only)
100
µA
IL
Leakage Current, Bus Interface Pins
Voltage at pin from VSS to VCC
-10
10
µA
VIH
Input HIGH Voltage
VCC x 0.7
VCC + 1
V
VIL
Input LOW Voltage
-1
VCC x 0.3
V
VOL
SDA Pin Output LOW Voltage
IOL = 3mA
0.4
V
X9252


Similar Part No. - X9252YV24IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9252YV24IZ-2.7 INTERSIL-X9252YV24IZ-2.7 Datasheet
389Kb / 19P
   Low Power Quad 256-Tap 2-Wire Bus Up/Down Interface
logo
Renesas Technology Corp
X9252YV24IZ-2.7 RENESAS-X9252YV24IZ-2.7 Datasheet
800Kb / 19P
   Low Power Quad 256-tap 2-Wire Bus Up/Down Interface Quad Digitally-Controlled (XDCP?? Potentiometer
More results

Similar Description - X9252YV24IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22449 INTERSIL-ISL22449 Datasheet
356Kb / 12P
   Quad Digitally Controlled Potentiometer
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9401 INTERSIL-X9401_06 Datasheet
339Kb / 19P
   Quad, 64 Tap, Digitally Controlled Potentiometer
X9401WS24IZ INTERSIL-X9401WS24IZ Datasheet
403Kb / 20P
   Quad, 64 Tap, Digitally Controlled Potentiometer
September 14, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com