Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9241AWPIZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9241AWPIZ
Description  Non-Volatile/Low Power/2-Wire/64 Taps
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9241AWPIZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9241AWPIZ Datasheet HTML 7Page - Intersil Corporation X9241AWPIZ Datasheet HTML 8Page - Intersil Corporation X9241AWPIZ Datasheet HTML 9Page - Intersil Corporation X9241AWPIZ Datasheet HTML 10Page - Intersil Corporation X9241AWPIZ Datasheet HTML 11Page - Intersil Corporation X9241AWPIZ Datasheet HTML 12Page - Intersil Corporation X9241AWPIZ Datasheet HTML 13Page - Intersil Corporation X9241AWPIZ Datasheet HTML 14Page - Intersil Corporation X9241AWPIZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
FN8164.7
August 17, 2015
Power-up Requirements (Power Up sequencing can affect correct recall of the wiper registers)
The preferred power-on sequence is as follows: First VCC, then the potentiometer pins. It is suggested that Vcc reach 90% of its
final value before power is applied to the potentiometer pins. The VCC ramp rate specification should be met, and any glitches or
slope changes in the VCC line should be held to <100mV if possible. Also, VCC should not reverse polarity by more than 0.5V.
NOTES:
7. Limits should be considered typical and are not production tested.
8. Limits established by characterization and are not production tested.
9. Maximum Wiper Current is derated over temperature. See the Wiper Current Derating Curve.
10. Ti value denotes the maximum noise glitch pulse width that the device will ignore on either SCL or SDA pins. Any noise glitch pulse width that
is greater than this maximum value will be considered as a valid clock or data pulse and may cause communication failure to the device.
11. Parts are 100% tested at either +70°C or +85°C. Over temperature limits established by characterization and are not production tested.
Symbol Table
Endurance and Data Retention
PARAMETER
MIN
UNIT
Minimum endurance
100,000
Data changes per bit per register
Data retention
100
Years
Capacitance
SYMBOL
PARAMETER
TEST CONDITION
TYP
UNIT
CI/O (Note 7)
Input/output capacitance (SDA)
VI/O = 0V
19
pF
CIN (Note 7)
Input capacitance (A0, A1, A2, A3 and SCL)
VIN = 0V
12
pF
Power-up Timing
SYMBOL
PARAMETER
MIN
(Note 11)
TYP
MAX
(Note 11)
UNIT
tPUR (Note 8)
Power-up to initiation of read operation
1
ms
tPUW (Note 8)
Power-up to initiation of write operation
5
ms
tRVCC
VCC Power up ramp rate
0.2
50
V/ms
AC Conditions of Test
Input pulse levels
VCC x 0.1 to VCC x 0.9
Input rise and fall times
10ns
Input and output timing levels
VCC x 0.5
Input pulse levels
VCC x 0.1 to VCC x 0.9
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
X9241A


Similar Part No. - X9241AWPIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9241AWPIZ INTERSIL-X9241AWPIZ Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
X9241AWPIZ INTERSIL-X9241AWPIZ Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
logo
Renesas Technology Corp
X9241AWPIZ RENESAS-X9241AWPIZ Datasheet
722Kb / 17P
   Quad Digital Controlled Potentionmeters (XDCP?? Non-Volatile/Low Power/2-Wire/64 Taps
More results

Similar Description - X9241AWPIZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9241A RENESAS-X9241A Datasheet
722Kb / 17P
   Quad Digital Controlled Potentionmeters (XDCP?? Non-Volatile/Low Power/2-Wire/64 Taps
logo
Intersil Corporation
X9221A INTERSIL-X9221A Datasheet
259Kb / 15P
   64 Taps, 2-Wire Serial Bus
X9258 INTERSIL-X9258 Datasheet
348Kb / 20P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9258 INTERSIL-X9258_13 Datasheet
491Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps
logo
Texas Instruments
TPL0102 TI-TPL0102_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
TPL0102-100 TI1-TPL0102-100 Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
logo
Microchip Technology
AN560 MICROCHIP-AN560 Datasheet
103Kb / 22P
   Lowpower 3-wire non-volatile memories
1994 - 2002
logo
List of Unclassifed Man...
S-2210R ETC-S-2210R Datasheet
193Kb / 1P
   NON-VOLATILE MEMORY/NON-VOLATILE RAM
logo
Renesas Technology Corp
X9221A RENESAS-X9221A Datasheet
638Kb / 15P
   64 Taps, 2-Wire Serial Bus Dual Digitally Controlled Potentiometer (XDCP??
logo
ON Semiconductor
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com