Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9259US24Z Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9259US24Z
Description  Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP) Potentiometers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9259US24Z Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X9259US24Z Datasheet HTML 3Page - Intersil Corporation X9259US24Z Datasheet HTML 4Page - Intersil Corporation X9259US24Z Datasheet HTML 5Page - Intersil Corporation X9259US24Z Datasheet HTML 6Page - Intersil Corporation X9259US24Z Datasheet HTML 7Page - Intersil Corporation X9259US24Z Datasheet HTML 8Page - Intersil Corporation X9259US24Z Datasheet HTML 9Page - Intersil Corporation X9259US24Z Datasheet HTML 10Page - Intersil Corporation X9259US24Z Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
X9259
7
FN8169.6
December 12, 2014
Submit Document Feedback
Identification Byte
The first byte sent to the X9259 from the host is called the
Identification Byte. The most significant four bits are a Device
Type Identifier, ID[3:0] bits, which must be 0101. Refer to
Table 3.
Only the device which Slave Address matches the incoming
device address sent by the master executes the instruction. The
A3 - A0 inputs can be actively driven by CMOS input signals or
tied to VCC or VSS.
INSTRUCTION BYTE (I)
The next byte sent to the X9259 contains the instruction and
register pointer information. The four most significant bits are
used provide the instruction opcode I [3:0]. The RB and RA bits
point to one of the four data registers of each associated XDCP.
The least two significant bits point to one of four Wiper Counter
Registers or DCPs. The format is shown in Table 4.
The least significant four bits of the Identification Byte are the
Slave Address bits, AD[3:0]. To access the X9259, these four bits
must match the logic values of pins A3, A2, A1, and A0.
Data Register Selection
REGISTER
RB
RA
DR#0
0
0
DR#1
0
1
DR#2
1
0
DR#3
1
1
#: 0, 1, 2, or 3
TABLE 3. IDENTIFICATION BYTE FORMAT
DEVICE TYPE IDENTIFIER
SLAVE ADDRESS
ID3
ID2
ID1
ID0
A3
A2
A1
A0
0101
Logic value of pins A3, A2, A1, and A0
(MSB)
(LSB)
TABLE 4. INSTRUCTION BYTE FORMAT
INSTRUCTION OPCODE
REGISTER SELECTION
DCP SELECTION
(WCR SELECTION)
I3
I2
I1
I0
RB
RA
P1
P0
(MSB)
(LSB)
TABLE 5. INSTRUCTION SET
INSTRUCTION
INSTRUCTION SET
OPERATION
I3
I2
I1
I0
RB
RA
P1
P0
Read Wiper Counter
Register
1
0
0
1
0
0
1/0
1/0 Read the contents of the Wiper Counter Register pointed
to by P1 - P0
Write Wiper Counter Register
1
0
1
0
0
0
1/0
1/0 Write new value to the Wiper Counter
Register pointed to by P1 - P0
Read Data Register
1
0
1
1
1/0
1/0
1/0
1/0 Read the contents of the Data Register pointed to by
P1 - P0 and RB - RA
Write Data Register
1
1
0
0
1/0
1/0
1/0
1/0 Write new value to the Data Register
pointed to by P1 - P0 and RB - RA
XFR Data Register to Wiper Counter
Register
1
1
0
1
1/0
1/0
1/0
1/0 Transfer the contents of the Data Register pointed to by
P1 - P0 and RB - RA to its
associated Wiper Counter Register
XFR Wiper Counter Register to Data
Register
1
1
1
0
1/0
1/0
1/0
1/0 Transfer the contents of the Wiper Counter Register
pointed to by P1 - P0 to the Data Register pointed to by
RB - RA
Global XFR Data Registers to Wiper
Counter Registers
0
0
0
1
1/0
1/0
0
0
Transfer the contents of the Data Registers pointed to by
RB - RA of all four pots to their respective Wiper Counter
Registers
Global XFR Wiper Counter Registers
to Data Register
1
0
0
0
1/0
1/0
0
0
Transfer the contents of both Wiper Counter Registers to
their respective data Registers pointed to by RB - RA of
all four DCPs
Increment/Decrement Wiper Counter
Register
0
0
1
0
0
0
1/0
1/0 Enable Increment/decrement of the Control Latch
pointed to by P1 - P0
NOTE: 1/0 = data is one or zero


Similar Part No. - X9259US24Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9259US24Z INTERSIL-X9259US24Z Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
X9259US24Z INTERSIL-X9259US24Z Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
logo
Renesas Technology Corp
X9259US24Z RENESAS-X9259US24Z Datasheet
866Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP?? Potentiometers
logo
Intersil Corporation
X9259US24Z-2.7 INTERSIL-X9259US24Z-2.7 Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
X9259US24Z-2.7 INTERSIL-X9259US24Z-2.7 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
More results

Similar Description - X9259US24Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9259 RENESAS-X9259 Datasheet
866Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP?? Potentiometers
X9269 RENESAS-X9269 Datasheet
923Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
X9268 RENESAS-X9268 Datasheet
850Kb / 22P
   Dual Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
X9251 RENESAS-X9251 Datasheet
849Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled (XDCP??Potentiometer
X9409 RENESAS-X9409 Datasheet
788Kb / 19P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled Potentiometers (XDCP)
X9408 RENESAS-X9408 Datasheet
814Kb / 20P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled (XDCP?? Potentiometers
X9271 RENESAS-X9271 Datasheet
791Kb / 19P
   Single Supply/Low Power/256-Tap/SPI Bus Single, Digitally Controlled (XDCP?? Potentiometer
X9252 RENESAS-X9252 Datasheet
800Kb / 19P
   Low Power Quad 256-tap 2-Wire Bus Up/Down Interface Quad Digitally-Controlled (XDCP?? Potentiometer
X9118 RENESAS-X9118 Datasheet
736Kb / 17P
   Dual Supply/Low Power/1024-Tap/2-Wire Bus Single Digitally-Controlled (XDCP?? Potentiometer
X9250 RENESAS-X9250 Datasheet
822Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps Quad Digitally Controlled Potentiometers (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com