Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9271UV14IZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9271UV14IZ
Description  Single, Digitally Controlled Potentiometer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9271UV14IZ Datasheet(HTML) 4 Page - Intersil Corporation

  X9271UV14IZ Datasheet HTML 1Page - Intersil Corporation X9271UV14IZ Datasheet HTML 2Page - Intersil Corporation X9271UV14IZ Datasheet HTML 3Page - Intersil Corporation X9271UV14IZ Datasheet HTML 4Page - Intersil Corporation X9271UV14IZ Datasheet HTML 5Page - Intersil Corporation X9271UV14IZ Datasheet HTML 6Page - Intersil Corporation X9271UV14IZ Datasheet HTML 7Page - Intersil Corporation X9271UV14IZ Datasheet HTML 8Page - Intersil Corporation X9271UV14IZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
FN8174.4
July 18, 2014
Submit Document Feedback
Pin Descriptions
Bus Interface Pins
SERIAL OUTPUT (SO)
The Serial Output (SO) is the serial data output pin. During a
read cycle, data is shifted out on this pin. Data is clocked out
by the falling edge of the serial clock.
SERIAL INPUT (SI)
The Serial Input (SI) is the serial data input pin. All
operational codes, byte addresses, and data to be written to
the potentiometers and potentiometer registers are input on
this pin. Data is latched by the rising edge of the serial clock.
SERIAL CLOCK (SCK)
The Serial Clock (SCK) input is used to clock data into and
out of the X9271.
HOLD (HOLD)
HOLD is used in conjunction with the CS pin to select the
device. Once the part is selected and a serial sequence is under
way, HOLD may be used to pause the serial communication with
the controller without resetting the serial sequence. To pause,
HOLD must be brought LOW while SCK is LOW. To resume
communication, HOLD is brought HIGH, again while SCK is LOW.
If the pause feature is not used, HOLD should be held HIGH at all
times. CMOS level input.
DEVICE ADDRESS (A1 - A0)
The Device Address (A1 - A0) inputs are used to set the 8-bit
slave address. A match in the slave address serial data
stream must be made with the address input in order to
initiate communication with the X9271.
CHIP SELECT (CS)
When Chip Select (CS) is HIGH, the X9271 is deselected,
the SO pin is at high impedance and (unless an internal write
cycle is under way) the device is in standby state. CS LOW
enables the X9271, placing it in the active power mode. It
should be noted that after a power-up, a HIGH to LOW
transition on CS is required prior to the start of any
operation.
Potentiometer Pins
RH, RL
The RH and RL pins are equivalent to the terminal
connections on a mechanical potentiometer.
RW
The wiper pin (RW) is equivalent to the wiper terminal of a
mechanical potentiometer.
Supply Pins
SYSTEM SUPPLY VOLTAGE (VCC) AND SUPPLY
GROUND (VSS)
The System Supply Voltage (VCC) pin is the system supply
voltage. The Supply Ground (VSS) pin is the system ground.
Other Pins
HARDWARE WRITE PROTECT INPUT (WP)
The Hardware Write Protect Input (WP) pin, when LOW,
prevents nonvolatile writes to the data registers.
NO CONNECT
No Connect pins should be left floating. These pins are used
for Intersil manufacturing and testing purposes.
Principles of Operation
Device Description
SERIAL INTERFACE
The X9271 supports the SPI interface hardware
conventions. The device is accessed via the SI input with
data clocked in on the rising SCK. CS must be LOW and the
HOLD and WP pins must be HIGH during the entire
operation.
The SO and SI pins can be connected together, since they
have three-state outputs. This can help to reduce system pin
count.
ARRAY DESCRIPTION
The X9271 is composed of a resistor array (Figure 1). The
array contains the equivalent of 255 discrete resistive
segments that are connected in series. The physical ends of
each array are equivalent to the fixed terminals of a
mechanical potentiometer (RH and RL inputs).
At both ends of each array and between each resistor
segment is a CMOS switch connected to the wiper (RW)
output. Within each individual array, only one switch may be
turned on at a time.
These switches are controlled by a Wiper Counter Register
(WCR). The eight bits of the WCR (WCR[7:0]) are decoded
to select, and enable, one of 256 switches (Table 1).
POWER-UP AND POWER-DOWN RECOMMENDATIONS
There are no restrictions on the power-up or power-down
conditions of VCC and the voltages applied to the
potentiometer pins, provided that VCC is always more
positive than or equal to VH, VL, and VW; i.e., VCC  VH, VL,
VW. The VCC ramp rate specification is always in effect.
X9271


Similar Part No. - X9271UV14IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
logo
Renesas Technology Corp
X9271UV14IZ RENESAS-X9271UV14IZ Datasheet
791Kb / 19P
   Single Supply/Low Power/256-Tap/SPI Bus Single, Digitally Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9271UV14IZ-2.7 INTERSIL-X9271UV14IZ-2.7 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
logo
Renesas Technology Corp
X9271UV14IZ-2.7 RENESAS-X9271UV14IZ-2.7 Datasheet
791Kb / 19P
   Single Supply/Low Power/256-Tap/SPI Bus Single, Digitally Controlled (XDCP?? Potentiometer
X9271UV14IZ-2.7T1 RENESAS-X9271UV14IZ-2.7T1 Datasheet
791Kb / 19P
   Single Supply/Low Power/256-Tap/SPI Bus Single, Digitally Controlled (XDCP?? Potentiometer
More results

Similar Description - X9271UV14IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com