Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9259UV24IZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9259UV24IZ
Description  Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP) Potentiometers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9259UV24IZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9259UV24IZ Datasheet HTML 7Page - Intersil Corporation X9259UV24IZ Datasheet HTML 8Page - Intersil Corporation X9259UV24IZ Datasheet HTML 9Page - Intersil Corporation X9259UV24IZ Datasheet HTML 10Page - Intersil Corporation X9259UV24IZ Datasheet HTML 11Page - Intersil Corporation X9259UV24IZ Datasheet HTML 12Page - Intersil Corporation X9259UV24IZ Datasheet HTML 13Page - Intersil Corporation X9259UV24IZ Datasheet HTML 14Page - Intersil Corporation X9259UV24IZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
X9259
11
FN8169.6
December 12, 2014
Submit Document Feedback
Transfer Wiper Counter Register (WCR) to Data Register (DR)
Transfer Data Register (DR) to Wiper Counter Register (WCR)
Increment/Decrement Wiper Counter Register (WCR)
S
T
A
R
T
DEVICE TYPE
IDENTIFIER
DEVICE
ADDRESSES
S
A
C
K
INSTRUCTION
OPCODE
DR/WCR
ADDRESSES
S
A
C
K
S
T
O
P
HIGH-VOLTAGE
WRITE CYCLE
0
1
0
1
A3 A2 A1 A0
1110RBRA
P1
P0
S
T
A
R
T
DEVICE TYPE
IDENTIFIER
DEVICE
ADDRESSES
S
A
C
K
INSTRUCTION
OPCODE
DR/WCR
ADDRESSES
S
A
C
K
S
T
O
P
0
1
0
1
A3 A2 A1 A0
1
1
0
1
RB
RA
P1
P0
S
T
A
R
T
DEVICE TYPE
IDENTIFIER
DEVICE
ADDRESSES
S
A
C
K
INSTRUCTION
OPCODE
DR/WCR
ADDRESSES
S
A
C
K
INCREMENT/DECREMENT
(SENT BY MASTER ON SDA)
S
T
O
P
01
01
A3 A2 A1 A0
00
100
0
P1
P0
I/D I/D
.
.
.
.
I/D I/D
NOTES:
5. “MACK”/”SACK”: stands for the acknowledge sent by the Master/Slave.
6. “A3 ~ A0”: stands for the device addresses sent by the master.
7. “X”: indicates that it is a “0” for testing purpose but physically it is a “don’t care” condition.
8. “I”: stands for the increment operation, SDA held high during active SCL phase (high).
9. “D”: stands for the decrement operation, SDA held low during active SCL phase (high).


Similar Part No. - X9259UV24IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9259UV24IZ INTERSIL-X9259UV24IZ Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
X9259UV24IZ INTERSIL-X9259UV24IZ Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
logo
Renesas Technology Corp
X9259UV24IZ RENESAS-X9259UV24IZ Datasheet
866Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP?? Potentiometers
logo
Intersil Corporation
X9259UV24IZ-2.7 INTERSIL-X9259UV24IZ-2.7 Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
X9259UV24IZ-2.7 INTERSIL-X9259UV24IZ-2.7 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
More results

Similar Description - X9259UV24IZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9259 RENESAS-X9259 Datasheet
866Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP?? Potentiometers
X9269 RENESAS-X9269 Datasheet
923Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
X9268 RENESAS-X9268 Datasheet
850Kb / 22P
   Dual Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
X9251 RENESAS-X9251 Datasheet
849Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled (XDCP??Potentiometer
X9409 RENESAS-X9409 Datasheet
788Kb / 19P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled Potentiometers (XDCP)
X9408 RENESAS-X9408 Datasheet
814Kb / 20P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled (XDCP?? Potentiometers
X9271 RENESAS-X9271 Datasheet
791Kb / 19P
   Single Supply/Low Power/256-Tap/SPI Bus Single, Digitally Controlled (XDCP?? Potentiometer
X9252 RENESAS-X9252 Datasheet
800Kb / 19P
   Low Power Quad 256-tap 2-Wire Bus Up/Down Interface Quad Digitally-Controlled (XDCP?? Potentiometer
X9118 RENESAS-X9118 Datasheet
736Kb / 17P
   Dual Supply/Low Power/1024-Tap/2-Wire Bus Single Digitally-Controlled (XDCP?? Potentiometer
X9250 RENESAS-X9250 Datasheet
822Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps Quad Digitally Controlled Potentiometers (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com