Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9221AUSI Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9221AUSI
Description  Dual Digitally Controlled Potentiometer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9221AUSI Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X9221AUSI Datasheet HTML 3Page - Intersil Corporation X9221AUSI Datasheet HTML 4Page - Intersil Corporation X9221AUSI Datasheet HTML 5Page - Intersil Corporation X9221AUSI Datasheet HTML 6Page - Intersil Corporation X9221AUSI Datasheet HTML 7Page - Intersil Corporation X9221AUSI Datasheet HTML 8Page - Intersil Corporation X9221AUSI Datasheet HTML 9Page - Intersil Corporation X9221AUSI Datasheet HTML 10Page - Intersil Corporation X9221AUSI Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SCL from
Data Output
1
89
START
Acknowledge
Master
from Transmitter
Data Output
from Receiver
7
FN8163.2
August 30, 2006
Figure 7. Acknowledge Response from Receiver
DETAILED OPERATION
Both XDCP potentiometers share the serial interface
and share a common architecture. Each potentiometer
is comprised of a resistor array, a wiper counter regis-
ter and four data registers. A detailed discussion of the
register organization and array operation follows.
Wiper Counter Register
The X9221A contains two wiper counter registers
(WCR), one for each XDCP potentiometer. The WCR
can be envisioned as a 6-bit parallel and serial load
counter with its outputs decoded to select one of sixty-
four switches along its resistor array. The contents of
the WCR can be altered in four ways: it may be written
directly by the host via the Write WCR instruction
(serial load); it may be written indirectly by transferring
the contents of one of four associated data registers
via the XFR Data Register instruction (parallel load); it
can be modified one step at a time by the Increment/
Decrement instruction; finally, it is loaded with the con-
tents of its data register zero (R0) upon power-up.
The WCR is a volatile register; that is, its contents are
lost when the X9221A is powered-down. Although the
register is automatically loaded with the value in R0
upon power-up, it should be noted this may be differ-
ent from the value present at power-down.
Data Registers
Each potentiometer has four nonvolatile data regis-
ters. These can be read or written directly by the host
and data can be transferred between any of the four
data registers and the WCR. It should be noted all
operations changing data in one of these registers is a
nonvolatile operation and will take a maximum of
10ms.
If the application does not require storage of multiple
settings for the potentiometer, these registers can be
used as regular memory locations that could possibly
store system parameters or user preference data.
X9221A


Similar Part No. - X9221AUSI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9221AUSI INTERSIL-X9221AUSI Datasheet
259Kb / 15P
   64 Taps, 2-Wire Serial Bus
X9221AUSI INTERSIL-X9221AUSI Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
logo
Renesas Technology Corp
X9221AUSI RENESAS-X9221AUSI Datasheet
638Kb / 15P
   64 Taps, 2-Wire Serial Bus Dual Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9221AUSIZ INTERSIL-X9221AUSIZ Datasheet
259Kb / 15P
   64 Taps, 2-Wire Serial Bus
X9221AUSIZ INTERSIL-X9221AUSIZ Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
More results

Similar Description - X9221AUSI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9410 INTERSIL-X9410_06 Datasheet
397Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Xicor Inc.
X9410 XICOR-X9410 Datasheet
123Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Intersil Corporation
X9221A INTERSIL-X9221A_06 Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
ISL22424 INTERSIL-ISL22424 Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com