Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9258US24Z-2.7 Datasheet(PDF) 10 Page - Intersil Corporation

Part # X9258US24Z-2.7
Description  Quad Digital Controlled Potentiometers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9258US24Z-2.7 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X9258US24Z-2.7 Datasheet HTML 6Page - Intersil Corporation X9258US24Z-2.7 Datasheet HTML 7Page - Intersil Corporation X9258US24Z-2.7 Datasheet HTML 8Page - Intersil Corporation X9258US24Z-2.7 Datasheet HTML 9Page - Intersil Corporation X9258US24Z-2.7 Datasheet HTML 10Page - Intersil Corporation X9258US24Z-2.7 Datasheet HTML 11Page - Intersil Corporation X9258US24Z-2.7 Datasheet HTML 12Page - Intersil Corporation X9258US24Z-2.7 Datasheet HTML 13Page - Intersil Corporation X9258US24Z-2.7 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
FN8168.6
December 15, 2011
XFR Data Register (DR) to Wiper Counter Register (WCR)
XFR Wiper Counter Register (WCR) to Data Register (DR)
Increment/Decrement Wiper Counter Register (WCR)
Global XFR Data Register (DR) to Wiper Counter Register (WCR)
Global XFR Wiper Counter Register (WCR) to Data Register (DR)
Symbol Table
Guidelines for Calculating Typical Values of Bus
Pull-Up Resistors
S
T
A
R
T
DEVICE
TYPE
IDENTIFIER
DEVICE
ADDRESSES
S
A
C
K
INSTRUCTION
OPCODE
DR AND WCR
ADDRESSES
S
A
C
K
S
T
O
P
0
1
0
1 A3 A2 A1 A0
1101 R1 R0 P1 P0
S
T
A
R
T
DEVICE
TYPE
IDENTIFIER
DEVICE
ADDRESSES
S
A
C
K
INSTRUCTION
OPCODE
DR AND WCR
ADDRESSES
S
A
C
K
S
T
O
P
HIGH-VOLTAGE
WRITE CYCLE
0
1
0
1 A3 A2 A1 A0
1
1
1
0 R1 R0 P1 P0
S
T
A
R
T
DEVICE TYPE
IDENTIFIER
DEVICE
ADDRESSES
S
A
C
K
INSTRUCTION
OPCODE
WCR
ADDRESSES
S
A
C
K
INCREMENT/DECREMENT
(SENT BY MASTER ON SDA) S
T
O
P
0
1
0
1 A3 A2 A1 A0
0
0
1
0
0
0
P1 P0
I/D I/D .
.
.
. I/D I/D
S
T
A
R
T
DEVICE TYPE
IDENTIFIER
DEVICE
ADDRESSES
S
A
C
K
INSTRUCTION
OPCODE
DR
ADDRESSES
S
A
C
K
S
T
O
P
0
1
0
1 A3 A2 A1 A0
0
0
0
1 R1 R0 0
0
S
T
A
R
T
DEVICE
TYPE
IDENTIFIER
DEVICE
ADDRESSES
S
A
C
K
INSTRUCTION
OPCODE
DR
ADDRESSES
S
A
C
K
S
T
O
P
HIGH-VOLTAGE
WRITE CYCLE
0101 A3 A2 A1 A0
1
0
0
0
R1 R0 00
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from Low to
High
Will change
from Low to
High
May change
from High to
Low
Will change
from High to
Low
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
120
100
80
40
60
20
20
40
60
80
100
120
0
0
BUS CAPACITANCE (pF)
MINIMUM
RESISTANCE
MAXIMUM
RESISTANCE
RMAX =
RMIN =
IOL MIN
VCC MAX
=1.8kΩ
CBUS
tR
X9258


Similar Part No. - X9258US24Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9258US24Z-2.7 INTERSIL-X9258US24Z-2.7 Datasheet
329Kb / 20P
   Quad Digital Controlled Potentiometers
X9258US24Z-2.7 INTERSIL-X9258US24Z-2.7 Datasheet
491Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps
logo
Renesas Technology Corp
X9258US24Z-2.7 RENESAS-X9258US24Z-2.7 Datasheet
801Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps Quad Digital Controlled Potentiometers (XDCP??
More results

Similar Description - X9258US24Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X95840 INTERSIL-X95840 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers
X95840 INTERSIL-X95840_06 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers
X9258US24 INTERSIL-X9258US24 Datasheet
329Kb / 20P
   Quad Digital Controlled Potentiometers
ISL90843 INTERSIL-ISL90843 Datasheet
750Kb / 10P
   Quad Digital Controlled Potentiometers (XDCP??
X9258 INTERSIL-X9258_11 Datasheet
634Kb / 20P
   Quad Digital Controlled Potentiometers(XDCP??
logo
Xicor Inc.
X9258 XICOR-X9258 Datasheet
413Kb / 22P
   Quad Digital Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90843 RENESAS-ISL90843 Datasheet
1Mb / 20P
   Quad Digital Controlled Potentiometers (XDCP™)
March 29, 2006
logo
Copal Electronics
DP7259 COPAL-DP7259 Datasheet
174Kb / 16P
   Quad Digital Potentiometers
DP7401 COPAL-DP7401 Datasheet
164Kb / 15P
   Quad Digital Potentiometers
DP7409 COPAL-DP7409 Datasheet
173Kb / 16P
   Quad Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com