Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9271UV14IZ-2.7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9271UV14IZ-2.7
Description  Single, Digitally Controlled Potentiometer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9271UV14IZ-2.7 Datasheet(HTML) 1 Page - Intersil Corporation

  X9271UV14IZ-2.7 Datasheet HTML 1Page - Intersil Corporation X9271UV14IZ-2.7 Datasheet HTML 2Page - Intersil Corporation X9271UV14IZ-2.7 Datasheet HTML 3Page - Intersil Corporation X9271UV14IZ-2.7 Datasheet HTML 4Page - Intersil Corporation X9271UV14IZ-2.7 Datasheet HTML 5Page - Intersil Corporation X9271UV14IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X9271UV14IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X9271UV14IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X9271UV14IZ-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
FN8174.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774 | Copyright Intersil Americas LLC 2005, 2011, 2014. All Rights Reserved
Intersil (and design) and XDCP are trademarks owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
X9271
Single Supply/Low Power/256-Tap/SPI Bus
Single, Digitally Controlled (XDCP™)
Potentiometer
The X9271 integrates a single, digitally controlled
potentiometer (XDCP™) on a monolithic CMOS integrated
circuit.
The digitally controlled potentiometer is implemented by
using 255 resistive elements in a series array. Between each
element are tap points connected to the wiper terminal
through switches. The position of the wiper on the array is
controlled by the user through the SPI bus interface. The
potentiometer has associated with it a volatile Wiper Counter
Register (WCR) and four nonvolatile data registers that can
be directly written to and read by the user. The contents of
the WCR control the position of the wiper on the resistor
array though the switches. Power-up recalls the contents of
the default data register (DR0) to the WCR.
The XDCP can be used as a three-terminal potentiometer or
as a two-terminal variable resistor in a wide variety of
applications including control, parameter adjustments, and
signal processing.
Features
• 256 Resistor Taps
• SPI Serial Interface for Write, Read, and Transfer
Operations of Potentiometer
• Wiper Resistance, 100Ω typical at VCC = 5V
• 16 Nonvolatile Data Registers
• Nonvolatile Storage of Multiple Wiper Positions
• Power-on Recall; Loads Saved Wiper Position on
Power-up
• Standby Current <3µA Max
•VCC = 2.7V to 5.5V Operation
•50kΩ End-to-End Resistance
• 100-yr Data Retention
• Endurance: 100,000 Data Changes per Bit per Register
• 14-Lead TSSOP
• Low-power CMOS
• Pb-Free Plus Anneal Available (RoHS Compliant)
Functional Diagram
50kΩ
RH
RL
RW
POT
VCC
VSS
SPI
BUS
POWER-ON RECALL
WIPER COUNTER
REGISTER (WCR)
DATA REGISTERS
16 Bytes
INTERFACE
BUS
INTERFACE
AND CONTROL
ADDRESS
DATA
STATUS
WRITE
READ
TRANSFER
INC/DEC
CONTROL
256 TAPS
Data Sheet
July 18, 2014


Similar Part No. - X9271UV14IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9271UV14IZ-2.7 INTERSIL-X9271UV14IZ-2.7 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
logo
Renesas Technology Corp
X9271UV14IZ-2.7 RENESAS-X9271UV14IZ-2.7 Datasheet
791Kb / 19P
   Single Supply/Low Power/256-Tap/SPI Bus Single, Digitally Controlled (XDCP?? Potentiometer
X9271UV14IZ-2.7T1 RENESAS-X9271UV14IZ-2.7T1 Datasheet
791Kb / 19P
   Single Supply/Low Power/256-Tap/SPI Bus Single, Digitally Controlled (XDCP?? Potentiometer
More results

Similar Description - X9271UV14IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com