Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9221AUSIZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9221AUSIZ
Description  Dual Digitally Controlled Potentiometer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9221AUSIZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X9221AUSIZ Datasheet HTML 2Page - Intersil Corporation X9221AUSIZ Datasheet HTML 3Page - Intersil Corporation X9221AUSIZ Datasheet HTML 4Page - Intersil Corporation X9221AUSIZ Datasheet HTML 5Page - Intersil Corporation X9221AUSIZ Datasheet HTML 6Page - Intersil Corporation X9221AUSIZ Datasheet HTML 7Page - Intersil Corporation X9221AUSIZ Datasheet HTML 8Page - Intersil Corporation X9221AUSIZ Datasheet HTML 9Page - Intersil Corporation X9221AUSIZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SCL
SDA
VW/RW
INC/DEC
CMD
Issued
Voltage Out
tCLWV
6
FN8163.2
August 30, 2006
Figure 6. Increment/Decrement Timing Limits
Table 1. Instruction Set
Note: (7) N/A = Not applicable or don’t care; that is, a data register is not involved in the operation and need not be addressed (typical)
Instruction
Instruction Format
Operation
I3
I2
I1
I0
0P0
R1
R0
Read WCR
1
0
0
1
0
1/0 N/A(7) N/A Read the contents of the Wiper Counter Register
pointed to by P0
Write WCR
1
0
1
0
0
1/0
N/A
N/A Write new value to the Wiper Counter Register
pointed to by P0
Read Data Register
1
0
1
1
0
1/0
1/0
1/0
Read the contents of the Register pointed to by
P0 and R1–R0
Write Data Register
1
1
0
0
0
1/0
1/0
1/0
Write new value to the Register pointed to by P0
and R1–R0
XFR Data Register to
WCR
1
1
0
1
0
1/0
1/0
1/0
Transfer the contents of the Register pointed to
by P0 and R1–R0 to its associated WCR
XFR WCR to Data
Register
1
1
1
0
0
1/0
1/0
1/0
Transfer the contents of the WCR pointed to by
P0 to the Register pointed to by R1–R0
Global XFR Data
Register to WCR
0
0
0
1
N/A
N/A
1/0
1/0
Transfer the contents of the Data Registers
pointed to by R1–R0 of both pots to their
respective WCR
Global XFR WCR
to Data Register
1
0
0
0
N/A
N/A
1/0
1/0
Transfer the contents of all WCRs to their
respective data Registers pointed to by R1–R0
of both pots
Increment/Decrement
Wiper
0
0
1
0
0
1/0
N/A
N/A Enable Increment/decrement of the WCR point-
ed to by P0
X9221A


Similar Part No. - X9221AUSIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9221AUSIZ INTERSIL-X9221AUSIZ Datasheet
259Kb / 15P
   64 Taps, 2-Wire Serial Bus
X9221AUSIZ INTERSIL-X9221AUSIZ Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
logo
Renesas Technology Corp
X9221AUSIZ RENESAS-X9221AUSIZ Datasheet
638Kb / 15P
   64 Taps, 2-Wire Serial Bus Dual Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9221AUSIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9410 INTERSIL-X9410_06 Datasheet
397Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Xicor Inc.
X9410 XICOR-X9410 Datasheet
123Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Intersil Corporation
X9221A INTERSIL-X9221A_06 Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
ISL22424 INTERSIL-ISL22424 Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com