Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9258UV24IZ-2.7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9258UV24IZ-2.7
Description  Quad Digital Controlled Potentiometers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9258UV24IZ-2.7 Datasheet(HTML) 1 Page - Intersil Corporation

  X9258UV24IZ-2.7 Datasheet HTML 1Page - Intersil Corporation X9258UV24IZ-2.7 Datasheet HTML 2Page - Intersil Corporation X9258UV24IZ-2.7 Datasheet HTML 3Page - Intersil Corporation X9258UV24IZ-2.7 Datasheet HTML 4Page - Intersil Corporation X9258UV24IZ-2.7 Datasheet HTML 5Page - Intersil Corporation X9258UV24IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X9258UV24IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X9258UV24IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X9258UV24IZ-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
X9258
Low Noise/Low Power/2-Wire Bus/256 Taps
Quad Digital Controlled Potentiometers
(XDCP™)
The X9258 integrates 4 digitally controlled potentiometers
(XDCP™) on a monolithic CMOS integrated circuit.
The digitally controlled potentiometer is implemented using
255 resistive elements in a series array. Between each
element are tap points connected to the wiper terminal
through switches. The position of the wiper on the array is
controlled by the user through the 2-wire bus interface. Each
potentiometer has associated with it a volatile Wiper Counter
Register (WCR) and 4 non-volatile Data Registers
(DR0:DR3) that can be directly written to and read by the
user. The contents of the WCR controls the position of the
wiper on the resistor array though the switches. Power-up
recalls the contents of DR0 to the WCR.
The XDCP™ can be used as a three-terminal potentiometer
or as a two-terminal variable resistor in a wide variety of
applications including control, parameter adjustments, and
signal processing.
Features
• Four potentiometers in one package
• 256 resistor taps/potentiometer................. 0.4% resolution
• 2-wire serial interface
• Wiper resistance, 40Ω typical @ V+ = 5V, V- = -5V
• Four nonvolatile data registers for each potentiometer
• Nonvolatile storage of wiper position
• Standby current <5µA max (total package)
• Power supplies
-VCC = 2.7V to 5.5V
- V+ = 2.7V to 5.5V
- V- = -2.7V to -5.5V
•100kΩ, 50kΩ total potentiometer resistance
• High reliability
- Endurance: 100,000 data changes per bit per register
- Register data retention . . . . . . . . . . . . . . . . . . 100 years
• 24 Ld SOIC, 24 Ld TSSOP
• Dual supply version of X9259
• Pb-free (RoHS compliant)
Block Diagram
INTERFACE
AND
CONTROL
CIRCUITRY
SCL
SDA
A0
A1
A2
A3
R0 R1
R2 R3
WIPER
COUNTER
REGISTER
(WCR)
RESISTOR
ARRAY
POT 1
VH1/RH1
VL1/RL1
R0 R1
R2 R3
WIPER
COUNTER
REGISTER
(WCR)
VH0/RH0
VL0/RL0
DATA
8
VW0/RW0
VW1/RW1
R0 R1
R2 R3
RESISTOR
ARRAY
VH2/RH2
VL2/RL2
VW2/RW2
R0 R1
R2 R3
RESISTOR
ARRAY
VH3/RH3
VL3/RL3
VW3/RW3
WIPER
COUNTER
REGISTER
(WCR)
WIPER
COUNTER
REGISTER
(WCR)
POT 3
POT 2
WP
POT 0
VCC
VSS
V+
V-
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas Inc. 2005, 2006, 2011. All Rights Reserved
Intersil (and design) and XDCP are trademarks owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
Data Sheet
FN8168.6
December 15, 2011


Similar Part No. - X9258UV24IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9258UV24IZ-2.7 INTERSIL-X9258UV24IZ-2.7 Datasheet
329Kb / 20P
   Quad Digital Controlled Potentiometers
X9258UV24IZ-2.7 INTERSIL-X9258UV24IZ-2.7 Datasheet
491Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps
logo
Renesas Technology Corp
X9258UV24IZ-2.7 RENESAS-X9258UV24IZ-2.7 Datasheet
801Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps Quad Digital Controlled Potentiometers (XDCP??
More results

Similar Description - X9258UV24IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X95840 INTERSIL-X95840 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers
X95840 INTERSIL-X95840_06 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers
X9258US24 INTERSIL-X9258US24 Datasheet
329Kb / 20P
   Quad Digital Controlled Potentiometers
ISL90843 INTERSIL-ISL90843 Datasheet
750Kb / 10P
   Quad Digital Controlled Potentiometers (XDCP??
X9258 INTERSIL-X9258_11 Datasheet
634Kb / 20P
   Quad Digital Controlled Potentiometers(XDCP??
logo
Xicor Inc.
X9258 XICOR-X9258 Datasheet
413Kb / 22P
   Quad Digital Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90843 RENESAS-ISL90843 Datasheet
1Mb / 20P
   Quad Digital Controlled Potentiometers (XDCP™)
March 29, 2006
logo
Copal Electronics
DP7259 COPAL-DP7259 Datasheet
174Kb / 16P
   Quad Digital Potentiometers
DP7401 COPAL-DP7401 Datasheet
164Kb / 15P
   Quad Digital Potentiometers
DP7409 COPAL-DP7409 Datasheet
173Kb / 16P
   Quad Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com