Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9268US24Z Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9268US24Z
Description  Dual Digitally-Controlled (XDCP) Potentiometers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9268US24Z Datasheet(HTML) 5 Page - Intersil Corporation

  X9268US24Z Datasheet HTML 1Page - Intersil Corporation X9268US24Z Datasheet HTML 2Page - Intersil Corporation X9268US24Z Datasheet HTML 3Page - Intersil Corporation X9268US24Z Datasheet HTML 4Page - Intersil Corporation X9268US24Z Datasheet HTML 5Page - Intersil Corporation X9268US24Z Datasheet HTML 6Page - Intersil Corporation X9268US24Z Datasheet HTML 7Page - Intersil Corporation X9268US24Z Datasheet HTML 8Page - Intersil Corporation X9268US24Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
FN8172.4
August 29, 2006
PIN DESCRIPTIONS
Bus Interface Pins
SERIAL DATA INPUT/OUTPUT (SDA)
The SDA is a bidirectional serial data input/output pin
for a 2-Wire slave device and is used to transfer data
into and out of the device. It receives device address,
opcode, wiper register address and data sent from an
2-Wire master at the rising edge of the serial clock
SCL, and it shifts out data after each falling edge of
the serial clock SCL.
It is an open drain output and may be wire-ORed with
any number of open drain or open collector outputs.
An open drain output requires the use of a pull-up
resistor. For selecting typical values, refer to the
guidelines for calculating typical values on the bus
pull-up resistors graph.
SERIAL CLOCK (SCL)
This input is used by 2-Wire master to supply 2-Wire
serial clock to the X9268.
DEVICE ADDRESS (A3 - A0)
The address inputs are used to set the least significant
3 bits of the 8-bit slave address. A match in the slave
address serial data stream must be made with the
Address input in order to initiate communication with
the X9268. A maximum of 8 devices may occupy the
2-Wire serial bus.
Potentiometer Pins
RH, RL
The RH and RL pins are equivalent to the terminal
connections on a mechanical potentiometer. Since
there are 2 potentiometers, there are 2 sets of RH and
RL such that RH0 and RL0 are the terminals of POT 0
and so on.
RW
The wiper pin are equivalent to the wiper terminal of a
mechanical
potentiometer.
Since
there
are
4
potentiometers, there are 2 sets of RW such that RW0
is the terminal of POT 0 and so on.
Bias Supply Pins
SYSTEM SUPPLY VOLTAGE (VCC) AND SUPPLY
GROUND (VSS)
The VCC pin is the system supply voltage. The VSS
pin is the system ground.
Analog Supply Voltages (V+ and V
-)
These supplies are the analog voltage supplies for the
potentiometer. The V+ supply is tied to the wiper
switches while the V- supply is used to bias the
switches and the internal P+ substrate of the
integrated circuit. Both of these supplies set the
voltage limits of the potentiometer.
Other Pins
NO CONNECT
No connect pins should be left open. This pins are
used for Intersil manufacturing and testing purposes.
HARDWARE WRITE PROTECT INPUT (WP)
The WP pin when LOW prevents nonvolatile writes to
the Data Registers.
X9268


Similar Part No. - X9268US24Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9268US24Z INTERSIL-X9268US24Z Datasheet
320Kb / 22P
   Dual Digitally-Controlled Potentiometers
logo
Renesas Technology Corp
X9268US24Z RENESAS-X9268US24Z Datasheet
850Kb / 22P
   Dual Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
More results

Similar Description - X9268US24Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22329 INTERSIL-ISL22329 Datasheet
393Kb / 13P
   Dual Digitally Controlled Potentiometers XDCP
logo
Xicor Inc.
X9400 XICOR-X9400 Datasheet
150Kb / 22P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9250TS24I INTERSIL-X9250TS24I Datasheet
360Kb / 20P
   Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
X9408 INTERSIL-X9408_09 Datasheet
336Kb / 20P
   Quad Digitally Controlled (XDCP?? Potentiometers
logo
Xicor Inc.
X9250 XICOR-X9250 Datasheet
181Kb / 21P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
ISL90841 INTERSIL-ISL90841_06 Datasheet
1Mb / 12P
   Quad Digitally Controlled Potentiometers (XDCP??
logo
Xicor Inc.
X9259 XICOR-X9259 Datasheet
400Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometers
logo
Intersil Corporation
ISL90840 INTERSIL-ISL90840_06 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90840 RENESAS-ISL90840 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™)
November 14, 2006
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
   Dual Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com